Part Number Hot Search : 
BU2620F D2011 2SA115 MBR1545 GF7NB60 SC183C UL302048 7C756T
Product Description
Full Text Search
 

To Download LM2904WH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM2904WH
Low power dual operational amplifier
Features

Internally frequency compensated Large DC voltage gain: 100 dB Wide bandwidth (unity gain: 1.1 MHz temperature compensated) Very low supply current per operator (500 A) Low input bias current: 20 nA (temperaturecompensated) Low input offset current: 2 nA Input common-mode voltage range includes ground Differential input voltage range equal to the power supply voltage Large output voltage swing 0 V to VCC - 1.5 V Internal ESD protection: - 2 kV HBM - 200 V MM Wafer form D SO-8 (Plastic micropackage)
Description
This circuit consists of two independent, highgain, internally frequency-compensated operational amplifiers, designed specifically for automotive and industrial control systems. It operates from a single power supply over a wide range of voltages. The low power supply drain is independent of the magnitude of the power supply voltage. Application areas include transducer amplifiers, DC gain blocks and all the conventional op-amp circuits which now can be more easily implemented in single power supply systems. For example, these circuits can be directly supplied from standard +5 V which is used in logic systems and will easily provide the required interface electronics without requiring any additional power supply.
In linear mode, the input common-mode voltage range includes ground and the output voltage can also swing to ground, even though operated from a single power supply.
April 2008
Rev 6
1/12
www.st.com 12
Schematic diagram
LM2904WH
1
Schematic diagram
Figure 1. Schematic diagram (1/2 LM2904WH)
Figure 2.
Pad locations
Name Pad placement Pad dimensions
E+ (2)
GND
E+ (1) X GND E+1 E-1 480 940 1010 910 480 55 -30 -30 Y 1040 1030 620 55 70 55 620 1030 X 102 102 102 102 102 102 102 102 Y 102 102 102 102 102 102 102 102
E- (2)
E- (1)
OUT1 Vcc +
Die id.
year
y
OUT2 E-2 E+2
OUT 2
Vcc +
OUT 1
x
The origin coordinate is at the bottom left part of the OUT2 pin. All dimensions are specified in micrometers (m).
2/12
LM2904WH
Absolute maximum ratings and operating conditions
2
Absolute maximum ratings and operating conditions
Table 1.
Symbol VCC+ Vid Vin Supply voltage Differential input voltage Input voltage Output short-circuit to ground(1) Tj Rthja Rthjc Iin Tstg Maximum junction temperature Thermal resistance junction to ambient SO-8 Thermal resistance junction to case (2) SO-8 Input current (3) Storage temperature range HBM: human body model(4) ESD MM: machine model(5)
(6) (2)
Absolute maximum ratings
Parameter Value +32 -0.3 to VCC+0.3 -0.3 to VCC+0.3 40 150 125 40 5 -65 to +150 2 200 1.5 Unit V V V mA C C/W C/W mA C kV V kV
CDM: charged device model
1. Short-circuits from the output to VCC can cause excessive heating if VCC+ > 15 V. The maximum output current is approximately 40 mA, independent of the magnitude of VCC. Destructive dissipation can result from simultaneous short-circuits on all amplifiers. 2. Short-circuits can cause excessive heating and destructive dissipation. Values are typical. 3. This input current only exists when the voltage values applied on the inputs is beyond the supply voltage line limits. This is not destructive if the current does not exceed 5 mA as indicated, and normal output is restored for input voltages above -0.3V. 4. Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a 1.5k resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 5. Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5). This is done for all couples of connected pin combinations while the other pins are floating. 6. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins.
Table 2.
Symbol VCC
+
Operating conditions
Parameter Supply voltage Operating free-air temperature range Input common mode voltage range (VCC+=+30V)(1) Tamb = 25C Tmin Tamb Tmax Value 3 to 30 -40 to +150 Unit V C
Toper
Vicm
0 to VCC+ -1.5 0 to VCC+ -2
V
1. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is VCC+ -1.5 V, but either or both inputs can go to +32 V without damage.
3/12
Electrical characteristics
LM2904WH
3
Electrical characteristics
Table 3.
Symbol Vio Iio Iib
VCC+ = 5V, VCC- = Ground, Vo = 1.4V, Tamb = 25C (unless otherwise specified)
Parameter Input offset voltage (1) Tmin Tamb Tmax Input offset current Tmin Tamb Tmax Input bias current (2) Tmin Tamb Tmax Large signal voltage gain , VCC+ = +15V,RL=2k Vo = 1.4V to 11.4V Tmin Tamb Tmax Supply voltage rejection ratio VCC+ = +5 to +30V, RS 10k Tmin Tamb Tmax Supply current, all amps, no load VCC+ = +5V Tmin Tamb Tmax, VCC = +30V Common-mode rejection ratio (RS = 10k) Tmin Tamb Tmax Output short-circuit current VCC+= +15V, Vo = +2V, Vid = +1V Tmin Tamb Tmax Output sink current VO = 2V, VCC+ = +5V Tmin Tamb Tmax VO = +0.2V, VCC+ = +15V Tmin Tamb Tmax 70 60 20 10 10 5 12 10 0 0 26 26 27 27 27 V 28 5 20 20 50 2.5 65 65 Min. Typ. 2 2 20 Max. 7 9 30 40 150 200 Unit mV nA nA
Avd
100
V/mV
SVR
100
dB
ICC
0.7 85
1.2 2
mA
CMR
dB
Isource
40
60
mA
20
mA
Isink
50 VCC+ -1.5 VCC+ -2
A
VOPP
Output voltage swing (RL = 2k) Tmin Tamb Tmax High level output voltage (VCC+ = + 30V) RL = 2k Tmin Tamb Tmax RL = 10k Tmin Tamb Tmax
V
VOH
VOL
Low level output voltage (RL = 10k) Tmin Tamb Tmax
mV
4/12
LM2904WH Table 3.
Symbol
Electrical characteristics VCC+ = 5V, VCC- = Ground, Vo = 1.4V, Tamb = 25C (unless otherwise specified) (continued)
Parameter Slew rate (unity gain) VCC+ = 15V, Vi = 0.5 to 3V, RL = 2k CL = 100pF, , Tmin Tamb Tmax Gain bandwidth product f = 100kHz , VCC+ = 30V, Vin = 10mV, RL = 2k CL = 100pF Tmin Tamb Tmax Total harmonic distortion f = 1kHz, AV = 20dB, RL = 2k Vo = 2Vpp, , CL = 100pF, VCC = 30V Equivalent input noise voltage , f = 1kHz, RS = 100 VCC = 30V Input offset voltage drift Input offset current drift Channel separation (3) 1kHz f 20kHz Min. Typ. Max. Unit
SR
0.3 0.2 0.7 0.45
0.6
V/s
GBP
1.1
MHz
THD
% 0.02 55 7 10 120 30 300 nV/Hz V/C pA/C dB
en DVio DIio VO1/VO2
1.
VO = 1.4 V, RS = 0 , 5 V < VCC+ < 30 V, 0 V < Vic < VCC+ - 1.5 V.
2. The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output, so there is no change in the loading charge on the input lines. 3. Due to the proximity of external components, ensure that stray capacitance does not cause coupling between these external parts. Typically, this can be detected because this type of capacitance increases at higher frequencies.
5/12
Electrical characteristics
LM2904WH
Figure 3.
120
Open loop frequency response
TAmbient=+25C
Figure 4.
20
Large signal frequency response
100k 1k
OUTPUT SWING (Vpp)
100 80 GAIN (dB) 60 40 20 0 0 10
TAmbient=+150C
TAmbient=+125C
-
+15V VO
15
VI +7V + 2k
10
5
0
10
1
10
2
10
3
10
4
10
5
10
6
1k
10k
100k
1M
FREQUENCY (Hz)
FREQUENCY (Hz)
Figure 5.
Voltage follower pulse response
4 3 2 1 0 3 RL 2 k VCC = +15V
Figure 6.
50 INPUT BIAS CURRENT (nA)
Input bias current
OUTPUT VOLTAGE (V)
40
TAmbient=+125C TAmbient=+150C
30
20
TAmbient=+25C TAmbient=-40C
INPUT VOLTAGE (V)
2 1
10
0
0 10 20 30 40
10
20
30
TIME (s)
SUPPLY VOLTAGE (V)
Figure 7.
1.5 SUPPLY CURRENT (mA)
Supply current
Figure 8.
OUTPUT VOLTAGE REFERENCED
Output characteristics
8 7 6
V CC /2 + IO VO V CC
TAmbient=-40C
T Ambient=+25C
1.0
T Ambient=+125C
TO VCC+ (V)
5 4 3 2 1
0,001 0,01
-
0.5
T Ambient=+150C
Independent of V CC T amb = +25C
0.0
0
10
20
30
0,1
1
10
100
SUPPLY VOLTAGE (V)
OUTPUT SOURCE CURRENT (mA)
6/12
LM2904WH
Electrical characteristics
Figure 9.
Output characteristics
10 VCC = +5V VCC = +15V VCC = +30V 1
v cc v cc /2 IO + VO
Figure 10. Current limiting
90
OUTPUT CURRENT (mA)
80 70 60 50 40 30 20 10 0
-
IO
OUTPUT VOLTAGE (V)
+
0.1
0.01
0,001 0,01 0,1
Tamb = +25C 1 10 100
-55 -35
-15
5
25
45
65
85 105
125
OUTPUT SINK CURRENT ( A)
TEMPERATURE (C)
Figure 11. Voltage follower pulse response
500
Figure 12. Input voltage range
15
OUTPUT VOLTAGE (mV)
450
el
eO 50pF
INPUT VOLTAGE (V)
+
400 Input 350 Output 300 250
0 1 2 3 4
10
Negative
5
Positive
Tamb = +25C VCC = 30 V
5 6 7 8 0 5 10 15
TIME (ms)
POWER SUPPLY VOLTAGE (V)
Figure 13. Voltage gain
160 R L = 20k
Figure 14. Gain bandwidth product
GAIN BANDWIDTH PRODUCT (MHz) 1.5 1.35 1.2 1.05 0.9 0.75 0.6 0.45 0.3 0.15 0 -55-35-15 5 25 45 65 85 105 125 TEMPERATURE (C) VCC = 15V
VOLTAGE GAIN (dB)
120 R L = 2k
80
40
0
10
20
30
40
POSITIVE SUPPLY VOLTAGE (V)
7/12
Electrical characteristics
LM2904WH
Figure 15. Power supply rejection ratio versus Figure 16. Common mode rejection ratio temperature versus temperature
POWER SUPPLY REJECTION RATIO (dB) 115 110 SVR 105 100 95 90 85 80 75 70 65 60-55-35-15 5 25 45 65 85 105 125 TEMPERATURE (C) COMMON MODE REJECTION RATIO (dB) 115 110 105 100 95 90 85 80 75 70 65 60-55-35-15 5 25 45 65 85 105 125 TEMPERATURE (C)
8/12
LM2904WH
Package information
4
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics trademark. ECOPACK specifications are available at: www.st.com.
9/12
Package information Figure 17. SO-8 package mechanical drawing
LM2904WH
Table 4.
SO-8 package mechanical data
Dimensions
Ref. Min. A A1 A2 b c D E E1 e h L k ccc 0.25 0.40 1 0.10 1.25 0.28 0.17 4.80 5.80 3.80
Millimeters Typ. Max. 1.75 0.25 0.004 0.049 0.48 0.23 4.90 6.00 3.90 1.27 0.50 1.27 8 0.10 0.010 0.016 1 5.00 6.20 4.00 0.011 0.007 0.189 0.228 0.150 Min.
Inches Typ. Max. 0.069 0.010
0.019 0.010 0.193 0.236 0.154 0.050 0.020 0.050 8 0.004 0.197 0.244 0.157
10/12
LM2904WH
Ordering information
5
Ordering information
Table 5. Order codes
Temperature range Package Wafer SO-8 -40C, +150C SO-8 (Automotive grade) Tube or Tape & reel Tube or Tape & reel 2904WH Packing Marking
Order code JLM2904WH-CD1 LM2904WHD LM2904WHDT LM2904WHYD(1) LM2904WHYDT(1)
2904WHY
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent.
6
Revision history
Table 6.
Date 01-Sep-2003 01-Jul-2005 01-Oct-2005 27-Sep- 2006
Document revision history
Revision 1 2 3 4 Initial release. PPAP references inserted in the datasheet, see Section 5: Ordering information. Correction of error in AVD min. value in Table 3. Minor grammatical and formatting changes throughout. Correction of error in AVD min. value in Table 3. ESD values added in Table 1: Absolute maximum ratings. Equivalent input noise parameter added in Table 3. Electrical characteristics curves updated. Section 4: Package information updated. Added Rthja and Rthjc parameters in Table 1: Absolute maximum ratings. Updated format of package information for SO-8. Corrected marking error in Table 5: Order codes (2904WHY, not 2904WY). Changes
20-Jul-2007
5
07-Apr-2008
6
11/12
LM2904WH
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of LM2904WH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X