Part Number Hot Search : 
TBB512 AM29F016 B1205 P414KW ITA6V1U1 V1N3035C SIT8503 ACHIP
Product Description
Full Text Search
 

To Download KBPC6005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC6005 THRU KBPC610
SINGLE PHASE SILICON BRIDGE RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 6.0A
FEATURE
Surge overload rating: 125 A peak High case dielectric strength
KBPC 6
MECHANICAL DATA
Terminal: Plated leads solderable per MIL-STD 202E, method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting: Hole thru for # 6 screw
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL
KBPC 6005
KBPC 601
KBPC 602
KBPC 604
KBPC 606
KBPC 608
KBPC 610
units
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current at Tc =75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at forward current 3.0A DC Maximum DC Reverse Current at rated DC blocking voltage Operating Temperature Range Ta =25C Ta =100C
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Tj Tstg
50 35 50
100 70 100
200 140 200
400 280 400 6.0 125.0 1.0 10.0 200.0 -55 to +125 -55 to +150
600 420 600
800 560 800
1000 700 1000
V V V A A V A A
Storage and Operation Junction Temperature
C C
Rev.4
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES KBPC6005 THRU KBPC610
1
1
Rev.4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of KBPC6005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X