Part Number Hot Search : 
TS100 UN222 AOZ8175 STRF6707 PS11001 CSA1013 10032 BU400
Product Description
Full Text Search
 

To Download KBL005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE-PHASE BRIDGE RECTIFIER KBL005 THRU KBL10
VOLTAGE RANGE CURRENT
50 to 1000 Volts 4.0 Amperes
FEATURES l Low cost l This series is UL recognized under component index ,file number E127707 l High forward surge current capability l Ideal for printed circuit board l High temperature soldering guaranteed: 260 oC/10 second, 0.375" (9.5mm) lead length at 5 lbs.(2.3kg) tension. MECHANICAL DATA l Case: Transfer molded plastic l Terminal: Lead solderable per MIL-STD-202E method 208C l Mounting Postition: Any l Weight: 0.22ounce, 6.21gram
RS-4
0.768(19.5) 0.726(18.5) 0.256(6.5) 0.236(6.0)
0.091(2.3) 0.077(1.95) 0.591(15.0) 0.567(14.4)
0.640(16.3) 0.600(15.2)
+
AC -
1.0(25.4)MIN 1.1(27.9)MIN
0.220(5.6) 0.180(4.6) 0.052(1.3)DIA. 0.048(1.2)TYP.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS KBL005 Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC=50(Note 2) TA=50(Note 3) IFSM I2 t VF IR 1.0 CJ RJA TJ , TSTG 105 20 -55 to +150
o
KBL01 100 70 100
KBL02 200 140 200
KBL04 400 280 400 4.0 3.0 200 166 1.0 10
KBL06 600 420 600
KBL08 800 560 800
KBL10 1000 700 1000
UNITS Volts Volts Volts Amps
VRRM VRMS VDC I(AV)
50 35 50
Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing (t<8.3ms) Maximum Instantaneous Forward Voltage Drop per bridge element at 4.0A Maximum DC Reverse Current at rated DC blocking voltage per element Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range TA=25 TA=100
Amps A2 s Volts Amps mAmps pF C/W
o
C
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts. 2. Unit mounted on 2.0"x1.6"x0. 3 " thick (5.0x4.0x0.08 cm) Al. plate. 3. P.C. Board mount with 0.5"x0.5" (12x12cm) copper pads 0.375" (9.5mm) lead length
Web Site: WWW.PS-PFS.COM
1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER KBL005 THRU KBL10
VOLTAGE RANGE CURRENT 50 to 1000 Volts 4.0 Amperes
Web Site: WWW.PS-PFS.COM
2/2


▲Up To Search▲   

 
Price & Availability of KBL005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X