Part Number Hot Search : 
BAS16L 30AE3 KBPC3501 NQ03LT 27C256 HMC329 2N4232A SR160
Product Description
Full Text Search
 

To Download IN4933 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAST RECOVER RECTIFIER
1N4933 THRU 1N4937
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 600 Volts 1.0 Ampere
DO-41
.034(0.9) .028(0.7) 1.0(25.4) MIN. DIA.
Low coat construction Fast switching for high efficency. Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.205(5.2) .160(4.2) .107(2.7) DIA. .080(2.0) 1.0(25.4) MIN.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.012 ounce, 0.33 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 75 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 TA = 100
VRRM VRMS VDC I(AV) IFSM VF IR trr IRM(REC) CJ RJA TJ TSTG
1N4933 50 35 50
1N4934 1N4935 1N4936 1N4937 100 200 400 600 70 140 280 420 100 200 400 600 1.0 30 1.2 5.0 100 200 2.0 15 50 (-55 to +150) (-55 to +150)
UNITS
Volts Volts Volts Amp Amps Volts A ns Amps pF
/W
Maximum Reverse Recovery Time (Note 3) T J=25 Maximum Reverse Recovery Current (NOTE 3) Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
Notes: 1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits. 2 Thermal Resistance from junction to Ambient at .375"(9.5mm)lead length, P.C.board mounted. 3.Reverse Recovery Test Conditions:If=1.0A,Vr=30V,di/ dt=50A/us,Irr=10% Irr=10% Irm for the measurement of trr.
Web Site: WWW.PS-PFS.COM
FAST RECOVER RECTIFIER
1N4933 THRU 1N4937
VOLTAGE RANGE CURRENT
50 to 600 Volts 1.0 Ampere
RATING AND CHRACTERISTIC CURVES 1N4933 THRU 1N4937
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.2
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD CURRENT,
30
PEAK FORWARD SURGE
1.0
8.3ms Single Half Sine-Wave (JEDEC Method) Tj=Tjmax
0.8
CURRENT, (A)
20
(A)
0.6
0.4
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm) Lead Length
10
0.2
0 0 25 50 75 100 125 150 175
0
1
2
4
6
8
10
20
40
60 80 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT,
20 10
20 10
INSTANTANEOUS REVERSE CURRENT, (mA)
Tj =100 C 10
(A)
1.0
Tj =75 C 0.1
0.1
Tj =25 C Pulse Width=300us 1% Duty Cycle
Tj =25 C 0.01 0 20 40 60 80 100 120 140
0.01 0.7 0.9 1.1 1.3 1.4
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) FIG.5-TYPICAL JUNCTION CAPACITANCE
100
CAPACITANCE,(pF)
10
TJ=25 C F=1MHz
Vsig=50mVp-p
1 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
Web Site:
WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of IN4933

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X