Part Number Hot Search : 
170M6459 XFATM MB8844 DT390 TLVY4200 Z02W12V LUY65C MKW3047
Product Description
Full Text Search
 

To Download IN4001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH EFFICIENCY RECTIFIER
1N4001G THRU 1N4007G
FEATURES
* * * * *
Glass passivated chip junction Low forward voltage drop Low reverse leakage High forward surge current capability High temperature soldering guaranteed 260/10 secods,0.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
DO-41
1.0(25.4) MIN. .034(0.9) .028(0.7) DIA.
MECHANICAL DATA
* * * * * *
.205(5.2) .166(4.2) .107(2.7) DIA. .080(2.0) 1.0(25.4) MIN.
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.012ounce, 0.33 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% 1N 1N 1N 1N 1N 1N 1N SYMBOLS 4001G 4002G 4003G 4004G 4005G 4006G 4007G Maximum Repetitive Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 I(AV) IFSM VF IR IR(AV) CJ RJA TJ,TSTG 1.0 30 1.1 5.0 50 30 15 50 -55 to +150
UNITS
Volts Volts Volts Amp Amps Volts A A pF
/W
Maximum Average Forward Rectified Current(FIG.1) 0.375"(9.5mm) lead length at T A=75 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current at Rated DC Blocking Voltage at TA = 25 TA = 125
Maximum Full Load Reverse Current, full cycle Average 0.375(9.5mm) lead length at TL=75 Typical Junction Capacitance (NOTE 1) Typical Thermal Resistance (NOTE 2) Operating and Storage Temperature Range
Notes: 1.Measured at 1.0MHz and applied reverse voltage of 4.0 Volits. 2. Thermal Resistance from Junction to Ambient at. 375"(9.5mm)lead length, P.C. board mounted.
Web Site: WWW.PS-PFS.COM
HIGH EFFICIENCY RECTIFIER
1N4001G THRU 1N4007G
RATING AND CHRACTERISTIC CURVES IN4001G THRU IN4007G
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.2
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE
AVERAGE FORWARD CURRENT,
1.0
30
0.8
(A)
0.6
CURRENT, (A)
8.3ms Single Half Sine-Wave (JEDEC Method) T= T jmax 20
0.4
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length
0.2
10
0 0 25 50 75 100 125 150 175 0 1 2 4 6 8 10 20 40 60 100 1 Cycle
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20
FIG.4-TYPICAL REVERSE CHARACTERISTICS
20 10
INSTANTANEOUS FORWARD CURRENT,
10
INSTANTANEOUS REVERSE CURRENT, (A)
TJ =125 C
1.0
1.0
(A)
0.1 TJ =25 C
0.1
TJ =25 C Pulse Width=300us 1% Duty Cycle
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL JUNCTION CAPACITANCE
100
CAPACITANCE,(pF)
10
TJ =25 C f=1MHz Vsig=50mVp-p
1 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of IN4001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X