Part Number Hot Search : 
68HC0 MTB25HBM SMB22 DT72V LC66356A BR356W SRF2020 CMPZ4617
Product Description
Full Text Search
 

To Download IN4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N4001 THRU 1N4007
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0 Ampere
DO-41
1.0(25.4) MIN.
Low coat construction Low forward voltage drop Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.205(5.2) .166(4.2) .107(2.7) DIA. .080(2.0) 1.0(25.4) MIN. .034(0.9) .028(0.7) DIA.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.012 ounce, 0.33 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 25 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 25 TA = 100
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) CJ RJA TJ TSTG
1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 UNIT 50 100 200 400 600 800 1000 Volts 35 70 140 280 420 560 700 Volts 50 100 200 400 600 800 1000 Volts 1.0 30 1.1 5.0 50 30 13 50 -55 to +150 -55 to +150 Amps Amps Volts A A pF
/W
Maximum Full Load Reverse Current, full cycle average 0.375"(9.5mm)lead length at TL=75 Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
Notes: 1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. 2. Thermal Resistance from junction to terminal 6.0mm2 copper pads to each terminal. 3. The chip size is 40milx40mil
Web Site: WWW.PS-PFS.COM
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N4001 THRU 1N4007
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0 Ampere
RATING AND CHRACTERISTIC CURVES 1N4001 Thur 1N4007
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.2
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
30
AVERAGE FORWARD CURRENT,
PEAK FORWARD SURGE
1.0
25
0.8
CURRENT, (A)
20
8.3ms Single Half Sine-Wave (JEDEC Method) =T T j jmax
(A)
0.6
0.4
Single Phase Half Wave 60Hz Resistive or
10
0.2
0 0
Inductive Load
25
50
75
100
125
150
175
0 1 2 5 8 10
20
50
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
10
FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, (mA)
INSTANTANEOUS FORWARD CURRENT,
Tj =100 C
1
1.0
(A)
0.1
T =25 C
j
0.1
Pulse Width=300us 1% Duty Cycle
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Tj =25 C 0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) FIG.5-TYPICAL JUNCTION CAPACITANCE
100
CAPACITANCE,(pF)
10
TJ=25 C F=1MHz 10 0.1 1.0 4.0 10.0 100
REVERSE VOLTAGE,(VOLTS)
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of IN4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X