Part Number Hot Search : 
27C51 51264 NJM592D8 FC123 2SC828 MMBZ5235 STP413D BD944
Product Description
Full Text Search
 

To Download HPD125-S480025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 120 WATTS SWITCHING MODE POWER SUPPLIES HPD125 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT MEET IEC 61000-3-2 HARMONIC CORRECTION MEET UNIVERSAL SAFETY STANDARDS AND INDUSTRIAL UL 508 INDUSTRIAL POWER SUPPLIES FOR SNAP-ON MOUNTING ON DIN-RAILS EMI MEET EN 55022 CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC. Input Connector: M-T plug connector. Input Frequency: 47-63Hz. Inrush Current: Typ. 26A @ 230Vac. Input Current: 1.35A @ 115Vac, 0.9A @ 230Vac. Dielectric Withstand: Meet IEC 60950-1. EMI: Meet EN 55022 & FCC Class B. Power Factor Correction: Meet Harmonic Correction per IEC 61000-3-2.PF typ.0.96-0.98. No Load Operation: No damage. Hold-up Time: Typ. 60mS @ 115Vac, 80mS @ 230Vac. Earth Leakage: Less than 0.60mA @ 230VAC.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Charts. Output Current: See Ratings Charts. Output Wattage: Typ. 120W continuous. Output Connector: M-T plug connector. Line Regulation: Typ. 0.1%. Load Regulation: Typ. 0.5-1.0% Noise & Ripple: Typ. 1% peak to peak. OVP: Built-in. Adjustment: Available. LED Indicator: Installed. Overload Protection (OLP): Fully protected against output overload and short circuit. Typically set at 130% max. load. Consult the factory for special OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 78%. Switching Frequency: Fixed frequency 72KHz. Circuit Topology: Fixed freq. forward circuit. Transient Response: Peak transient 68mV and recovers within 20mS after 25% load change. Safety Standard: IEC 60950-1/UL 60950-1 Class I. Power Density: 2.10Watts /Cubic Inch. Industrial Grade UL 508. Operating Temperature: -10 to +70C. Derating from +60 to +70C by derating 2%/C. Storage Temperature: -25 to +100C. Temperature Coefficient: Typ. 0.03% /C. Cooling: Free air convection cooling for Ta < +60C. Moving air is request for Ta >+ 60C full load operation. Construction format: Enclosure metal box with DIN-clips format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
In application
-39-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MAIN VO1 @ MODEL NO. Typ. HPD125-S120100 HPD125-S240050 HPD125-S480025 10.0A 5.0A 2.5A Volt. 12.0V 24.0V 48.0V Peak 12.0A 6.0A 3.0A
Symbol: "" OVP built-in.. "@" Adjustable. Remark: Peak load less than 60sec. with duty cycle <10%.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 850.0g(29.98 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
ASSIGNMENT CNTR & PIN # AC-L P1-3(L) AC INPUT AC-N AC-G P1-2(N) P1-1(G) SINGLE OUTPUT VO1 DC-COM P2-3,4 P2-1,2
-40-


▲Up To Search▲   

 
Price & Availability of HPD125-S480025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X