Part Number Hot Search : 
H11F33SD 134CRP 134CRP BU606 KP463 1N6279L 65120 MC54F32D
Product Description
Full Text Search
 

To Download HER301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH EFFICIENCY RECTIFIER
HER301 THRU HER308
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 800 Volts 3.0Ampere
DO-27
.052(1.3) .048(1.2) 1.0(25.4) MIN. DIA.
Low coat construction Fast switching for high efficency. Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.375(9.5) .335(8.5) .220(5.6) .197(5.0) DIA.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.042ounce, 1.19 grams
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 50 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 TA = 125
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) trr CJ RJA TJ ,TSTG
HER 301 50 35 50
HER 302 100 70 100
HER 303 200 140 200
HER 304 300 210 300
HER 305 400 280 400 3.0 125
HER 306 600 420 600
HER 307 800 560 800
HER UNITS 308 1000 Volts 700 Volts 1000 Volts Amp Amps
1.0
1.3 10 500 150 50 70 20 (-55 to +150)
1.5
1.7
Volts A A
Maximum Full Load Recovery Current,full cycle average 0.375"(9.5mm)lead length at TL=55 Maximum Reverse Recovery Time(NOTE 1) Typical Thermal Resistance (NOTE 2) Typical Thermal Resistance(NOTE 3) Operating Junction Temperature Range
75 50
ns
PF /W
Notes: 1 Test Condition:IF=0.5A,IR=1.0A,IRR=0.25A 2. Measured at 1.0 MHz and applied reverse of 4.0 V 3 Thermal resistance from junction to ambient with .375"(9.5mm)lead length, P.C.B. mounted. .
Web Site: WWW.PS-PFS.COM
HIGH EFFICIENCY RECTIFIER
HER301 THRU HER308
VOLTAGE RANGE CURRENT
50 to 800 Volts 3.0Ampere
RATING AND CHRACTERISTIC CURVES HER301 THRU HER308
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
3.0
AVERAGE FORWARD CURRENT,
200
PEAK FORWARD SURGE
2.0
8.3ms Single Half Sine-Wave (JEDEC Method) Tj=Tjmax
CURRENT, (A)
(A)
100
1.0
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm)Lead Length
1 Cycle
0 1 2
0 0 25 50 75 100 125 150 175
4
6
8
10
20
40
60
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG.4-TYPICAL REVERSE
100
CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT,
10
INSTANTANEOUS REVERSE CURRENT,
50 /1 00 /2 00 V
0/
40
0V
80 0/1 00 0V
80
0V
10
30
1.0
(UA)
(A)
Tj =125 C
1.0
Tj =25 C
Tj =25 C Pulse Width=300us 1% Duty Cycle
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.1 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE,(pF)
FIG.6-TEST CIRCUIT DIAGRAM AND REVERSE REXOVERY TIME CHARACTERISTIC
Trr
+0.5A 50 NONINDUCTIVE 10 NONINDUCTIVE
HE
R3
0 1 -H
(-)
0 0.25A
ER
305
(+) 25 Vdc approx (-)
D.U.T
PULSE GENERATIOR (NOTE 2)
HE
R 30
6 -H
ER
308
1 NON INDUCTIVE
OSCILLOSCOPE (NOTE 1) -1.0A
1cm
TJ=25 C F=1MHz
Vsig=50mVp-p
10 0.1 1.0 10 100
NOTE: 1.Rise Time =7ns max.Input Impedance=1megohm.22pF 2.Rise time=10ns max.Source Impedance=50 ohms
SET TIME BASE FOR 50 /100NS /cm
REVERSE VOLTAGE,(V)
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of HER301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X