Part Number Hot Search : 
2SA1022 C4758 MMSZ5234 HAF1009 TGA4507 TA0751B RF003BM MC330790
Product Description
Full Text Search
 

To Download HB4401MSIP5K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Approved by: Checked by: Issued by:
SPECIFICATION
PRODUCT: SAW FILTER MODEL: HB4401M (X6965M) SIP5 K
HOPE MICROELECTRONICS CO.,LIMITED
Tel:+86-755-82973806 Fax:+86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
Page 1 of 1
1.Construction
1.1 Dimension and materials Type : B4401M
1.2. Circuit construction, measurement circuit
2.Characteristics
Standard atmospheric conditions Unless otherwise specified , the standard rang of atmospheric conditions for making measurements and tests is as follows; Ambient temperature : 15 to 35 Relative humidity : 25% to 85% Air pressure : 86kPa to 106kPa
1
Operating temperature rang Operating temperature rang is the rang of ambient temperatures in which the filter can be operated continuously. -10 ~ +60 Storage temperature rang Storage temperature rang is the rang of ambient temperatures at which the filter can be stored without damage. Conditions are as specified elsewhere in these specifications. -40 ~ +70 Reference temperature +25
2.1 Maximum Rating DC voltage VDC AC voltage Vpp 2.2 Electrical Characteristics Source impedance Load impedance
Freq
12 10
V V
Between any terminals Between any terminals
Zs=50 ZL=2k//3pF
min 43.96 12.9 1.4 1.5 37.0 38.0 36.0 35.0 38.0 typ 44.06 14.7 6.1 7.7 0.4 0.3 0.4 2.7 3.0 6.2 52.0 47.0 41.0 40.0 45.0 max 44.16 16.5 0.8 4.0 4.5 -
TA=25
MHz dB MHz MHz dB dB dB dB dB dB dB dB dB dB dB
Center frequency Insertion attenuation
Reference level
Fo
44.06MHz
B3dB B30dB Amplitude ripple (41.53~46.59 MHz) 41.53MHz 46.59MHz 41.06MHz Relative attenuation 47.06MHz 47.31MHz 39.81MHz 35.06~39.46MHz 39.46~40.06MHz Sidelobe 48.06~50.06MHz 50.06~55.06MHz
Pass bandwidth
Reflected wave signal suppression 1.3 us ... 6.0 us after main pulse (test pulse 250 ns , carrier frequency 44.06 MHz) Feedthrough signal suppression 1.3 us ... 1.2 us before main pulse (test pulse 250 ns , carrier frequency 44.06 MHz)
42.0
52.0
dB
45.0
54.0
dB
2
Group delay ripple (p-p) 41.53 ~ 46.59 Mhz Impedance at 44.06 Mhz Input: Zin = Rin//Cin Output: Zin = Rin//Cin Temperature coefficient
-
40 1.3//16.1 1.1//5.6
-72
-
ns k//pF k//pF
ppm/K
2.3 Environmental Performance Characteristics Item Test condition Allowable change of absolute Level at center frequency(dB) High temperature test < 1.0 70 1000H Low temperature test < 1.0 -40 1000H Humidity test < 1.0 40 90-95% 1000H Thermal shock < 1.0 -20==25==80 20 cycle 30M 10M 30M Solder temperature test < 1.0 Sold temp.260 for 10 sec. Soldering More then 95% of total Immerse the pins melt solder area of the pins should be covered with solder at 260+5/-0 for 5 sec. 2.4 Mechanical Test Item Test condition Vibration test 600-3300rpm amplitude 1.5mm 3 directions 2 H each Drop test On maple plate from 1 m high 3 times Lead pull test Pull with 1 kg force for 30 seconds Lead bend test 90o bending with 500g weigh 2 times
Allowable change of absolute Level at center frequency(dB) <1.0 <1.0 <1.0 <1.0
3
2.5 Voltage Discharge Test Item Test condition Surge test Between any two electrode
Allowable change of absolute Level at center frequency(dB)
<1.0
2.6 Frequency response
4
5


▲Up To Search▲   

 
Price & Availability of HB4401MSIP5K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X