Part Number Hot Search : 
BC556 IRU3021M 74ACT ILC7011 7805B MA2Z030 56F8166 B39212B
Product Description
Full Text Search
 

To Download GOA95002W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869 Fax: +39-010-659 1870 Web: www.gpsemi.it E-mail: info@gpsemi.it
GOA9xx02W
THREE PHASE AC-SWITCH
Fuse protection Temperature sensors Snubber for SCR's protections Water cooling Lowest overall dimensions
LINE VOLTAGE UP TO 500V OUTPUT PHASE CURRENT 250A
GOA940... GOA950...
Line to line voltage
400
500
Characteristic
IRMS VINS (rms) Output phase current Insulation voltage
Conditions
Value
250 A 3000 V
Value
250 A 3000 V
THYRISTOR CHARACTERISTICS
VGT IGT dV/dt VRRM Gate trigger voltage Gate trigger current Critical rate of rise off-state voltage Blocking Voltage Tj = 25 C, VD = 5 V Tj = 25 C, VD = 5 V Tj= 125 C Tj = 125 C 3V 300 mA 1000 V/us 1200 V 3V 300 mA 1000 V/us 1600 V
FUSE TYPE SIBA 2041220.200
VNF INF Rated voltage Rated current 690 V 200 A 690 V 200 A
MECHANICAL AND THERMAL CHARACTERISTICS
Width Depth Height Mass Tw max Tstg Max water Temp. Storage temperature 240 mm 119 mm 384 mm 20 kg 30 C -40/60 C 240 mm 119 mm 384 mm 20 kg 30 C -40/60 C
Document GOA9xx02WT001
THREE PHASE AC-SWITCH
GOA9xx02W
In the interest of product improvement Green Power Semiconductors reserves the right to change any specification given in this data
sheet without notice.
Document GOA9xx02WT001


▲Up To Search▲   

 
Price & Availability of GOA95002W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X