Part Number Hot Search : 
CSD2410 CEM4531 CEM4531 5B050 LVAS1A 18581230 FBR56 LB161
Product Description
Full Text Search
 

To Download FR601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAST RECOVER RECTIFIER
FR601 THRU FR607
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 6.0Ampere
R-6
.052(1.3) .048(1.2) 1.0(25.4) MIN. DIA.
Low coat construction Fast switching for high efficency. Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.360(9.1) .340(8.6) .360(9.1) .340(8.6) DIA.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.042ounce, 1.19 grams
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 75 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 6.0A Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 TA = 100
VRRM VRMS VDC I(AV) IFSM VF IR trr CJ RJA TJ TSTG
FR 601 50 35 50
FR 602 100 70 100
FR 603 200 140 200
FR 604 400 280 400 6.0 300 1.3 10 500
FR 605 600 420 600
FR 606 800 560 800
FR 607 1000 700 1000
UNITS
Volts Volts Volts Amp Amps Volts A
Maximum Reverse Recovery Time (Note 3) T J=25 Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
150 150 10 (-55 to +150) (-55 to +150)
250
500
ns pF
/W
Notes: 1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits. 2 Thermal Resistance from junction to Ambient at .375"(9.5mm)lead length, P.C.board mounted. 3.Reverse Recovery Test Conditions:If=0.5mA,Ir=1.0mA,Irr=0.25A
Web Site: WWW.PS-PFS.COM
FAST RECOVER RECTIFIER
FR601 THRU FR607
VOLTAGE RANGE CURRENT
50 to 1000 Volts 6.0Ampere
RATING AND CHRACTERISTIC CURVES FR601 THRU FR607
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
6.0
AVERAGE FORWARD CURRENT,
300
8.3ms Single Half Sine-Wave (JEDEC Method) Tj=Tjmax
4.0
PEAK FORWARD SURGE
200
2.0
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm)Lead Length
CURRENT, (A)
(A)
100
1 Cycle
0 0 25 50 75 100 125 150 175 0 1 2
4
6
8
10
20
40
60 80 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1000
FIG.4-TYPICAL REVERSE CHARACTERISTICS
20
INSTANTANEOUS FORWARD CURRENT,
100
10 T j =100 C
INSTANTANEOUS REVERSE CURRENT, (uA)
1.0
(A)
10
Tj =25 C Pulse Width=300us 1% Duty Cycle
1.0
0.1
T j=25 C
0.01 0 20 40 60 80 100 120 140
0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL THERMAL RESISTANCE VS LEAD LENGTH
70
1000
JUNCTION CAPACITANCE,(pF)
THERMAL RESISTANCE,
60
(C/W)
50
100
40
RJL
Single Lead to heat Sinl Insignificant Heat Flow Throrgh Other Lead
30
TJ=25 C F=1MHz
Vsig=50mVp-p
20
10
10 0.1 1.0 10 100
Both Leads to Heat Sinl, Equal Length 0 0.8
0 0.2 0.4 0.6 1.0
REVERSE VOLTAGE,(V)
EQUAL LEAD LENGTH TO HEAT SINK IN
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of FR601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X