|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FMS6146 -- Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver February 2008 FMS6146 Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver Features Six 4th-order 8MHz (SD) filters Drives single, AC- or DC-coupled, video loads (2Vpp, 150) Drives dual, AC- or DC-coupled, video loads (2Vpp, 75) Transparent input clamping AC- or DC-coupled inputs AC- or DC-coupled outputs DC-coupled outputs eliminate AC-coupling capacitors 5V only Robust 8kV ESD protection Lead-free TSSOP-14 package Description The FMS6146 Low-Cost Video Filter (LCVF) is intended to replace passive LC filters and drivers with a low-cost integrated device. Six 4th-order filters provide improved image quality compared to typical 2nd or 3rd-order passive solutions. The FMS6146 may be directly driven by a DC-coupled DAC output or an AC-coupled signal. Internal diode clamps and bias circuitry may be used if AC-coupled inputs are required (see Applications section for details). The outputs can drive AC- or DC-coupled single (150) or dual (75) loads. DC coupling the outputs removes the need for output coupling capacitors. The input DC levels are offset approximately +280mV at the output (see Applications section for details). Applications Cable set-top boxes Satellite set-top boxes DVD players HDTV Personal Video Recorders (PVR) Video On Demand (VOD) Functional Block Diagram IN1 Transparent Clamp 6dB OUT1 IN2 Transparent Clamp 6dB OUT2 IN3 Transparent Clamp 6dB OUT3 IN4 Transparent Clamp 6dB OUT4 IN5 Transparent Clamp 6dB OUT5 IN6 Transparent Clamp 6dB OUT6 8MHz, 4th order Ordering Information Part Number FMS6146MTC14 FMS6146MTC14X Package TSSOP-14 TSSOP-14 Operating Temperture Range -40C to +85C -40C to +85C Packaging Method Tube Tape and Reel www.fairchildsemi.com All packages are lead free per JEDEC: J-STD-020B standard. (c) 2006 Fairchild Semiconductor Corporation FMS6146 Rev. 1.0.9 FMS6146 -- Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver Pin Configuration IN1 IN2 IN3 1 2 3 4 5 6 7 14 OUT1 OUT2 FMS6146 14-pin TSSOP 13 12 11 10 9 8 OUT3 GND VCC IN4 IN5 IN6 OUT4 OUT5 OUT6 Pin Assignments Pin# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Pin Name IN1 IN2 IN3 VCC IN4 IN5 IN6 OUT6 OUT5 OUT4 GND OUT3 OUT2 OUT1 Type Input Input Input Input Input Input Input Output Output Output Output Output Output Output Video input, Channel 1 Video input, Channel 2 Video input, Channel 3 +5V supply, do not float Video input, Channel 4 Video input, Channel 5 Video input, Channel 6 Filtered video output, Channel 6 Filtered video output, Channel 5 Filtered video output, Channel 4 Description Must be tied to ground, do not float Filtered video output, Channel 3 Filtered video output, Channel 2 Filtered video output, Channel 1 (c) 2006 Fairchild Semiconductor Corporation FMS6146 Rev. 1.0.9 www.fairchildsemi.com 2 FMS6146 -- Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Parameter DC Supply Voltage Analog and Digital I/O Output Channel - Any One Channel (Do Not Exceed) Min. -0.3 -0.3 Max. 6 VCC + 0.3 50 Unit V V mA Reliability Information Symbol TJ TSTG TL JA Parameter Junction Temperature Storage Temperature Range Lead Temperature (Soldering, 10 seconds) Thermal Resistance, JEDEC Standard Multi-layer Test Boards, Still Air Min. -65 Typ. Max. +150 +150 +300 Unit C C C C/W 90 Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Parameter Operating Temperature Range VCC Range Min. -40 +4.75 Typ. +5.0 Max. +85 +5.25 Unit C V (c) 2006 Fairchild Semiconductor Corporation FMS6146 Rev. 1.0.9 www.fairchildsemi.com 3 FMS6146 -- Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver DC Electrical Characteristics TA = 25C, VCC = 5V, RSOURCE = 37.5; all inputs are AC coupled with 0.1F; all outputs are AC coupled with 220F into 150 loads; unless otherwise noted. Symbol ICC VIN PSRR Parameter Supply Current(1) Video Input Voltage Range Power Supply Rejection Conditions FMS6146 (No Load) Referenced to GND if DC coupled DC (All Channels) Min. Typ. Max. Units 35 1.4 -50 55 mA Vpp dB Note: 1. 100% tested at 25C. AC Electrical Characteristics TA = 25C, VIN = 1Vpp, VCC = 5V, RSOURCE = 37.5; all inputs are AC coupled with 0.1F; all outputs are AC coupled with 220F into 150 loads; unless otherwise noted. Symbol AV f1dB fc fSB dG d THD XTALK SNR tpd Parameter Channel Gain(1) -1dB Bandwidth -3dB Bandwidth (1) Conditions All Channels All Channels All Channels All Channels at f = 27MHz All Channels All Channels Min. Typ. Max. Units 6.0 4.5 6.2 6.8 7.8 48 0.3 0.6 0.4 -60 75 59 6.4 dB MHz MHz dB % % dB dB ns Attenuation (Stopband Reject) Differential Gain Differential Phase Output Distortion (All Channels) VOUT = 1.8Vpp, 1MHz Crosstalk (Channel-to-Channel) at 1MHz Signal-to-Noise Ratio Propagation Delay All Channels NTC-7 Weighting: 100kHz to 4.2MHz Delay from Input-to-Output, 4.5MHz Note: 1. 100% tested at 25C. (c) 2006 Fairchild Semiconductor Corporation FMS6146 Rev. 1.0.9 www.fairchildsemi.com 4 FMS6146 -- Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver Typical Performance Characteristics TA = 25C, VCC = 5V, RSOURCE = 37.5; all inputs AC coupled with 0.1F; all outputs are AC coupled with 220F into 150 loads; unless otherwise noted. 5 0 -5 -10 -15 -20 -25 -30 Mkr -35 Ref -40 1 -45 2 -50 3 -55 400kHz 2 1 40 30 20 1 Normalized Gain (dB) Delay (ns) 10 0 -10 -20 -30 -40 Frequency 400kHz 6.83MHz 7.84MHz 27MHz Gain 6dB -1dB BW -3dB BW -47.57dB 3 1 = 8.2MHz (16.02ns) 5 10 15 20 25 30 -50 400kHz 5 10 15 20 25 30 Frequency (MHz) Frequency (MHz) Figure 1. Frequency Response -60 -70 Figure 2. Group Delay vs. Frequency 0.2 0.1 NTSC Differential Gain (%) -80 0 -0.1 -0.2 -0.3 -0.4 -0.5 Min = -0.24 Max = 0.02 ppMax = 0.26 Noise (dB) -90 -100 -110 -120 -130 400kHz 1 2 3 4 5 6 1st 2nd 3rd 4th 5th 6th Frequency (MHz) Figure 3. Noise vs. Frequency 1.0 Figure 4. Differential Gain NTSC Differential Phase (deg) 0.8 0.6 0.4 0.2 0 -0.2 -0.4 1st 2nd 3rd 4th 5th 6th Min = 0.00 Max = 0.64 ppMax = 0.64 Figure 5. Differential Phase (c) 2006 Fairchild Semiconductor Corporation FMS6146 Rev. 1.0.9 www.fairchildsemi.com 5 FMS6146 -- Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver Typical Application Diagrams The following circuit may be used for direct DC-coupled drive by DACs with an output voltage range of 0V to 1.4V. AC-coupled or DC-coupled outputs may be used with AC-coupled outputs, offering slightly lower power dissipation. DVD Player or STB 0.1 F 1.0 F +5V 1 ROUT 2 IN1 OUT1 14 75 220F 75 Video Cables R 75 13 GOUT IN2 OUT2 75 220F G 75 3 BOUT IN3 FMS6146 14L TSSOP OUT3 12 75 220F B 75 Video SoC YOUT 4 VCC GND 11 5 IN4 OUT4 10 75 220F 75 Video Cables Y 75 6 COUT IN5 OUT5 9 75 220F C 75 7 CVOUT IN6 OUT6 8 75 220F CV 75 DAC Load Resistors per SoC specs. AC-Coupling Caps are Optional. Figure 6. Typical Application Diagram (c) 2006 Fairchild Semiconductor Corporation FMS6146 Rev. 1.0.9 www.fairchildsemi.com 6 FMS6146 -- Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver Application Information Application Circuits The FMS6146 Low Cost Video Filter (LCVF) provides 6dB gain from input to output. In addition, the input is slightly offset to optimize the output driver performance. The offset is held to the minimum required value to decrease the standing DC current into the load. Typical voltage levels are shown in the diagram below: 1.0 -> 1.02V 0.65 -> 0.67V 0.3 -> 0.32V 0.0 -> 0.02V 0.65V 75 Video Cables LOAD2 (optional) 75 YIN Driver LOAD1 YOUT 75 Video Cables 75 Figure 8. Input Clamp Circuit I/O Configurations VIN For a DC-coupled DAC drive with DC-coupled outputs, use the configuration shown in Figure 9. Driven by: DC-Coupled DAC Outputs AC-Coupled and Clamped Y, CV, R, G, B 0V - 1.4V 2.28V 1.58V 0.88V 0.28V VOUT DVD or STB SoC DAC Output LCVF Clamp Inactive 75 There is a 280mV offset from the DC input level to the DC output level. VOUT = 2 * VIN + 280mV. 0.85V 0.5V 0.15V VIN 1.98V 1.28V 0.58V VOUT Figure 9. DC-Coupled Inputs and Outputs Alternatively, if the DAC's average DC output level causes the signal to exceed the range of 0V to 1.4V, it can be AC coupled as shown in Figure 10. 0V - 1.4V Driven by: AC-Coupled and Biased U, V, Pb, Pr, C DVD or STB SoC DAC Output 0.1 LCVF Clamp Active 75 Figure 7. Typical Voltage Levels The FMS6146 provides an internal diode clamp to support AC-coupled input signals. If the input signal does not go below ground, the input clamp does not operate. This allows DAC outputs to directly drive the FMS6146 without an AC coupling capacitor. When the input is AC coupled, the diode clamp sets the sync tip (or lowest voltage) just below ground. The worst-case sync tip compression due to the clamp cannot exceed 7mV. The input level set by the clamp, combined with the internal DC offset, keeps the output within its acceptable range. For symmetric signals like Chroma, U, V, Pb, and Pr, the average DC bias is fairly constant and the inputs can be AC coupled with the addition of a pull-up resistor to set the DC input voltage. DAC outputs can also drive these same signals without the AC coupling capacitor. A conceptual illustration of the input clamp circuit is shown in Figure 8. Figure 10. AC-Coupled Inputs, DC-Coupled Outputs When the FMS6146 is driven by an unknown external source or a SCART switch with its own clamping circuitry, the inputs should be AC coupled as shown in Figure 11. 0V - 1.4V 0.1 External video source must be AC-coupled 75 LCVF Clamp Active 75 Figure 11. SCART with DC-Coupled Outputs (c) 2006 Fairchild Semiconductor Corporation FMS6146 Rev. 1.0.9 www.fairchildsemi.com 7 FMS6146 -- Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver The same method can be used for biased signals, with the addition of a pull-up resistor to make sure the clamp never operates. The internal pull-down resistance is 800k 20%, so the external resistance should be 7.5M to set the DC level to 500mV as shown in Figure 12. External video source must be AC-coupled External video source must be AC-Coupled 0V - 1.4V 0.1 LCVF Clamp Active 75 220 75 7.5M 0.1 LCVF Bias Input 75 Figure 15. Biased SCART with AC-Coupled Outputs NOTE: The video tilt or line time distortion is dominated by the AC-coupling capacitor. The value may need to be increased beyond 220F to obtain satisfactory operation in some applications. 75 500mV +/-350mV Figure 12. Biased SCART with DC-Coupled Outputs The same circuits can be used with AC-coupled outputs if desired. 0V - 1.4V Power Dissipation The FMS6146 output drive configuration must be considered when calculating overall power dissipation. Care must be taken not to exceed the maximum die junction temperature. The following example can be used to calculate the FMS6146's power dissipation and internal temperature rise. Tj = TA + Pd * JA where: Pd = PCH1 + PCH2 + PCH3 and PCHx = VCC * ICH - (VO /RL) 2 DVD or STB SoC DAC Output 0.1 LCVF Clamp Active 75 220 EQ. 1 EQ. 2 EQ. 3 EQ. 4 EQ. 5 where: VO = 2VIN + 0.280V ICH = (ICC/3) + (VO/RL) Figure 13. DC-Coupled Inputs, AC-Coupled Outputs 0V - 1.4V VIN = RMS value of input signal ICC = 35mA VCC = 5V RL = channel load resistance Board layout can also affect thermal characteristics. Refer to Layout Considerations for more information. The FMS6146 is specified to operate with output currents typically less than 50mA, more than sufficient for a dual (75) video load. Internal amplifiers are current limited to a maximum of 100mA and should withstand brief-duration short-circuit conditions; this capability is not guaranteed. DVD or STB SoC DAC Output 0.1 LCVF Clamp Active 75 220 Figure 14. AC-Coupled Inputs and Outputs Layout Considerations General layout and supply bypassing play major roles in high-frequency performance and thermal characteristics. Fairchild offers a demonstration board, FMS6146DEMO, to guide layout and aid device testing and characterization. The FMS6146DEMO is a four-layer board with full power and ground planes. Following this layout configuration provides the optimum performance and thermal characteristics. For optimum results, follow the guidelines below as a basis for high-frequency layout: (c) 2006 Fairchild Semiconductor Corporation FMS6146 Rev. 1.0.9 Include 1F and 0.1F ceramic bypass capacitors. Place the 1F capacitor within 0.75 inches of the power pin. Place the 0.1F capacitor within 0.1 inches of the power pin. For multi-layer boards, use a large ground plane to help dissipate heat. For two-layer boards, use a ground plane that extends beyond the device by at least 0.5 inches. Minimize all trace lengths to reduce series inductances. www.fairchildsemi.com 8 FMS6146 -- Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver Physical Dimensions 0.43 TYP 0.65 1.65 0.45 6.10 12.00TOP R0.09 min & BOTTOM A. CONFORMS TO JEDEC REGISTRATION MO-153, VARIATION AB, REF NOTE 6 B. DIMENSIONS ARE IN MILLIMETERS C. DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD FLASH, AND TIE BAR EXTRUSIONS D. DIMENSIONING AND TOLERANCES PER ANSI Y14.5M, 1982 E. LANDPATTERN STANDARD: SOP65P640X110-14M F. DRAWING FILE NAME: MTC14REV6 Figure 16. TSSOP-14 Package 1.00 R0.09min Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ (c) 2006 Fairchild Semiconductor Corporation FMS6146 Rev. 1.0.9 www.fairchildsemi.com 9 FMS6146 -- Low-Cost Six-Channel 4th-Order Standard Definition Video Filter Driver (c) 2006 Fairchild Semiconductor Corporation FMS6146 Rev. 1.0.9 www.fairchildsemi.com 10 |
Price & Availability of FMS614608 |