Part Number Hot Search : 
CO55C C18F67 1A2415 HD14174B HIR204 T1633 TRLPB EC000310
Product Description
Full Text Search
 

To Download DF15B3220DP-065V50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.65mm Pitch SMT Board to Board Connector
DF15 Series
Corresponding to automatic mounting
The vacuum area is secured the automatic mounting machine for vacuum.
Figure 1
sFeatures
1. Compatibility of Miniaturization with Service Efficiency
This series considers the service efficiency to set the pitch to 0.65mm, corresponding to the 0.5mm pitch DF12 series. This connector widely covers the definition of the mounting space or the board to board size together with the DF12 series.
2. Broad Variations in Board to Board Size
The board to board size is specified at 1mm step between 4mm and 8mm.
Header/Receptacle DF15#(3.2)-*DP-0.65V DF15#(4.2)-*DP-0.65V DF15#(6.2)-*DP-0.65V
DF15#(0.8)-*DS-0.65V 4 5 7
DF15#(1.8)-*DS-0.65V 5 6 8
Combinnation with H size Combinnation with H size
Note1: The stacking height is determined by adding the header and receptacle to the figures followed by the product name DF15#. Note2: The stacking height (H size) doesn't include the soldering paste thickness.
3. Correspond to Automatic Mounting
The connector has the vacuum area, which enables the automatic mounting by the embossed tape packaging.
4. Metal Fitting Available
The product including the metal fitting to prevent solder peeling is prepared, considering the mounting on FPC.
sApplications
Mobile phone, LCD(Liquid Crystal Display), MO(Optical Disk), Note PC
A286
sProduct Specifications
Rating Current rating : 0.3A Operating Temperature Range : -35 to +85c (Note 1.) Storage Temperature Range : -10 to +60c (Note 2.) Storage Humidity Range : 40 to 70% (Note 2.) Condition 100V DC 150V AC/1 minute 100mA Voltage rating : 50V AC Operating Humidity Range : 40 to 80% Item 1. Insulation Resistance 2. Withstanding Voltage 3. Contact Resistance 4. Vibration 500M ohms min. Specification
No flashover or insulation breakdown.
50m ohms max
No electrical discontinuity of 1s or more
Contact resistance : 50m ohms max. Insulation resistance: 500M ohms min.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
(-55c: 30 minutes 5 to 35c: 10 minutes (-85c: 30 minutes 5 to 35c: 10 minutes) 5 cycles 50 cycles
5. Humidity (Steady state) Contact resistance: 50m ohms max. Insulation resistance:250M ohms min. 96 hours at temperature of 40c and humidity of 90% to 95% 6. Temperature Cycle
7. Durability (Mating/un-mating) Contact resistance: 50m ohms max. 8. Resistance to Soldering heat No deformation of components affecting performance.
Reflow: At the recommended temperature profile Manual soldering: 300c for 3 seconds
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sMaterial
Product Receptacle Part Insulator Contact Metal fitting Insulator Header Contact Metal fitting Material Polyamide Phosphor copper Brass Polyamide Phosphor copper Brass Finish Beige Gold plated Tin-lead plated Beige Gold plated Tin-lead plated Remarks UL94V-0 ------- ------- UL94V-0 ------- -------
Note: The gold plated product of pin herder consists of a contact area of gold plated and lead of tin-lead plated
sOrdering Information
qReceptacle/Header
DF15
q
# (**) - * DS - 0.65 V (**) * *
w e : DF15 r t y u i r Number of Contacts 20, 30, 40, 50 Fitting K Boss K K t Connector Type DS : Double-row receptacle DP : Double-row header y Contact Pitch u Contact type V : 0.8, 1.8 : 3.2, 4.2, 6.2 : Straight SMT type i (50) : Tube packaging (51) : Embossed tape packaging : 0.65mm
q Series Name w Type Blank A B C e Product height Receptacle Header
K

A287
sReceptacle
Without metal fitting
[Specific No.] -* *, (* *) (50) :Gold plated, tube packaging (51) :Gold plated, embossed tape packaging
qProduct Height: 0.8mm product
Part Number CL No. Number of Contacts 20 30 40 50 20 30 40 50 A 9.85 13.1 19.6 9.85 13.1 19.6 B 7.35 10.6 17.1 7.35 10.6 17.1 C 5.85 9.1 15.6 5.85 9.1 15.6 D 7.35 10.6 17.1 7.35 10.6 17.1 E 8.65 11.9 18.4 - - - - 3 0.8 0.7 3 0.8 0.7 F G H Tube Packaging Quantity( pcs.) 48 36 29 24 48 36 29 24 DF15A(0.8)-20DS-0.65V(**) 677-0012-4-** DF15A(0.8)-30DS-0.65V(**) 677-0013-7-** DF15A(0.8)-40DS-0.65V(**) 677-0014-0-** DF15A(0.8)-50DS-0.65V(**) 677-0015-2-** DF15C(0.8)-20DS-0.65V(**) 677-0032-1-** DF15C(0.8)-30DS-0.65V(**) 677-0033-4-** DF15C(0.8)-40DS-0.65V(**) 677-0034-7-** DF15C(0.8)-50DS-0.65V(**) 677-0035-0-**
Unit: mm Remarks
Without metal fitting With boss
16.35 13.85 12.35 13.85 15.15
16.35 13.85 12.35 13.85
Without metal fitting Without boss
qProduct Height: 1.8mm Product
Part Number CL No. Number of Contacts 20 30 40 50 20 30 40 A 9.85 13.1 19.6 9.85 13.1 B 7.35 10.6 17.1 7.35 10.6 C 5.85 9.1 15.6 5.85 9.1 D 7.35 10.6 17.1 7.35 10.6 E 8.65 11.9 18.4 - - - 4 1.8 1.7 4 1.8 1.7 F G H Tube Packaging Quantity( pcs.) 48 36 29 24 48 36 29 24 DF15A(1.8)-20DS-0.65V(**) 677-0052-9-** DF15A(1.8)-30DS-0.65V(**) 677-0053-1-** DF15A(1.8)-40DS-0.65V(**) 677-0054-4-** DF15A(1.8)-50DS-0.65V(**) 677-0055-7-** DF15C(1.8)-20DS-0.65V(**) 677-0072-6-** DF15C(1.8)-30DS-0.65V(**) 677-0073-9-** DF15C(1.8)-40DS-0.65V(**) 677-0074-1-**
Unit: mm Remarks
Without metal fitting With boss
16.35 13.85 12.35 13.85 15.15
16.35 13.85 12.35 13.85
Without metal fitting Without boss
- 50 19.6 17.1 15.6 17.1 DF15C(1.8)-50DS-0.65V(**) 677-0075-4-** Note1: Please order the tube packaging product, multiplying the tube packaging number by an integer. Note2: Please order the embossed tape packaging product per reel. (1000 pcs./reel)
A288
sReceptacle
With metal fitting
[Specific No.] -* *, (* *) (50) :Gold plated tube packaging (51) :Gold plated embossed tape packaging
qProduct Height: 0.8mm Product
Part Number CL No. Number of Contacts 20 30 40 50 20 30 40 50 A B C D E F G H J K Tube Packaging Quantity( pcs.) 48 3 0.8 0.7 36 29 24 48 3 0.8 0.7 36 29 24 DF15B(0.8)-20DS-0.65V(**) 677-0002-0-** DF15B(0.8)-30DS-0.65V(**) 677-0003-3-** DF15B(0.8)-40DS-0.65V(**) 677-0004-6-** DF15B(0.8)-50DS-0.65V(**) 677-0005-9-** DF15B(0.8)-20DS-0.65V(**) 677-0022-8-** DF15B(0.8)-30DS-0.65V(**) 677-0023-0-** DF15B(0.8)-40DS-0.65V(**) 677-0024-3-** DF15B(0.8)-50DS-0.65V(**) 677-0025-6-** 9.85 7.35 5.85 9.65 8.45 7.35 8.65 13.10 10.6 9.1 12.9 11.7 10.6 11.9 16.35 13.85 12.35 16.15 14.95 13.85 15.15 19.60 17.1 15.6 19.4 18.2 17.1 18.4 9.85 7.35 5.85 9.65 8.45 7.35 13.10 10.6 9.1 12.9 11.7 10.6 16.35 13.85 12.35 16.15 14.95 13.85 19.60 17.1 15.6 19.4 18.2 17.1 - - - -
Unit: mm Remarks
With metal fitting With boss
With metal fitting Without boss
qProduct Height: 1.8mm Product
Part Number CL No. Number of Contacts 20 30 40 50 20 30 40 A B C D E F G H J K Tube Packaging Quantity( pcs.) 48 4 1.8 1.7 36 29 24 48 4 1.8 1.7 36 29 24 DF15B(1.8)-20DS-0.65V(**) 677-0042-5-** DF15B(1.8)-30DS-0.65V(**) 677-0043-8-** DF15B(1.8)-40DS-0.65V(**) 677-0044-0-** DF15B(1.8)-50DS-0.65V(**) 677-0045-3-** DF15B(1.8)-20DS-0.65V(**) 677-0062-2-** DF15B(1.8)-30DS-0.65V(**) 677-0063-5-** DF15B(1.8)-40DS-0.65V(**) 677-0064-8-** 9.85 7.35 5.85 9.65 8.45 7.35 8.65 13.1 10.6 9.1 12.9 11.7 10.6 11.9 16.35 13.85 12.35 16.15 14.95 13.85 15.15 19.6 17.1 15.6 19.4 18.2 17.1 18.4 9.85 7.35 5.85 9.65 8.45 7.35 13.1 10.6 9.1 12.9 11.7 10.6 16.35 13.85 12.35 16.15 14.95 13.85 - - -
Unit: mm Remarks
With metal fitting With boss
With metal fitting Without boss
50 19.6 17.1 15.6 19.4 18.2 17.1 - DF15B(1.8)-50DS-0.65V(**) 677-0065-0-** Note1: Please order the tube packaging product, by multiplying the packaging quantity by an integer. Note2: Please order the embossed tape packaging product per reel. (1000 pcs./reel)
A289
sHeader Without metal fitting
[Specific No.] -* *, (* *) (50) :Gold plated tube packaging (51) :Gold plated embossed tape packaging
qProduct Height: 3.2mm Product
Part Number CL No. Number of Contacts 20 30 40 50 20 30 40 50 A 9.85 13.1 19.6 9.85 13.1 19.6 B 7.45 10.7 17.2 7.45 10.7 17.2 C 5.85 9.1 15.6 5.85 9.1 15.6 D 7.05 10.3 16.8 7.05 10.3 16.8 E 8.65 11.9 18.4 - - - - 3.2 3.1 3.2 3.1 F G Tube Packaging Quantity( pcs.) 48 36 29 24 48 36 29 24 DF15A(3.2)-20DP-0.65V(**) 677-0092-3-** DF15A(3.2)-30DP-0.65V(**) 677-0093-6-** DF15A(3.2)-40DP-0.65V(**) 677-0094-9-** DF15A(3.2)-50DP-0.65V(**) 677-0095-1-** DF15C(3.2)-20DP-0.65V(**) 677-0112-9-** DF15C(3.2)-30DP-0.65V(**) 677-0113-1-** DF15C(3.2)-40DP-0.65V(**) 677-0114-4-** DF15C(3.2)-50DP-0.65V(**) 677-0115-7-**
Unit: mm Remarks
Without metal fitting With boss
16.35 13.95 12.35 13.55 15.15
16.35 13.95 12.35 13.55
Without metal fitting Without boss
Note1: Please order the tube packaging product, , by multiplying the packaging quantity by an integer. Note2: Please order the embossed tape packaging product per reel. (1000 pcs./reel)
A290
sHeader Without metal fitting
[Specific No.] -* *, (* *) (50) :Gold plated tube packaging (51) :Gold plated embossed tape packaging
qProduct Height: 4.2mm Product
Part Number CL No. Number of Contacts 20 30 40 50 20 30 40 50 A 9.85 13.1 19.6 9.85 13.1 19.6 B 7.45 10.7 17.2 7.45 10.7 17.2 C 5.85 9.1 15.6 5.85 9.1 15.6 D 7.05 10.3 16.8 7.05 10.3 16.8 E 8.65 11.9 18.4 - - - - 4.2 4.1 4.2 4.1 F G Tube Packaging Quantity( pcs.) 48 36 29 24 48 36 29 24 DF15A(4.2)-20DP-0.65V(**) 677-0132-6-** DF15A(4.2)-30DP-0.65V(**) 677-0133-9-** DF15A(4.2)-40DP-0.65V(**) 677-0134-1-** DF15A(4.2)-50DP-0.65V(**) 677-0135-4-** DF15C(4.2)-20DP-0.65V(**) 677-0152-3-** DF15C(4.2)-30DP-0.65V(**) 677-0153-6-** DF15C(4.2)-40DP-0.65V(**) 677-0154-9-** DF15C(4.2)-50DP-0.65V(**) 677-0155-1-**
Unit: mm Remarks
Without metal fitting With boss
16.35 13.95 12.35 13.55 15.15
16.35 13.95 12.35 13.55
Without metal fitting Without boss
qProduct Height: 6.2mm Product
Part Number CL No. Number of Contacts 20 30 40 50 20 30 40 A 9.85 13.1 19.6 9.85 13.1 B 7.45 10.7 17.2 7.45 10.7 C 5.85 9.1 15.6 5.85 9.1 D 7.05 10.3 16.8 7.05 10.3 E 8.65 11.9 18.4 - - - 6.2 6.1 6.2 6.1 F G Tube Package Quantity( pcs.) 48 36 29 24 48 36 29 24 DF15A(6.2)-20DP-0.65V(**) 677-0172-0-** DF15A(6.2)-30DP-0.65V(**) 677-0173-3-** DF15A(6.2)-40DP-0.65V(**) 677-0174-6-** DF15A(6.2)-50DP-0.65V(**) 677-0175-9-** DF15C(6.2)-20DP-0.65V(**) 677-0192-8-** DF15C(6.2)-30DP-0.65V(**) 677-0193-0-** DF15C(6.2)-40DP-0.65V(**) 677-0194-3-**
Unit: mm Remarks
Without metal fitting With boss
16.35 13.95 12.35 13.55 15.15
16.35 13.95 12.35 13.55
Without metal fitting Without boss
50 - 19.6 17.2 15.6 16.8 DF15C(6.2)-50DP-0.65V(**) 677-0195-6-** Note1: Please order the tube packaging product, by multiplying the packaging quantity by an integer. Note2: Please order the embossed tape packaging product per reel. (1000 pcs./reel)
A291
sHeader
With metal fitting
[Specific No.] -* *, (* *) (50) :Gold plated tube packaging (51) :Gold plated embossed tape packaging
qProduct Height: 3.2mm Product
Part Number CL No. Number of Contacts 20 30 40 50 20 30 40 50 A B C D E F G H J Tube Packaging Quantity( pcs.) 48 3.2 3.1 36 29 24 48 3.2 3.1 36 29 24 DF15B(3.2)-20DP-0.65V(**) 677-0082-0-** DF15B(3.2)-30DP-0.65V(**) 677-0083-2-** DF15B(3.2)-40DP-0.65V(**) 677-0084-5-** DF15B(3.2)-50DP-0.65V(**) 677-0085-8-** DF15B(3.2)-20DP-0.65V(**) 677-0102-5-** DF15B(3.2)-30DP-0.65V(**) 677-0103-8-** DF15B(3.2)-40DP-0.65V(**) 677-0104-0-** DF15B(3.2)-50DP-0.65V(**) 677-0105-3-** 9.85 7.45 5.85 9.65 8.45 7.05 8.65 13.1 10.7 9.1 12.9 11.7 10.3 11.9 16.35 13.95 12.35 16.15 14.95 13.55 15.15 19.6 17.2 15.6 19.4 18.2 16.8 18.4 9.85 7.45 5.85 9.65 8.45 7.05 13.1 10.7 9.1 12.9 11.7 10.3 16.35 13.95 12.35 16.15 14.95 13.55 19.6 17.2 15.6 19.4 18.2 16.8 - - - -
Unit: mm Remarks
With metal fitting With boss
With metal fitting Without boss
Note1: Please order the tube packaging product, by multiplying the packaging quantity by an integer. Note2: Please order the embossed tape packaging product per reel. (1000 pcs./reel)
A292
sHeader
With metal fitting
[Specific No.] -* *, (* *) (50) :Gold plated tube packaging (51) :Gold plated embossed tape packaging
qProduct Height: 4.2mm Product
Part Number CL No. Number of Contacts 20 30 40 50 20 30 40 50 A B C D E F G H J Tube Packaging Quantity( pcs.) 48 4.2 4.1 36 29 24 48 4.2 4.1 36 29 24 DF15B(4.2)-20DP-0.65V(**) 677-0122-2-** DF15B(4.2)-30DP-0.65V(**) 677-0123-5-** DF15B(4.2)-40DP-0.65V(**) 677-0124-8-** DF15B(4.2)-50DP-0.65V(**) 677-0125-0-** DF15B(4.2)-20DP-0.65V(**) 677-0142-0-** DF15B(4.2)-30DP-0.65V(**) 677-0143-2-** DF15B(4.2)-40DP-0.65V(**) 677-0144-5-** DF15B(4.2)-50DP-0.65V(**) 677-0145-8-** 9.85 7.45 5.85 9.65 8.45 7.05 8.65 13.1 10.7 9.1 12.9 11.7 10.3 11.9 16.35 13.95 12.35 16.15 14.95 13.55 15.15 19.6 17.2 15.6 19.4 18.2 16.8 18.4 9.85 7.45 5.85 9.65 8.45 7.05 13.1 10.7 9.1 12.9 11.7 10.3 16.35 13.95 12.35 16.15 14.95 13.55 19.6 17.2 15.6 19.4 18.2 16.8 - - - -
Unit: mm Remarks
With metal fitting With boss
With metal fitting Without boss
qProduct Height: 6.2mm Product
Part Number CL No. Number of Contacts 20 30 40 50 20 30 40 50 A B C D E F G H J Tube Packaging Quantity( pcs.) 48 6.2 6.1 36 29 24 48 6.2 6.1 36 29 24 DF15B(6.2)-20DP-0.65V(**) 677-0162-7-** DF15B(6.2)-30DP-0.65V(**) 677-0163-0-** DF15B(6.2)-40DP-0.65V(**) 677-0164-2-** DF15B(6.2)-50DP-0.65V(**) 677-0165-5-** DF15B(6.2)-20DP-0.65V(**) 677-0182-4-** DF15B(6.2)-30DP-0.65V(**) 677-0183-7-** DF15B(6.2)-40DP-0.65V(**) 677-0184-0-** DF15B(6.2)-50DP-0.65V(**) 677-0185-2-** 9.85 7.45 5.85 9.65 8.45 7.05 8.65 13.1 10.7 9.1 12.9 11.7 10.3 11.9 16.35 13.95 12.35 16.15 14.95 13.55 15.15 19.6 17.2 15.6 19.4 18.2 16.8 18.4 9.85 7.45 5.85 9.65 8.45 7.05 13.1 10.7 9.1 12.9 11.7 10.3 16.35 13.95 12.35 16.15 14.95 13.55 19.6 17.2 15.6 19.4 18.2 16.8 - - - -
Unit: mm Remarks
With metal fitting With boss
With metal fitting Without boss
Note1: Please order the tube packaging product, by multiplying the packaging quantity by an integer. Note2: Please order the embossed tape packaging product per reel. (1000 pcs./reel)
A293
BRecommended PCB mounting pattern
(Unit: mm)
qReceptacle
Note1:
If the pattern is included in the shaded area, and not treated with resist, it could touch the connector contact.
qHeader
(Unit: mm)
Unit: mm Number of Contacts 20 30 40 50 C 5.85 9.1 15.6 G 8.65 11.9 18.4 L 11.1 17.6 M 13.5 20 7.85 10.25
12.35 15.15 14.35 16.75
A294
BEmbossed Carrier Tape Dimensions
qReceptacle
(20, 30, 40 contacts)
(50 contacts)
qHeader
(20, 30, 40 contacts)
(50 contacts)
qReel Dimensions
Unit:mm Connector DF15#(0.8)-20DS-0.65V DF15#(0.8)-30DS-0.65V DF15#(0.8)-40DS-0.65V DF15#(0.8)-50DS-0.65V DF15#(1.8)-20DS-0.65V DF15#(1.8)-30DS-0.65V DF15#(1.8)-40DS-0.65V DF15#(1.8)-50DS-0.65V A 16 24 24 32 16 24 24 32 B 7.5 11.5 11.5 14.2 7.5 11.5 11.5 14.2 C 3.3 3.3 3.3 3.3 4.3 4.3 4.3 4.3 D 16.4 24.4 24.4 32.4 16.4 24.4 24.4 32.4 330 E Connector DF15#(3.2)-20DP-0.65V DF15#(3.2)-30DP-0.65V DF15#(3.2)-40DP-0.65V DF15#(3.2)-50DP-0.65V DF15#(4.2)-20DP-0.65V DF15#(4.2)-30DP-0.65V DF15#(4.2)-40DP-0.65V DF15#(4.2)-50DP-0.65V DF15#(6.2)-20DP-0.65V DF15#(6.2)-30DP-0.65V DF15#(6.2)-40DP-0.65V DF15#(6.2)-50DP-0.65V A 16 24 24 32 16 24 24 32 16 24 24 32 B 7.5 11.5 11.5 14.5 7.5 11.5 11.5 14.5 7.5 11.5 11.5 14.5 C 3.5 3.5 3.5 3.5 4.5 4.5 4.5 4.5 6.5 6.5 6.5 6.5 D 16.4 24.4 24.4 32.4 16.4 24.4 24.4 32.4 16.4 24.4 24.4 32.4 380 330 E
A295
BPrecautions
1. Recommended Temperature Profile (SMT)
Note1: Maximum twice action is allowed under the same condition. However, the interval between the first process and second actions must be maintained at the room temperature. Note2: The temperature indicates the board surface temperature in the connector lead area. 2. Recommended Manual Soldering Condition (SMT) Soldering iron temperature: 29010c, Soldering time: Within 2 seconds 3. Recommended Screen Thickness (SMT) 0.15mm 4. Board Warp (SMT) 5. Cleaning Condition 6. Cautions Max 0.03mm in the connector center area, based on the both connector edges Refer to the "Nylon Connector Use Hand book". sThe receptacle is designed in a structure where contacts are exposed. Touching it with bare hands would cause contact failure or electrostatic element damage. sWhere no board is mounted, the insertion or extraction will cause damage or deformation in the contacts. sAvoid retaining the board with the connector only, and fix the board by any other means than the connector. sExcessive scoop insertion or extraction may result in damage. sIn the manual soldering process, don't carry out the flux coating which will cause a flux blister on the connector. sThe color phase of this product may be slightly different from that of the formed product according to the manufacturing lot. However, the difference doesn't affect the performance.
A296


▲Up To Search▲   

 
Price & Availability of DF15B3220DP-065V50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X