Part Number Hot Search : 
XXAB3 KA258AD 16FR20 PPF044E DTA144WE ON2323 2815T UY12A
Product Description
Full Text Search
 

To Download D202RU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D200RU Series
Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 2W Output Power * 4:1 Input Voltage Range * 1,000 VDC Isolation * Short Circuit Protected * Miniature SIP Case * Single & Dual Outputs * 1.0 MH MTBF * Industry Standard Pin-Out
Input
Parameter Input Start Voltage Input Filter Reverse Polarity Input Current Short Circuit Input Power Conditions Min. 24 VDC Input 4.5 48 VDC Input 8.5 Capacitor Filter Typ. 6.0 12.0 Max. 8.5 17.0 0.5 1,500 Conditions Min. Typ. 1.0 1.0 0.3 0.5 30 Max. 2.0 2.0 0.5 0.75 50 75 15 300 5.0 0.02 Units VDC
A mW Units % % % % mV P - P mV P - P mV rms % Sec % %/C
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20 MHz) (Note 1) Ripple & Noise (20 MHz) Ripple & Noise (20 MHz) Output Power Protection Transient Response Time (Note 2) Transient Response Deviation Temperature Coefficient Output Short Circuit
Vin = Min to Max Iout = 25% to 100% Over Line, Load & Temp. 120 25% Load Step Change
RoHS Compliant
100 3.0 0.01
Continuous Conditions 60 Seconds Flash Tested For 1 Sec 500 VDC 100 kHz, 1V Min. 1,000 1,100 1,000 Typ. Max. Units VDC VDC M pF kHz Units C C C %
General
Parameter Isolation Voltage Isolation Test Voltage Isolation Resistance Isolation Capacitance Switching Frequency
250 300
500
Environmental
Parameter Operating Temperature Range Operating Temperature Range Storage Temperature Range Cooling Humidity Conditions Min. Typ. -40 +25 -40 +25 -55 Free Air Convection RH, Non-condensing Ambient Case Max. +65 +65 +105 95
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Physical
Case Size Case Material Weight 1.02 x 0.36 x 0.49 Inches (25.95 x 9.25 x 12.45 mm) Non-Conductive Black Plastic (UL94-V0) 0.23 Oz (6.5g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 24 VDC Input 48 VDC Input 1.5 mm From Case For 10 Sec All Models Min. 1,000 Min. -0.7 -0.7 Typ. Max. Units kHours Units VDC C mW
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation Typ. Max. 50.0 100.0 260 2,500
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Model Selection Guide
Model Number D201RU D202RU D203RU D204RU D205RU D206RU D207RU D211RU D212RU D213RU D214RU D215RU D216RU D217RU Input Output Reflected Efficiency Voltage (VDC) Current (mA) Ripple Voltage Current Current (%, Typ) Nominal Range Full-Load No-Load (VDC) (mA, Max) (mA, Min) Current (mA) 24 9.0 - 36.0 97 20 3.3 500.0 125.0 300 71 24 9.0 - 36.0 110 20 5.0 400.0 100.0 300 76 24 9.0 - 36.0 106 20 12.0 167.0 42.0 300 79 24 9.0 - 36.0 105 20 15.0 134.0 33.0 300 80 24 9.0 - 36.0 114 20 5.0 200.0 50.0 300 73 24 9.0 - 36.0 108 20 12.0 83.0 21.0 300 77 24 9.0 - 36.0 106 20 15.0 67.0 17.0 300 79 48 18.0 - 75.0 49 15 3.3 500.0 125.0 600 70 48 18.0 - 75.0 58 15 5.0 400.0 100.0 600 72 48 18.0 - 75.0 54 15 12.0 167.0 42.0 600 78 48 18.0 - 75.0 54 15 15.0 134.0 33.0 600 78 48 18.0 - 75.0 60 15 5.0 200.0 50.0 600 70 48 18.0 - 75.0 55 15 12.0 83.0 21.0 600 76 48 18.0 - 75.0 55 15 15.0 67.0 17.0 600 76 Fuse Rating Slow-Blow (mA) 350 350 350 350 350 350 350 135 135 135 135 135 135 135
Notes: 1. When measuring output ripple, it is recommended that an external 0.47 F ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. For noise sensitive applications, the use of 3.3 F capacitors will reduce the output ripple. 2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%. 3. Operation at no-load will not damage these units. However, they may not meet all specifications. 4. Dual output units may be connected to provide a 10 VDC, 24 VDC, or 30 VDC output. To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output common. 5. The converter should be connected to a low ac-impedance source. An input source with a highly inductive impedance may affect the stability of the converter. In applications where the converter output loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure startup. In this case, it is recommended that a low ESR (ESR <1.0 at 100 kHz) capacitor be mounted close to the converter. For all models, it is recommended a 1.5 F be used. 6. The optional remote Min Max on/off control pin On <0.6 VDC to Open Circuit is referenced to the -Vin pin. Off 2.7 VDC 15.0 VDC The standby input -1 mA current is typically In. Current (on) 1 mA 0 . 1 m A ( 0 . 2 m a In. Current (off) maximum). 7. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the correct rating.
Derating Curve
Mechanical Dimensions
Capacitive Load
Output (VDC) 3.3 5.0 12.0 15.0 5.0 12.0 15.0 F Max 2,200 1,000 170 110 470 100 47
Pin Connections
Pin 1 2 3 6 7 8 9 Single Dual -Vin -Vin +Vin +Vin Remote ON/OFF +Vout +Vout NC Common NC NC -Vout -Vout
Note: For dual output units, Cap load is given for each output.
NF = No Connection
Mechanical Notes:
* All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25)
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
*
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of D202RU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X