Part Number Hot Search : 
MAX1818 MP2425 AM29F010 30CPQ150 LT1033CT PCB2421 VQ7254N6 18636357
Product Description
Full Text Search
 

To Download CYV15G0102EQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
CYV15G0102EQ
Multi-Rate Video Cable Equalizer
Features
* Multi-Rate Adaptive Equalization * SMPTE 292M, SMPTE 344M, and SMPTE 259M Compliant * Supports DVB-ASI at 270 Mbps * Cable Length Indicator for HD-SDI and SD-SDI data rates * Maximum Cable Length Adjustment for HD-SDI and SD-SDI data rates * Carrier detect and Mute functionality for HD-SDI and SD-SDI data rates * Equalizer Bypass Mode * Seamless connection with HOTLink IITM Family * Equalizes up to 400m of Belden 1694A coaxial cable at 270 Mbps * Equalizes up to 200m of Belden 1694A coaxial cable at 1.485 Gbps * Low Power 160 mW @ 3.3V * Single 3.3V supply * 16-pin SOIC * 0.18-m CMOS technology * Pb-free and RoHS compliant * Pin-compatible to existing equalizer devices
Functional Description
The CYV15G0102EQ is a multi-rate adaptive equalizer designed to equalize and restore signals received over 75 coaxial cable. The equalizer is designed to meet SMPTE 292M, SMPTE 344M, and SMPTE 259M data rates. The CYV15G0102EQ is optimized to equalize up to 400m of Belden 1694A coaxial cable at 270 Mbps and up to 200m of Belden 1694A coaxial cable at 1.485 Gbps. The CYV15G0102EQ connects seamlessly to the HOTLink II family of transceiver devices. The CYV15G0102EQ has DC restoration for compensation of the DC content of the SMPTE pathological patterns. A cable length indicator (CLI) provides an indication of the cable length being equalized at HD-SDI and SD-SDI data rates. The Maximum cable length adjust (MCLADJ) sets the approximate maximum cable length to be equalized at SD and HD data rates. The CYV15G0102EQ's differential serial outputs (SDO, SDO) mute, when the approximate cable length set by MCLADJ is reached. CD/MUTE is a bidirectional pin that provides an indication of the signal being present at the equalizer inputs. It also controls muting the outputs of the equalizer at HD and SD data rates. Power consumption is typically 160 mW at 3.3V.
Equalizer System Connection Diagram
HOTLink II Serializer
Cable Driver
Serial Links Copper Cable Connections
CYV15G0102EQ Multi-Rate Cable Equalizer
HOTLink II Deserializer
Cypress Semiconductor Corporation Document #: 001-04205 Rev. *A
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised August 30, 2005
PRELIMINARY
Equalizer Block Diagram
CYV15G0102EQ
CYV15G0102EQ Multi-Rate Video Cable Equalizer Block Diagram CYV15G0102EQ Multi-Rate Video Cable Equalizer Block Diagram
CLI MCLADJ Cable Length Analog Indicator and Mute Threshold Block Carrier Detect and Mute Control Block
CD / MUTE
DC Restore
BYPASS
SDI, SDI
Equalizer
Differential Output
SDO, SDO
Pin Configuration (Top View)
16-PIN SOIC Top View
CLI VCC GND SDI SDI GND AGC+ AGC2 3 4 CYV15G0102EQ 5 6 7 8 12 11 10 9 SDO GND MCLADJ BYPASS 16 15 14 13 CD/MUTE VCC GND SDO
Document #: 001-04205 Rev. *A
Page 2 of 10
PRELIMINARY
Pin Descriptions
CYV15G0102EQ Single Channel Cable Equalizer Name Control Signals
CLI CD/MUTE Analog Output LVTTL I/O
CYV15G0102EQ
I/O Characteristics Signal Description
Cable Length Indicator: CLI provides an analog voltage proportional to the cable length being equalized. CLI works at both SD-SDI and HD-SDI data rates. Carrier Detect/Mute Indicator: Output:
When the incoming data stream is present, the CD/MUTE outputs a voltage less than 0.8V. When the incoming data stream is not present, the CD/MUTE outputs a voltage greater than 3V.
Input:
When the CD/MUTE pin is tied to ground, the equalizer's differential serial outputs are not muted and the MCLADJ setting is overwritten. When the CD/MUTE pin is tied to VCC, the equalizer's differential serial outputs are muted and the MCLADJ setting is overwritten. MCLADJ Analog Input
Maximum Cable Length Adjust: The maximum cable length to be equalized is set by the voltage applied to the MCLADJ input. When the maximum cable length set by MCLADJ is reached, the differential output is muted. MCLADJ works at both SD and HD data rates. Equalizer Bypass: When BYPASS is tied to VCC, the signal presented at the equalizer's differential serial inputs (SDI, SDI) is routed to the equalizer's differential serial outputs (SDO, SDO) without performing equalization.
When BYPASS is tied to GND, the incoming video data stream is equalized and presented at the equalizer`s serial differential outputs (SDO, SDO). In equalizer bypass mode, CD/MUTE is not functional.
BYPASS
LVTTL Input
AGC SDO, SDO SDI, SDI
Analog Differential Output Differential Input
Automatic Gain Control: A capacitor of 1 F should be placed between the AGC pins. Differential Serial Outputs: The equalized serial video data stream is presented at the SDO/SDO differential serial CML output. Differential Serial Inputs: SDI/SDI can accept either a single ended or differential serial video data stream over 75 coaxial cable.
Power
VCC GND Power Gnd +3.3V Power. Connect to Ground. by RP178. The CYV15G0102EQ multi-rate Cable Equalizer is auto-adaptive from 143 Mbps to 1.485 Gbps. The CYV15G0102EQ equalizer has variable gain, multiple equalization stages, that reverse the effects of the cable. This equalization is achieved by separate regulation of the lower and higher frequency components in the signal to give a clean eye. The CYV15G0102EQ has DC restoration for compensating the DC content of the SMPTE pathological patterns.
Equalizer Operation
The CYV15G0102EQ is a high-speed adaptive cable equalizer designed to equalize standard definition (SD) and high definition (HD) serial digital interface (SDI) video data streams. CYV15G0102EQ equalizer is optimized to equalize up to 400m of Belden 1694A cable at 270 Mbps and up to 200m of Belden 1694A cable at 1.485 Gbps. The CYV15G0102EQ equalizer contains one power supply and typically consumes 160 mW power at 3.3V. The multi-rate equalizer is designed to meet the SMPTE 259M, SMPTE 292M, SMPTE 344M and DVB-ASI video standards. The equalizer meets all pathological requirements for SMPTE 292M as defined by RP198. and for SMPTE 259M as defined
SDI, SDI
CYV15G0102EQ accepts single-ended or differential serial video data streams over 75 coaxial cable. It is recommended to AC-couple the SDI, SDI inputs as they are internally biased to 1.2V.
Document #: 001-04205 Rev. *A
Page 3 of 10
PRELIMINARY
SDO, SDO
The CYV15G0102EQ has differential serial output interface drivers that use current mode logic [CML] drivers to provide source matching for the transmission line. These outputs can be either AC coupled or DC coupled to HOTLink II SerDes device.
CYV15G0102EQ
equalizer's input, or it controls the muting of the equalizer's output. The (CD/MUTE) operates for both HD and SD data rates. If CD/MUTE is used as an output, and the incoming data stream is not present, the voltage at the CD/MUTE output will be greater than 3.0V. If CD/MUTE is used as an output, and the incoming data stream is present, then the voltage at the CD/MUTE output will be less than 0.8V. If CD/MUTE is used as an input, and tied to ground, the equalizer serial outputs are not muted and the MCLADJ setting is overwritten. If the CD/MUTE is used as an input and is tied to VCC, then the equalizer serial outputs are muted and the MCLADJ setting is overwritten. When an invalid signal or a signal transmitted with a launch amplitude of less than 500 mV at HD data-rates is received, the equalizer's serial outputs are muted and the MCLADJ setting is overwritten.
CLI
Cable Length Indicator (CLI) is an analog output that gives an output voltage proportional to the cable length being equalized. CLI gives an approximation of the length of cable at the differential serial inputs (SDI, SDI). CLI works at high definition (HD) data rates as well as standard definition (SD) data rates. The graph in Figure 2 illustrates the CLI output voltage at various Belden 1694A cable lengths. With an increase in cable length, CLI output voltage decreases.
MCLADJ
Maximum Cable Length Adjust (MCLADJ) sets the approximate maximum amount of cable to be equalized. When the maximum cable length set by MCLADJ is reached, the outputs are muted. MCLADJ works at SD as well HD data rates. If the MCLADJ voltage is greater than the CLI output voltage, the equalizer serial differential outputs (SDO, SDO) are muted. If the MCLADJ voltage is less than CLI voltage, then the equalizer's differential serial outputs (SDO, SDO) are not muted and the incoming data stream is equalized. The graph in Figure 1 illustrates the voltage needed at MCLADJ input, to equalize various Belden 1694A cable lengths for SD and HD data rates. The MCLADJ pin can be left unconnected in applications that do not require muting of the outputs.
BYPASS
The CYV15G0102EQ has a bypass mode that allows the user to bypass the equalizer's equalization and DC restoration functions. When the Bypass mode is tied to VCC, the signal presented at the equalizer's differential serial inputs (SDI, SDI) is routed to the equalizer's differential serial outputs (SDO, SDO) without performing equalization. When BYPASS is tied to GND, the incoming video data stream is equalized and presented at the equalizer`s differential serial outputs (SDO, SDO). In equalizer bypass mode, CD/MUTE is not functional.
AGC
A capacitor of 1 F should be placed between the AGC pins of the CYV15G0102EQ equalizer.
CD/MUTE
Carrier Detect/MUTE (CD/MUTE) is a bidirectional pin that provides an indication of the signal being present at the
Document #: 001-04205 Rev. *A
Page 4 of 10
PRELIMINARY
Maximum Ratings
Above which the useful life may be impaired. User guidelines only, not tested Storage Temperature .................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage to Ground Potential ............... -0.5V to +3.8V DC Voltage Applied to Outputs in High-Z State .......................................-0.5V to VCC + 0.5V DC Input Voltage......................................-0.5V to VCC+0.5V Electro Static Discharge (ESD) HBM .......................> 2000 V (per JEDEC EIA/JESD-A114A) Latch-Up Current ....................................................> 200 mA
CYV15G0102EQ
Power-up Requirements
The CYV15G0102EQ contains one power-supply. The voltage on any input or I/O pin cannot exceed the power pin during power-up.
Operating Range
Range
Commercial
Ambient Temperature
0C to +40C
VCC
+3.3V 5%
DC Electrical Characteristics
Parameter
VCC PD IS VCMOUT VCMIN Supply
Description
Voltage[1] Power Consumption[2] Supply Current[1] Output Common Mode Input Common Mode [Bypass = High] Voltage[1] Voltage[1]
Test Conditions
- - - Load = 50 - - - - - - Carrier Not Present Carrier Present Min. to Mute Max. to Activate
Min.
3.135 125 38 - 1 0 2.5 1.6 1.2 0.55 3.0 - 2.2 -
Typ.
3.3 160 48 VCC - VSDO/2 1.24 1.24 2.65 1.9 1.3 0.72 - - - -
Max.
3.465 190 58 - 1.4 2.9 2.9 2.3 1.4 1.02 - 0.8 - 1.2
Unit
V mW mA V V V V V V V V V V V
Input Common Mode Voltage[1] [Bypass = Low] - - - - VCD/MUTE(OL) VCD/MUTE VCD/MUTE CD/MUTE Input Voltage Required to Force Outputs to Mute[1] CD/MUTE Input Voltage Required to Force Active[1] CLI DC Voltage (0m)[1] CLI DC Voltage (no MCLADJ Range[1] Voltage[1] signal)[1] Voltage[1] Floating MCLADJ DC
VCD/MUTE(OH) CD/MUTE Output
Notes: 1. Production test. 2. Calculated results from production test.
Document #: 001-04205 Rev. *A
Page 5 of 10
PRELIMINARY
AC Electrical Characteristics
Parameter
- VSDI VSDI VSDO -
CYV15G0102EQ
Min.
143 500 620 650 -
Description
Serial Input Data Rate Input Voltage Swing Input Voltage Swing Output Voltage Swing[1] Maximum Equalized Cable Length[1]
[1]
Test Conditions
- Single ended, at the transmitter, HD data rate Single ended, at the transmitter, SD data rate Differentialp-p,50 load 270 Mbps, Belden 1694A, 800 mV transmit amplitude, equalizer pathological pattern, 0.2 UI equalizer output jitter 1.485 Gbps, Belden 1694A, 800 mV transmit amplitude, equalizer pathological pattern, 0.3 UI equalizer output jitter
Typ.
- 800[1] 800[1] 800 400
Max.
1485 1200 1200 900 -
Unit
Mbps mV mV mV m
-
200
-
m
- - - - - - - -
Output Rise/Fall Time[3, 4] Mismatch in Rise/Fall time[3, 4] Duty cycle distortion[3, 4] Loss[3] Overshoot[3, 4] Input Return Input Resistance[3, 4] Input Capacitance[3, 4] Output Resistance[3, 4]
20% - 80% - - - - Single ended Single ended Single ended
80 - - - 15 - - -
120 - - - - 2.5 1 50
220 30 30 10 - - - -
ps ps ps % dB k pF
Notes: 3. Not tested. Based on characterization. 4. Not tested. Guaranteed by design simulations.
Document #: 001-04205 Rev. *A
Page 6 of 10
PRELIMINARY
Typical Performance Graphs
(Unless Otherwise mentioned, VCC = 3.3V, TA = 25C)
CYV15G0102EQ
2.7 2.6 2.5 2.4
VOLTAGE (V)
2.3 2.2 2.1 2 1.9 1.8 1.7 0 50 100 150 200 250 300 350 400
CABLE LENGTH (m)
Figure 1. MCLADJ Input Voltage Vs. Belden 1694A Cable Length at SD-SDI and HD-SDI Data Rates
2.7 2.6 2.5 2.4
VOLTAGE (V)
2.3 2.2 2.1 2 1.9 1.8 1.7 0 50 100 150 200 250 300 350 400
CABLE LENGTH (m)
Figure 2. CLI Output Voltage Vs. Belden 1694A Cable Length at SD-SDI and HD-SDI Data Rates
Document #: 001-04205 Rev. *A
Page 7 of 10
PRELIMINARY
Typical Application Circuit
CL I CD/ MUTE
CYV15G0102EQ
+3.3V
C 12
+3.3V
LFI RD X7 RD X6 RD X5 RD X4 RD X3 RD X2 RD X1 RD X0 RO XP R ST2 X R ST1 X R ST0 X RC X LK+ RC X LK- RC + X LKC R LE X SD ASEL LP EN IN SEL IN 1+ IN 1- FR C A AM H R R FEN R OE FM D D MD EC O E R C EL X KS RM D X OE RR X ATE C 10
0. 01 F
C 15
0.01 F Z0
2 Z0 R 18 16 C / M TE C LI DU 15 VC C VC C 14 VEE VEE 13 SD O SD I 12 SD O SD I 11 VE E VEE 10 M LAD AG + CJC 9 BY PASSAG - C 1 2 3 4 5 6 7 8
1 F
R 16
BN JAC C K
75 1 F 75
L2 6.4 n H
C 16
Z0
+
1 F
C 11
37.4
R 15 R 14
75
C YV15G0102EQ
CY V15G0101D B X
MCL ADJ
Figure 3. Interfacing CYV15G0102EQ to the HOTLink II SerDes
Ordering Information
Ordering Code
CYV15G0102EQ-SXC
Package Name
SZ16.15
Package Type
Pb-Free16-lead 150-mil SOIC
Operating Range
0 to 40C
Document #: 001-04205 Rev. *A
Page 8 of 10
PRELIMINARY
Package Dimensions
CYV15G0102EQ
16-Lead (150-Mil) SOIC S16.15
51-85068-*B
HOTLink II is a trademark of Cypress Semiconductor. All product and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 001-04205 Rev. *A
Page 9 of 10
(c) Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
PRELIMINARY
Document History Page
Document Title: CYV15G0102EQ Multi-Rate Cable Equalizer Document Number: 001-04205 REV.
** *A
CYV15G0102EQ
ECN NO.
389196 394763
ISSUE DATE
SEE ECN SEE ECN
ORIG. OF CHANGE
BCD BCD
DESCRIPTION OF CHANGE
New Preliminary Data Sheet Updated Preliminary Data Sheet for release to the internet
Document #: 001-04205 Rev. *A
Page 10 of 10


▲Up To Search▲   

 
Price & Availability of CYV15G0102EQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X