Part Number Hot Search : 
SM8145 GBPC2506 31ILPR 322020 SR606 PQ12RF2B MX7224UQ S20H100
Product Description
Full Text Search
 

To Download CM1250-04QG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Capacitance Transient Voltage Suppressors / ESD Protectors CM1250-04QG
Features
* * *
Low I/O capacitance at 5pF at 0V In-system ESD protection to 8kV contact discharge, per the IEC 61000-4-2 international standard
Compact SMT package saves board space and facilitates layout in space-critical applications Each I/O pin can withstand over 1000 ESD strikes*
*
Block Diagram
*Standard test condition is an IEC61000-4-2 level 4 test circuit with each pin subjected to 8kV contact discharge for 1000 pulses. Discharges are timed at 1 second intervals and all 1000 strikes are completed in one continuous test run. The part is then subjected to standard production test to verify that all of the tested parameters are within spec after the 1000 strikes.
(c)2010 SCILLC. All rights reserved. April 2010 Rev. 3
Publication Order Number: CM1250-04QG/D
CM1250-04QG
Pin Configuration
Pin Descriptions Pins
(Refer to package / pinout diagrams) (Refer to package / pinout diagrams)
Name
CHx
Description
The cathode of the respective TVS diode, which should be connected to the node requiring transient voltage protection. The anode of the TVS diodes.
VN
Ordering Information # of Pins
6
# of Channels
4
Package
uDFN-0.4mm
Ordering Part Number1
CM1250-04QG
Part Marking
LS
Note 1: Parts are shipped in Tape and Reel form unless otherwise specified.
Rev.3 | Page 2 of 7 | www.onsemi.com
CM1250-04QG
Absolute Maximum Rating
PARAMETER Storage Temperature Range RATING -65 to +150 UNITS C
Standard Operating Conditions
PARAMETER Operating Temperature Range RATING -40 to +85 UNITS C
Electrical Operating Characteristics (see Note 1)
SYMBOL CIN PARAMETER Channel Input Capacitance CONDITIONS TA = 25C, 0VDC, 1MHz TA = 25C, 2.5VDC, 1MHz MIN TYP 5 3 0.14 0.10 MAX 7 UNITS pF pF pF
C
IN
Differential Channel I/O to GND Capacitance Leakage Current
TA = 25C, 2.5VDC, 1MHz VIN = 3.5VDC, TA = 25C
ILEAK
A
VSIG
Small Signal Clamp Voltage Positive Clamp Negative Clamp ESD Withstand Voltage Contact Discharge per IEC 61000-4-2 standard Human Body Model, MIL-STD-883, Method 3015 Diode Dynamic Resistance Forward Conduction Reverse Conduction
I = 5mA, TA = 25C I = -5mA, TA = 25C Notes 3 and 4; TA = 25C Notes 3 and 4 TA = 25C TA = 25C
6.1 -1.5 8 15
8.5 -0.4
V V kV kV
VESD
RD
0.7 2.1

Note 1: Note 2: Note 3: Note 4:
All parameters specified at TA = -40C to +85C unless otherwise noted. Human Body Model per MIL-STD-883, Method 3015, CDischarge = 100pF, RDischarge = 1.5KW, VN grounded. Standard IEC 61000-4-2 with CDischarge = 150pF, RDischarge = 330W, VN grounded. These measurements performed with no external capacitor on CHX.
Rev. 3 | Page 3 of 7 | www.onsemi.com
CM1250-04QG
Performance Information
Diode Capacitance Typical diode capacitance with respect to positive TVS cathode voltage (reverse voltage across the diode) is given in Figure 1.
Figure 1. Diode Capacitance vs. Reverse Voltage
Typical High Current Diode Characteristics Measurements are made in pulsed mode with a nominal pulse width of 0.7ms. Typical Input Characterictics (Pulse-mode measurements, pulse width = 0.7ms nominal)
Rev.3 | Page 4 of 7 | www.onsemi.com
CM1250-04QG
CM1250-04QG Mechanical Specifications
The 6-lead uDFN-0.4mm CM1250-04QG package dimensions are shown below.
Package Specifications Package JEDEC No. Leads Millimeters Dim Min A A1 Nom Max Min Nom 0.020 0.001 0.006 0.008 0.049 0.039 0.016 0.012 Max 0.022 0.002 0.008 0.010 0.053 0.043 0.018 0.016 uDFN MO-229C* 6 Inches
0.450 0.500 0.550 0.018 0.000 0.020 0.050 0.100 0.150 0.200 0.150 0.200 0.250 1.150 1.250 1.350 0.900 1.000 1.100 0.350 0.400 0.450 0.000 0.004 0.006 0.045 0.035 0.014
A3
b D E e L # per tape and reel
0.200 0.300 0.400 0.008 3000 pieces
Controlling dimension: millimeters
Dimensions for 6-Lead, 0.4mm Pitch uDFN-0.4 Package
Rev. 3 | Page 5 of 7 | www.onsemi.com
CM1250-04QG
Tape and Reel Specifications PACKAGE SIZE (mm)
1.25 X 1.00 X 0.50
PART NUMBER
CM1250-04QG
POCKET SIZE (mm) B0 X A0 X K0
1.55 X 1.25 X 0.65
TAPE WIDTH W
8mm
REEL DIAMETER
178mm (7")
QTY PER REEL
3000
P0
4mm
P1
4mm
Rev.3 | Page 6 of 7 | www.onsemi.com
CM1250-04QG
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
Rev. 3 | Page 7 of 7 | www.onsemi.com


▲Up To Search▲   

 
Price & Availability of CM1250-04QG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X