Part Number Hot Search : 
PN7362 B8279 D96L6L 85C12 LVG32643 20800SAE 7808V AD50621
Product Description
Full Text Search
 

To Download CLE230W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CLE230W, CLE231W, CLE232W
High Power Aluminum Gallium Arsenide IREDs
0.156 (3.96) 0.136 (3.45) 0.165 (4.19) 0.145 (3.68) 1.00 (25.4) min.
(R)
Clairex
July, 2001
Technologies, Inc.
0.100 (2.54) dia. 0.215 (5.46) 0.205 (5.21) ANODE
0.190 (4.83) 0.176 (4.47) CATHODE 0.025 (0.64) max. 0.010 (0.25) max 0.019 (0.48) 0.016 (0.41)
0.147 (3.73) 0.137 (3.48)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
features
* * * * wide emission angle TO-46 hermetically sealed package excellent heat dissipation high power output
absolute maximum ratings (TA = 25C unless otherwise stated)
description
The CLE230W series are AlGaAs infrared emitting diodes mounted in flat window TO-46 hermetic packages. The wide emission angle provides even illumination over a large area. The series are spectrally and mechanically matched to the CLT130W phototransistor series. For additional information, call Clairex.
storage temperature ...................................................................... -55C to +150C operating temperature ................................................................... -55C to +125C lead soldering temperature(1) ......................................................................... 240C maximum continuous current(2) ..................................................................... 100mA peak forward current (10s pulse width, 100pps) .............................................. 10A maximum power dissipation(3)...................................................................... 200mW reverse voltage .................................................................................................... 3V 1. 2. 3. 0.06" (1.5mm) from the header for 5 seconds maximum. Maximum temperature can be 260C if wave soldering. Derate linearly 0.80mA/C from 25C free air temperature to TA = +125C. Derate linearly 1.6mW/C from 25C free air temperature to TA = +125C.
notes:
electrical characteristics (TA = 25C unless otherwise noted) symbol parameter
Irradiance(4,5) Ee VF IR P BW HP tr tf Forward voltage(4,5) Reverse current Peak emission wavelength Spectral bandwidth at half power points Emission angle at half power points Output rise time Output fall time CLE230W CLE231W CLE232W
min
1.5 3.5 5.0 -
typ
890 80 70 500 250
max
2.0 10 -
units
test conditions
mW/cm V A nm nm deg. ns ns
2
IF = 100mA IF = 100mA VR = 3.0V IF = 100mA IF = 100mA IF = 100mA IF = 100mA IF = 100mA
note: 4. Ee is a measure of irradiance (power/unit area) within a .25" (6.35mm) diameter area, centered on the
mechanical axis of the device and spaced .466" (11.8mm) from the lens side of the tab. This is geometrically equivalent to a 30 cone. 5. Measurement taken at trailing edge of 100s pulse with a duty cycle of 0.1%.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product. Revised 12/01/04
Clairex Technologies, Inc. Phone: 972-265-4900
1301 East Plano Parkway Fax: 972-265-4949
Plano, Texas 75074-8524 www.clairex.com


▲Up To Search▲   

 
Price & Availability of CLE230W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X