Part Number Hot Search : 
KIA7045A 15KE75 160808 TTA1943 2560P TSS463B 15KE75 40175
Product Description
Full Text Search
 

To Download CAT54110710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT5411
Dual Digitally Programmable Potentiometers (DPPTM) with 64 Taps and SPI Interface
FEATURES
Two linear-taper digitally programmable potentiometers 64 resistor taps per potentiometer End to end resistance 2.5k, 10k, 50k or 100k Potentiometer control and memory access via SPI interface: Mode (0, 0) and (1, 1) Low wiper resistance, typically 80 Nonvolatile memory storage for up to four wiper settings for each potentiometer Automatic recall of saved wiper settings at power up 2.5 to 6.0 volt operation Standby current less than 1A 24-lead SOIC and 24-lead TSSOP Industrial temperature ranges The CAT5411 can be used as a potentiometer or as a two terminal, variable resistor. It is intended for circuit level or system level adjustments in a wide variety of applications.
DESCRIPTION
The CAT5411 is two Digitally Programmable Potentiometers (DPPsTM) integrated with control logic and 16 bytes of NVRAM memory. Each DPP consists of a series of 63 resistive elements connected between two externally accessible end points. The tap points between each resistive element are connected to the wiper outputs with CMOS switches. A separate 6-bit control register (WCR) independently controls the wiper tap switches for each DPP. Associated with each wiper control register are four 6-bit non-volatile memory data registers (DR) used for storing up to four wiper settings. Writing to the wiper control register or any of the non-volatile data registers is via a SPI serial bus. On power-up, the contents of the first data register (DR0) for each of the two potentiometers is automatically loaded into its respective wiper control register.
PIN CONFIGURATION
SOIC (W) (top view)
VCC RL0 RH0 RW0 CS WP SI A1 RL1 RH1 RW1 GND 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 NC NC NC NC A0 SO HOLD SCK NC NC NC NC SI A1 RL1 RH1 RW1 GND NC NC NC NC SCK HOLD
FUNCTIONAL DIAGRAM
TSSOP (Y) (top view)
1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 WP CS RW0 RH0 RL0 VCC NC NC NC NC A0 SO
RL0 RL1 WP A0 A1 CONTROL LOGIC NONVOLATILE DATA REGISTERS RW1 CS SCK SI SO WIPER CONTROL REGISTERS RH0 RH1
SPI BUS INTERFACE
RW0
CAT 19 5411 18
17 16 15 14 13
CAT 19 5411 18
17 16 15 14 13
For Ordering Information details, see page 15.
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. MD-2114 Rev. I
CAT5411 PIN DESCRIPTIONS
SI: Serial Input SI is the serial data input pin. This pin is used to input all opcodes, byte addresses and data to be written to the CAT5411. Input data is latched on the rising edge of the serial clock. SO: Serial Output SO is the serial data output pin. This pin is used to transfer data out of the CAT5411. During a read cycle, data is shifted out on the falling edge of the serial clock. SCK: Serial Clock SCK is the serial clock pin. This pin is used to synchronize the communication between the microcontroller and the CAT5411. Opcodes, byte addresses or data present on the SI pin are latched on the rising edge of the SCK. Data on the SO pin is updated on the falling edge of the SCK. A0, A1: Device Address Inputs These inputs set the device address when addressing multiple devices. A total of four devices can be addressed on a single bus. A match in the slave address must be made with the address input in order to initiate communication with the CAT5411. RH, RL: Resistor End Points The four sets of RH and RL pins are equivalent to the terminal connections on a mechanical potentiometer. RW: Wiper The four RW pins are equivalent to the wiper terminal of a mechanical potentiometer. : Chip Select CS CAT5251 and high disables the CAT5411. high CS CS takes the SO output pin to high impedance and forces the devices into a Standby mode (unless an internal write operation is underway). The CAT5411 draws ZERO current in the Standby mode. A high to low transition on is required prior to any sequence being initiated. A low CS to high transition on after a valid write sequence is CS what initiates an internal write cycle. : Write Protect WP is the Write Protect pin. The Write Protect pin will WP allow normal read/write operations when held high. When is tied low, all non-volatile write operations to WP the Data registers are inhibited (change of wiper control register is allowed). going low while is still low will WP CS interrupt a write to the registers. If the internal write cycle has already been initiated, going low will have no WP effect on any write operation. Pin SOIC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Pin TSSOP 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Name VCC RL0 RH0 RW0 CS WP SI A1 RL1 RH1 RW1 GND NC NC NC NC SCK HOLD SO A0 NC NC NC NC Function Supply Voltage Low Reference Terminal for Potentiometer 0 High Reference Terminal for Potentiometer 0 Wiper Terminal for Potentiometer 0 Chip Select Write Protection Serial Input Device Address Low Reference Terminal for Potentiometer 1 High Reference Terminal for Potentiometer 1 Wiper Terminal for Potentiometer 1 Ground No Connect No Connect No Connect No Connect Bus Serial Clock Hold Serial Data Output Device Address, LSB No Connect No Connect No Connect No Connect
HOLD: Hold The HOLD pin is used to pause transmission to the CAT5411 while in the middle of a serial sequence without having to re-transmit entire sequence at a later time. To pause, HOLD must be brought low while SCK is low. The SO pin is in a high impedance state during the time the part is paused, and transitions on the SI pins will be ignored. To resume communication, HOLD is brought high, while SCK should be held high any time this function is is low. (HOLD not being used.) HOLD may be tied high directly to VCC or tied to VCC through a resistor.
Doc. No. MD-2114 Rev. I
2
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5411 DEVICE OPERATION
The CAT5411 is two resistor arrays integrated with SPI serial interface logic, four 6-bit wiper control registers and eight 6-bit, non-volatile memory data registers. Each resistor array contains 63 separate resistive elements connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical potentiometer (RH and RL). RH and RL are symmetrical and may be interchanged. The tap positions between and at the ends of the series resistors are connected to the output wiper terminals (RW) by a CMOS transistor switch. Only one tap point for each potentiometer is connected to its wiper terminal at a time and is determined by the value of the wiper control register. Data can be read or written to the wiper control registers or the nonvolatile memory data registers via the SPI bus. Additional instructions allow data to be transferred between the wiper control registers and each respective potentiometer's non-volatile data registers. Also, the device can be instructed to operate in an "increment/decrement" mode.
SERIAL BUS PROTOCOL
The CAT5041 supports the SPI bus data transmission protocol. The synchronous Serial Peripheral Interface (SPI) helps the CAT5411 to interface directly with many of today's popular microcontrollers. The CAT5041 contains an 8-bit instruction register. The instruction set and the operation codes are detailed in the instruction set table 3. After the device is selected with going low the first CS byte will be received. The part is accessed via the SI pin, with data being clocked in on the rising edge of SCK. The first byte contains one of the six op-codes that define the operation to be performed.
RELIABILITY CHARACTERISTICS
Over recommended operating conditions unless otherwise stated. Symbol NEND TDR
(1) (1)
Parameter Endurance Data Retention ESD Susceptibility Latch-Up
Reference Test Method MIL-STD-883, Test Method 1033 MIL-STD-883, Test Method 1008 MIL-STD-883, Test Method 3015 JEDEC Standard 17
Min 1,000,000 100 2000 100
Typ
Max
Units Cycles/Byte Years Volts mA
VZAP(1) ILTH(1)
Notes: (1) This parameter is tested initially and after a design or process change that affects the parameter.
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
3
Doc. No. MD-2114 Rev. I
CAT5411
ABSOLUTE MAXIMUM RATINGS(1) Parameters Temperature Under Bias Storage Temperature Range Voltage to any Pins with Respect to VSS (2) (3) VCC with Respect to GND Package Power Dissipation Capability (TA = 25C) Lead Soldering Temperature (10s) Wiper Current Ratings -55 to +125 -65 to +150 -2.0 to VCC +2.0 -2.0 to +7.0 1.0 300 12 Units C C V V W C mA
(3)
RECOMMENDED OPERATING CONDITIONS Parameters VCC Industrial Temperature Ratings +2.5 to 6.0 -40 to +85 Units V C
Notes: (1) Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. (2) The minimum DC input voltage is -0.5V. During transitions, inputs may undershoot to -2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns. Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1V to VCC +1V.
POTENTIOMETER CHARACTERISTICS
Over recommended operating conditions unless otherwise stated. Symbol RPOT RPOT RPOT RPOT Parameter Potentiometer Resistance (-00) Potentiometer Resistance (-50) Potentiometer Resistance (-10) Potentiometer Resistance (-2.5) Potentiometer Resistance Tolerance RPOT Matching Power Rating IW RW RW VTERM VN Wiper Current Wiper Resistance Wiper Resistance Voltage on any RH or RL Pin Noise Resolution Absolute Linearity TCRPOT TCRATIO CH/CL/CW fc
(2)
Test Conditions
Min
Typ 100 50 10 2.5
Max
Units k k k k
+20 1 25C, each pot IW = +3mA @ VCC = 3V IW = +3mA @ VCC = 5V VSS = 0V
(1)
% % mW mA V nV/Hz %
50 +6 300 80 GND 1.6 150 VCC
RW(n)(actual)-R(n)(expected) RW(n+1)-[RW(n)+LSB](5)
(1) (1) (1)
(5)
+1 +0.2 +300 20 10/10/25
LSB (4) LSB (4) ppm/C ppm/C pF MHz
Relative Linearity (3) Temperature Coefficient of RPOT Ratiometric Temp. Coefficient Potentiometer Capacitances Frequency Response
RPOT = 50k
(1)
0.4
Notes: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) Absolute linearity is utilitzed to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer. (3) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. It is a measure of the error in step size. (4) LSB = RTOT / 63 or (RH - RL) / 63, single pot (5) n = 0, 1, 2, ..., 63
Doc. No. MD-2114 Rev. I
4
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5411 D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated. Symbol ICC ISB ILI ILO VIL VIH VOL1 Parameter Power Supply Current Standby Current (VCC = 5.0V) Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage (VCC = 3.0V) IOL = 3 mA Test Conditions fSCK = 2MHz, SO Open Inputs = GND VIN = GND or VCC; SO Open VIN = GND to VCC VOUT = GND to VCC -1 VCC x 0.7 Min Max 1 1 10 10 VCC x 0.3 VCC + 1.0 0.4 Units mA A A A V V V
PIN CAPACITANCE (1)
Applicable over recommended operating range from TA = 25C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted). Symbol COUT CIN Test Conditions Output Capacitance (SO) Input Capacitance (, SCK, SI, , HOLD) CS WP Min Typ Max 8 6 Units pF pF Conditions VOUT = 0V VIN = 0V
POWER UP TIMING (1)
Over recommended operating conditions unless otherwise stated. Symbol tPUR
(2) (2)
Parameter Power-up to Read Operation Power-up to Write Operation
Min
Typ
Max 1 1
Units ms ms
tPUW
Notes: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. 5
Doc. No. MD-2114 Rev. I
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5411 ELECTRICAL CHARACTERISTICS
Over recommended operating conditions unless otherwise stated. Symbol tSU tH tWH tWL fSCK tLZ tRI(1) tFI(1) tHD tCD tWC tV tHO tDIS tHZ tCS tCSS tCSH Parameter Data Setup Time Data Hold Time SCK High Time SCK Low Time Clock Frequency HOLD to Output Low Z Input Rise Time Input Fall Time HOLD Setup Time HOLD Hold Time Write Cycle Time Output Valid from Clock Low Output Hold Time Output Disable Time HOLD to Output High Z High Time CS Setup Time CS Hold Time CS 250 250 250 0 250 100 100 100 5 250 Min 50 50 125 125 DC 3 50 2 2 Typ Max Units ns ns ns ns MHz ns s s ns ns ms ns ns ns ns ns ns ns CL = 50pF Test Conditions
POTENTIOMETER AC CHARACTERISTICS
Symbol tWRL tWRID Parameter Wiper response time after instruction issued (all load instructions) Wiper response time from an active SCL/SCK edge (Increment/decrement instruction) Max 10 5 Units s s
Note: (1) This parameter is tested initially and after a design or process change that affects the parameter.
Doc. No. MD-2114 Rev. I
6
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5411
Figure 1: Synchronous Data Timing
VIH tCS
CS
VIL tCSS VIH VIL tSU VIH tCSH
SCK
tWH tH VALID IN
tWL
SI
VIL
tRI
tFI
tV
tHO
tDIS HI-Z
SO
VOH VOL
HI-Z
Figure 2: HOLD Timing
CS tCD SCK tHD HOLD tHZ SO
HIGH IMPEDANCE
tCD
tHD
tLZ
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
7
Doc. No. MD-2114 Rev. I
CAT5411 INSTRUCTION AND REGISTER DESCRIPTION
DEVICE TYPE / ADDRESS BYTE The first byte sent to the CAT5411 from the master/ processor is called the Device Address Byte. The most significant four bits of the Device Type address are a device type identifier. These bits for the CAT5411 are fixed at 0101[B] (refer to Table 1). The two least significant bits in the slave address byte, A1 - A0, are the internal slave address and must match the physical device address which is defined by the state of the A1 - A0 input pins for the CAT5411 to successfully continue the command sequence. Only the device which slave address matches the incoming device address sent by the master executes the instruction. The A1 - A0 inputs can be actively driven by CMOS input signals or tied to VCC or VSS. The remaining two bits in the device address byte must be set to 0. INSTRUCTION BYTE The next byte sent to the CAT5411 contains the instruction and register pointer information. The four most significant bits used provide the instruction opcode I [3:0]. The R1 and R0 bits point to one of the four data registers of each associated potentiometer. The least two significant bits point to one of two Wiper Control Registers. The format is shown in Table 2. Data Register Selection Data Register Selected DR0 DR1 DR2 DR3 R1 0 0 1 1 R0 0 1 0 1
Table 1. Identification Byte Format 0 1 0 Device Type Identifier (MSB)
Device Type Identifier Slave Address
ID3 0 (MSB)
ID2 1
ID1 0
ID0 1
0
0
A1
A0 (LSB)
Table 2. Instruction Byte Format
Instruction Opcode Data Register Selection
WCR/Pot Selection
I3 (MSB)
I2
I1
I0
R1
R0
P1
P0 (LSB)
Figure 3. Potentiometer Timing (for All Load Instructions)
CS
SCK
***
tWRL LSB
SI
MSB
***
VW/RW
SO
Doc. No. MD-2114 Rev. I
High Impedance
8
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5411 WIPER CONTROL AND DATA REGISTERS
Wiper Control Register (WCR) The CAT5411 contains two 6-bit Wiper Control Registers, one for each potentiometer. The Wiper Control Register output is decoded to select one of 64 switches along its resistor array. The contents of the WCR can be altered in four ways: it may be written by the host via Write Wiper Control Register instruction; it may be written by transferring the contents of one of four associated Data Registers via the XFR Data Register instruction, it can be modified one step at a time by the Increment/decrement instruction (see Instruction section for more details). Finally, it is loaded with the content of its data register zero (DR0) upon power-up. The Wiper Control Register is a volatile register that loses its contents when the CAT5411 is powereddown. Although the register is automatically loaded with the value in DR0 upon power-up, this may be different from the value present at power-down. Data Registers (DR) Each potentiometer has four 6-bit non-volatile Data Registers. These can be read or written directly by the host. Data can also be transferred between any of the four Data Registers and the associated Wiper Control Register. Any data changes in one of the Data Registers is a non-volatile operation and will take a maximum of 5ms. Table 3. Instruction Set Instruction Set Instruction
I3 I2 I1 I0 R1 R0 0 WCR0/ P0
Write in Process The contents of the Data Registers are saved to nonvolatile memory when the input goes HIGH CS after a write sequence is received. The status of the internal write cycle can be monitored by issuing a Read Status command to read the Write in Process (WIP) bit. INSTRUCTIONS Four of the ten instructions are three bytes in length. These instructions are: -- Read Wiper Control Register - read the current wiper position of the selected potentiometer in the WCR -- Write Wiper Control Register - change current wiper position in the WCR of the selected potentiometer -- Read Data Register - read the contents of the selected Data Register -- Write Data Register - write a new value to the selected Data Register -- Read Status - Read the status of the WIP bit which when set to "1" signifies a write cycle is in progress.
Note: 1/0 = data is one or zero
Operations
Read the contents of the Wiper Control Register pointed to by P1-P0 Write new value to the Wiper Control Register pointed to by P1-P0 Read the contents of the Data Register pointed to by P1-P0 and R1-R0 Write new value to the Data Register pointed to by P1-P0 and R1-R0 Transfer the contents of the Data Register pointed to by P1-P0 and R1-R0 to its associated Wiper Control Register Transfer the contents of the Wiper Control Register pointed to by P1-P0 to the Data Register pointed to by R1-R0 Transfer the contents of the Data Registers pointed to by R1-R0 of all four pots to their respective Wiper Control Registers Transfer the contents of both Wiper Control Registers to their respective data Registers pointed to by R1-R0 of all four pots Enable Increment/decrement of the Control Latch pointed to by P1-P0 Read WIP bit to check internal write cycle status
Read Wiper Control Register 1 Write Wiper Control Register Read Data Register Write Data Register XFR Data Register to Wiper Control Register XFR Wiper Control Register to Data Register Global XFR Data Registers to Wiper Control Registers Global XFR Wiper Control Registers to Data Register Increment/Decrement Wiper Control Register Read Status 1 1 1 1 1 0 1 0 0
0 0 0 1 1 1 0 0 0 1
0 1 1 0 0 1 0 0 1 0
1 0
0 0
0 0
0 0 0 0 0 0 0 0 0 0
1/0 1/0 1/0 1/0 1/0 1/0 0 0 1/0 1
1 1/0 1/0 0 1/0 1/0 1 1/0 1/0 0 1/0 1/0 1 1/0 1/0 0 1/0 1/0 0 1 0 0 0 0
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
9
Doc. No. MD-2114 Rev. I
CAT5411
The basic sequence of the three byte instructions is illustrated in Figure 5. These three-byte instructions exchange data between the WCR and one of the Data Registers. The WCR controls the position of the wiper. The response of the wiper to this action will be delayed by tWRL. A transfer from the WCR (current wiper position), to a Data Register is a write to nonvolatile memory and takes a minimum of tWR to complete. The transfer can occur between one of the four potentiometers and one of its associated registers; or the transfer can occur between all potentiometers and one associated register. Four instructions require a two-byte sequence to complete, as illustrated in Figure 4. These instructions transfer data between the host/processor and the CAT5411; either between the host and one of the data registers or directly between the host and the Wiper Control Register. These instructions are: -- XFR Data Register to Wiper Control Register This transfers the contents of one specified Data Register to the associated Wiper Control Register. -- XFR Wiper Control Register to Data Register This transfers the contents of the specified Wiper Control Register to the specified associated Data Register. Figure 4. Two-Byte Instruction Sequence
SI 0 1 0 1 0 0 A2 A1 A0 I3 Internal Address I2 I1 I0 R1 R0 P1 P0 Register Address Pot/WCR Address
-- Global XFR Data Register to Wiper Control Register This transfers the contents of all specified Data Registers to the associated Wiper Control Registers. -- Global XFR Wiper Counter Register to Data Register This transfers the contents of all Wiper Control Registers to the specified associated Data Registers. INCREMENT/DECREMENT COMMAND The final command is Increment/Decrement (Figure 6 and 7). The Increment/Decrement command is different from the other commands. Once the command is issued the master can clock the selected wiper up and/or down in one segment steps; thereby providing a fine tuning capability to the host. For each SCK clock pulse (tHIGH) while SI is HIGH, the selected wiper will move one resistor segment towards the RH terminal. Similarly, for each SCK clock pulse while SI is LOW, the selected wiper will move one resistor segment towards the RL terminal. See Instructions format for more detail.
ID3 ID2 ID1 ID0 A3 Device ID
Instruction Opcode
Figure 5. Three-Byte Instruction Sequence
SI 0 1 0 1 0 0 A2 A1 A0 I3 I2 I1 I0 R1 R0 P1 P0 Data Pot/WCR Register Address Address D7 D6 D5 D4 D3 D2 D1 D0 WCR[7:0] or Data Register D[7:0]
ID3 ID2 ID1 ID0 A3 Device ID
Internal Address
Instruction Opcode
Figure 6. Increment/Decrement Instruction Sequence
SI 0 1 0 1 0 A3 0 A2 A1 A0 Internal Address I3 I2 I1 I0 I N Pot/WCR C Data Register Address 1 Address R1 R0 P1 P0 I N C 2 I N C n D E C 1 D E C n
ID3 ID2 ID1 ID0 Device ID
Instruction Opcode
Doc. No. MD-2114 Rev. I
10
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5411
Figure 7. Increment/Decrement Timing Limits
INC/DEC Command Issued SCK
tWRL
SI
RW
Voltage Out
INSTRUCTION FORMAT Read Wiper Control Register (WCR) DEVICE ADDRESS INSTRUCTION DATA 0 1 0 1 0 0 A1 A0 1 0 0 1 0 0 0 P0 7 6 5 4 3 2 1 CS 00 Write Wiper Control Register (WCR) DEVICE ADDRESS INSTRUCTION DATA 0 1 0 1 0 0 A1 A0 1 0 1 0 0 0 0 P0 7 6 5 4 3 2 1 CS 00 Read Data Register (DR) DEVICE ADDRESS INSTRUCTION DATA 0 1 0 1 0 0 A1 A0 1 0 1 1 R1 R0 0 P0 7 6 5 4 3 2 1 CS
0
CS
0
CS
0
CS
Write Data Register (DR) DEVICE ADDRESS INSTRUCTION DATA 0 1 0 1 0 0 A1 A0 1 1 0 0 R1 R0 0 P0 7 6 5 4 3 2 1 CS
0
CS
High Voltage Write Cycle
Read Status (WIP) DEVICE ADDRESS INSTRUCTION 0 1 0 1 0 0 A1 A0 0 1 0 1 0 00 CS
1
DATA 7654321W 00 I P
CS
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
11
Doc. No. MD-2114 Rev. I
CAT5411
INSTRUCTION FORMAT (CONTINUED) Global Transfer Data Register (DR) to Wiper Control Register (WCR) CS 0 DEVICE ADDRESS 1 0 1 0 0 A1 A0 0 0 INSTRUCTION 0 1 R1 R0 0 0 CS
Global Transfer Wiper Control Register (WCR) to Data Register (DR) CS 0 1 DEVICE ADDRESS 0 1 0 0 A1 A0 1 0 INSTRUCTION 0 0 R1 R0 0 0 CS High Voltage Write Cycle
Transfer Wiper Control Register (WCR) to Data Register (DR) CS 0 DEVICE ADDRESS 1 0 1 0 0 A1 A0 1 1 INSTRUCTION 1 0 R1 R0 0 P0 CS High Voltage Write Cycle
Transfer Data Register (DR) to Wiper Control Register (WCR) CS 0 1 DEVICE ADDRESS 0 1 0 0 A1 A0 1 1 INSTRUCTION 0 1 R1 R0 0 P0 CS
Increment (I)/Decrement (D) Wiper Control Register (WCR) CS 0 DEVICE ADDRESS 1 0 1 0 0 A1 A0 0 0 INSTRUCTION 10 0 00 DATA P0 I/D I/D *** I/D I/D CS
Note: (1) Any write or transfer to the Non-volatile Data Registers is followed by a high voltage cycle after goes high. CS
Doc. No. MD-2114 Rev. I
12
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5411 PACKAGE OUTLINES
SOIC 24-LEAD 300 mil (W) (1)(2)
SYMBOL
MIN
NOM
MAX
A A1 A2 b
E1 E
2.35 0.10 2.05 0.31 0.20 15.20 10.11 7.34 1.27 BSC 0.25 0.40 0 5
2.65 0.30 2.55 0.51 0.33 15.40 10.51 7.60 0.75 1.27 8 15
c D E E1 e h
b PIN#1 IDENTIFICATION
e
L 1
TOP VIEW
D
h
h
1
A
A2
1 END VIEW
A1 SIDE VIEW
L
c
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with JEDEC MS-013.
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
13
Doc. No. MD-2114 Rev. I
CAT5411
TSSOP 24-LEAD (Y) (1)(2)
b
SYMBOL
MIN
NOM
MAX
A A1 A2 b
E1 E
1.20 0.05 0.80 0.19 0.09 7.70 6.25 4.30 7.80 6.40 4.40 0.65 BSC 1.00 REF 0.50 0 0.60 0.70 8 0.15 1.05 0.30 0.20 7.90 6.55 4.50
c D E E1 e L L1 1
e TOP VIEW
D c A2 A 1 L1 L SIDE VIEW END VIEW
A1
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with JEDEC MO-153.
Doc. No. MD-2114 Rev. I
14
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT5411 EXAMPLE OF ORDERING INFORMATION(1)
Prefix CAT Device # 5411 Suffix W I -10 - T1
Company ID Product Number 5411
Temperature Range I = Industrial (-40C to 85C) Resistance -25: 2.5k -10: 10k -50: 50k -00: 100k
Tape & Reel T: Tape & Reel 1: 1000/Reel - SOIC 2: 2000/Reel - TSSOP
Package W: SOIC Y: TSSOP
Ordering Part Number CAT5411WI-25 CAT5411WI-10 CAT5411WI-50 CAT5411WI-00 CAT5411YI-25 CAT5411YI-10 CAT5411YI-50 CAT5411YI-00
Resistor [k] 2.5 10 50 100 2.5 10 50 100
Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard lead finish is Matte-Tin. (3) The device used in the above example is a CAT5411WI-10-T1 (SOIC, Industrial Temperature, 10k, Tape & Reel, 1000).
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
15
Doc. No. MD-2114 Rev. I
REVISION HISTORY
Date 04/01/04 Rev. G Reason Eliminate data sheet designation Update Features Update Description Update Pin Description Update Absolute Maximum Ratings Update Recommended Operating Conditions Update Potentiometer Characteristics Update Reliability Characteristics Update Ordering Information Update Package Outline Drawings Update Example of Ordering Information Add MD- to document number Update Package Outline Drawings Update Example of Ordering Information
05/22/07
H
10/31/07
I
Copyrights, Trademarks and Patents (c) Catalyst Semiconductor, Inc. Trademarks and registered trademarks of Catalyst Semiconductor include each of the following: Adaptive AnalogTM, Beyond MemoryTM, DPPTM, EZDimTM, LDDTM, MiniPotTM, Quad-ModeTM and Quantum Charge ProgrammableTM Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES. Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc. Corporate Headquarters 2975 Stender Way Santa Clara, CA 95054 Phone: 408.542.1000 Fax: 408.542.1200 1Hwww.catsemi.com
Document No: MD-2114 Revision: I Issue date: 10/31/07


▲Up To Search▲   

 
Price & Availability of CAT54110710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X