Part Number Hot Search : 
2SA811A 107NN5AA CSNE121 P150T FAIDL45 AD1582 F1002 800ME
Product Description
Full Text Search
 

To Download BYV26 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV26 Very Fast Soft-Recovery Avalanche Rectifier
Features
D D D D D
Glass passivated junction Hermetically sealed package Very low switching losses Low reverse current High reverse voltage
Applications
Switched mode power supplies High-frequency inverter circuits
94 9539
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage g =Repetitive peak reverse voltage Test Conditions Type BYV26A BYV26B BYV26C BYV26D BYV26E Symbol VR=VRRM VR=VRRM VR=VRRM VR=VRRM VR=VRRM IFSM IFAV ER Tj=Tstg Value 200 400 600 800 1000 30 1 10 -55...+175 Unit V V V V V A A mJ
Peak forward surge current Average forward current Non repetitive reverse avalanche energy Junction and storage temperature range
tp=10ms, half sinewave I(BR)R=400mA, inductive load
C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions l=10mm, TL=constant Symbol RthJA Value 45 Unit K/W
Web Site: WWW.PS-PFS.COM
1 (3)
BYV26
Electrical Characteristics
Tj = 25_C Parameter Forward voltage g Reverse current Reverse breakdown voltage Test Conditions IF=1A IF=1A, Tj=175C VR=VRRM VR=VRRM, Tj=150C IR=100mA m Type Symbol Min VF VF IR IR V(BR)R 300 V(BR)R 500 V(BR)R 700 V(BR)R 900 V(BR)R 1100 trr trr Typ Max 2.5 1.3 5 100 Unit V V
mA mA
V V V V V ns ns
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
BYV26A BYV26B BYV26C BYV26D BYV26E BYV26A -BYV26C BYV26D -BYV26E
30 75
Characteristics (Tj = 25_C unless otherwise specified)
PR - Maximum Reverse Power Dissipation ( mW ) 600 RthJA=45K/W VR=1000V RthJA=100K/W 300 600V 200 100 0 0 40 80 120 160 200
95 9729
1000 I R - Reverse Current ( mA )
500 400
100
800V
10
400V 200V
1 VR = VR RM 0.1 0 40 80 120 160 200
95 9728
Tj - Junction Temperature ( C )
Tj - Junction Temperature ( C )
Figure 1. Max. Reverse Power Dissipation vs. Junction Temperature
Figure 2. Max. Reverse Current vs. Junction Temperature
Web Site: WWW.PS-PFS.COM
2 (3)
BYV26
1.2 I FAV- Average Forward Current ( A ) I F - Forward Current ( A ) 1.0 0.8 0.6 0.4 0.2 0 0
95 9730
10 Tj = 175C RthJA=45K/W L=10mm 1
0.1
Tj = 25C
RthJA=100K/W PCB
0.01
0.001 40 80 120 160 200
95 9731
0
1
2
3
4
5
6
7
Tamb - Ambient Temperature ( C )
VF - Forward Voltage ( V )
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Max. Forward Current vs. Forward Voltage
Dimensions in mm
3.6 max. Sintered Glass Case SOD 57 Weight max. 0.5 g Cathode Identification
technical drawings according to DIN specifications 94 9538
0.82 max.
26 min.
4.2 max.
26 min.
Web Site: WWW.PS-PFS.COM
3 (3)


▲Up To Search▲   

 
Price & Availability of BYV26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X