Part Number Hot Search : 
S78DL33 5KE110 CLL4614 11640 PJ14126 P6KE68 PJ1509 H1G22
Product Description
Full Text Search
 

To Download BR100-03LLD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR100-03LLD ... BR100-04LLD
BR100-03LLD ... BR100-04LLD
Surface Mount Bidirectional Si-Trigger-Diodes (DIAC) Bidirektionale Si-Triggerdioden fur die Oberflachenmontage (DIAC) Version 2006-04-27 Breakover voltage Durchbruchspannung Plastic case MiniMELF Kunststoffgehause MiniMELF
0.4 Type Typ
28 ... 45 V DO-213AA 0.04 g
1.6
3.5
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Dimensions - Mae [mm]
Maximum ratings Power dissipation Verlustleistung Peak pulse current (120 Hz pulse repetition rate) Max. Triggerstrom (120 Hz Puls-Wiederholrate) Operating Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur TA = 50C tp 20 s Ptot IPM Tj TS
0.4
Grenzwerte 150 mW 1) 2 A 1) -50...+100C -50...+175C
Characteristics Breakover voltage Durchbruchspannung Breakover current - Durchbruchstrom Asymmetry of breakover voltage Unsymmetrie der Durchbruchspannung Foldback voltage - Spannungs-Rucksprung I = IBO to/auf IF = 10 mA Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Anschluss dV/dt = 10 V/s BR100-03LLD BR100-031LLD BR100-04LLD V = 98% VBO |V(BO)F - V(BO)R| dV/dt = 10 V/s VBO VBO VBO IBO VBO VF/R RthA RthT
Kennwerte 28 ... 36 V 30 ... 34 V 35 ... 45 V < 50 A < 3.8 V >5V < 150 K/W 1) < 70 K/W
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BR100-03LLD ... BR100-04LLD
2
http://www.diotec.com/
(c) Diotec Semiconductor AG


▲Up To Search▲   

 
Price & Availability of BR100-03LLD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X