Part Number Hot Search : 
PX334 SO867070 DM74123N MHS134 23K256 C1573A TIP30A 150Y1D
Product Description
Full Text Search
 

To Download BD941 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
DESCRIPTION *DC Current Gain: hFE= 40(Min)@ IC= 150mA *Complement to Type BD934/936/938/940/942 APPLICATIONS *Designed for use in output stages of audio and television amplifier circuits where high peak powers can occur. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER BD933 BD935 VCBO Collector-Base Voltage BD937 BD939 BD941 BD933 BD935 VCEO Collector-Emitter Voltage BD937 BD939 BD941 VEBO IC ICM IB
B
BD933/935/937/939/941
VALUE 45 60 100 120 140 45 60 80 100 120 5 3 7 0.5 30 150 -65~150
UNIT
V
V
Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
V A A A W
PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance,Junction to Case Thermal Resistance,Junction to Ambient MAX 4.17 70 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER BD933 BD935 VCEO(SUS) Collector-Emitter Sustaining Voltage BD937 BD939 BD941 VCE(sat) VBE(on) ICBO ICEO IEBO hFE-1 hFE-2 fT Collector-Emitter Saturation Voltage Base-Emitter On Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Current-Gain--Bandwidth Product IC= 1A; IB= 0.1A
B
BD933/935/937/939/941
CONDITIONS
MIN 45 60
TYP.
MAX
UNIT
IC= 100mA ; IB= 0
80 100 120 0.6 1.3 0.05 1 0.1 0.2 40 25 3 250
V
V V mA mA mA
IC= 1A; VCE= 2V VCB= VCBOmax; IE= 0 VCB= VCBOmax; IE= 0,TJ=150 VCE= VCEOmax; IB= 0 VEB= 5V; IC= 0 IC= 150mA ; VCE= 2V IC= 1A ; VCE= 2V IC= 250mA ; VCE= 10V
MHz
Switching Times ton toff Turn-On Time IC= 1.0A; IB1= -IB2= 0.1A Turn-Off Time 1.5 3.0 s 0.4 1.0 s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BD941

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X