Part Number Hot Search : 
C400B 04M84RSB 4738A 00050 B80N0 178327 XN0A311G CHN203
Product Description
Full Text Search
 

To Download BD37534FV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1/4
Structure: Product: Type: Package:
Silicon Monolithic Integrated Circuit Sound Processor for car audio
BD37534FV
SSOP-B28
Feature
1. Reduce switching noise of input gain control, mute, main volume, fader volume, bass, middle, treble, loudness, by using advanced switch circuit [Possible to control all steps] 2. Built-in ground isolation amplifier inputs, ideal for external stereo input. 3. Built-in differential input selector that can make various combination of single-ended / differential input. 4. Built-in input gain controller reduce switching noise for volume of a portable audio input. 5. Decrease the number of external components by built-in 3-band equalizer filter, LPF for subwoofer, loudness filter, And, possible to control Q, Gv, fo of 3-band equalizer and fc of LPF,and fo, Gv of loudness by I2C BUS control freely. 6. It is possible for the bass, middle, treble to the gain adjustment quantity of 20dB and 1 dB step gain adjustment. 7. It is equipped with output terminals of Subwoofer. Moreover, the stereo signal of the front and rear also can be output by the I2C BUS control. 8. Built-in mixing input and mixing attenuation. 9. Bi-CMOS process is suitable for the design of low current and low energy. And it provides more quality for small-scale regulator and heat in a set. 10. Package is SSOP-B28. Putting input-terminals together and output-terminals together can make PCB layout easier and can makes area of PCB smaller. 2 11. It is possible to control by 3.3V / 5V for I C BUS.
Absolute Maximum Ratings (Ta=25)
Parameter Power supply Voltage Input voltage Power Dissipation Storage Temperature Symbol VCC VIN Pd Tastg Limits 10.0 VCC+0.3GND-0.3 1063 1 -55+150 Unit V V mW
1 At Ta25C or higher, this value is decreaced to 8.5mW/C When Rohm standard board is mounted. Size70x70x1.6(mm3) Rohm standard board:
materialFR4 glass-epoxy substrate (copper foil area: not more than 3%).
Operating Range
Parameter Power supply Voltage Temperature Symbol VCC Topr Min. 7.0 -40 Typ. Max. 9.5 +85 Unit V
Design against radiation-proof isn't made.
REV. A
2/4
Function
Function Input selector Input gain Mute Volume Bass Middle Treble Fader Loudness LPF Mixing Level meter Specifications Stereo 3 single-end input and 2differential input possible to switch single-end input 020dB (1dB step), Possible to use "Advanced switch" for prevention of switching noise. Possible to use "Advanced switch" for prevention of switching noise. +15dB-79dB (1dB step), -dB Possible to use "Advanced switch" for prevention of switching noise. -20+20dB (1dB step), Q=0.5, 1, 1.5, 2, fo=60, 80, 100, 120Hz Possible to use advanced switch at changing gain -20+20dB (1dB step), Q=0.75, 1, 1.25, 1.5 fo=500, 1k, 1.5k 2.5kHz , Possible to use advanced switch at changing gain -20+20dB (1dB step), Q=0.75, 1.25 fo=7.5k, 10k, 12.5k, 15kHz , Possible to use advanced switch at changing gain +15dB-79dB (1dB step), -dB Possible to use "Advanced switch" for prevention of switching noise. 0dB20dB (1dB step), fo=250/400/800Hz Possible to use "Advanced switch" for prevention of switching noise. fc=55/85/120/160Hz, pass Phase shift ( 0/180) Monaural input +7dB-79dB (1dB step), -dB Possible to use "Advanced switch" for prevention of switching noise. I2C BUS control DC Output
Electrical Characteristic (Unless specified particularly, Ta=25, VCC=8.5V, f=1kHz, Vin=1Vrms, Rg=600, RL=10k, A input, Input gain 0dB, Mute OFF, Volume 0dB, Tone control 0dB, Loudness 0dB, Fader 0dB, LPF OFF, Mixing OFF) Limit Item Symbol Unit Condition Min. Typ. Max. IQ mA No signal 38 48 Current upon no signal GV -1.5 0 1.5 dB Gv=20log(VOUT/VIN) Voltage gain CB -1.5 0 1.5 dB CB = GV1-GV2 Channel balance Total harmonic distortion 1 VOUT=1Vrms THD+N1 0.001 0.05 BW=400-30KHz (FRONT,REAR) Total harmonic distortion 2 VOUT=1Vrms THD+N2 0.002 0.05 BW=400-30KHz (SUBWOOFER) Output noise voltage 1 Rg = 0 VNO1 3.8 15 Vrms BW = IHF-A (FRONT,REAR) Output noise voltage 2 Rg = 0 VNO2 4.8 15 Vrms BW = IHF-A (SUBWOOFER) Fader=-dB VNOR Vrms Rg=0 1.8 10 Residual output noise voltage BW=IHF-A Rg=0 CTC -100 -90 dB CTC=20log(VOUT/VIN) Cross-talk between channels BW=IHF-A f=100Hz RR -70 -40 dB VRR=100mVrms Ripple rejection RR=20log(VOUT/VCCIN) XP1 and XN input Common mode rejection ratio XP2 and XN input CMRR 50 65 dB CMRR=20log(VIN/VOUT) (D, E) BW = IHF-A,[XD,E] VIM at THD+N(VOUT)=1% VIM 2.0 2.2 Vrms Maximum input voltage BW=400-30kHz Volume = 15dB dB GV MAX 13 15 17 VIN=100mVrms Maximum gain Gv=20log(VOUT/VIN) Volume=-dB dB Gf=20log(VOUT/VIN) GV MIN -100 -85 Maximum attenuation BW=IHF-A THD+N=1% VOM 2.0 2.2 Vrms Maximum output voltage BW=400-30kHz REV. A
3/4
Dimensional outline drawing
Max10.35(include. BURR)
BD37534FV
Lot No.
SSOP-B28 (UNITmm)
Block Diagram
28 27 26 25 24
VCC
Descriptions of terminal
Terminal No.
23 22 21 20 19 18 17 16 15
VCC/2
GND
I2C BUS LOGIC
LPF
Loudness
3 Band P-EQ (Tone control) Volume/Mute Level meter Input Gain
Input selector (3 single-end and 2 stereo ISO)
Bufferd GND ISO amp Bufferd GND ISO amp Bufferd GND ISO amp Bufferd GND ISO amp
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
Terminal Name A1 A2 B1 B2 C1 C2 DP1 DN DP2 EP1 EN1 EN2 EP2 MIN MUTE LRST LOUT OUTS2 OUTS1 OUTR2 OUTR1 OUTF2 OUTF1 VCC SCL SDA GND FIL
Fader
Fader
Fader
Fader
Fader
ATT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
REV. A
4/4
Cautions on use (1) Absolute maximum ratings If applied voltage, operating temperature range, or other absolute maximum ratings are exceeded, the LSI may be damaged. Do not apply voltages or temperatures that exceed the absolute maximum ratings. If you think of a case in which absolute maximum ratings are exceeded, enforce fuses or other physical safety measures and investigate how not to apply the conditions under which absolute maximum ratings are exceeded to the LSI. (2) GND potential Make the GND pin voltage such that it is the lowest voltage even when operating below it. Actually confirm that the voltage of each pin does not become a lower voltage than the GND pin, including transient phenomena. (3) Thermal design Perform thermal design in which there are adequate margins by taking into account the allowable power dissipation in actual states of use. (4) Shorts between pins and misinstallation When mounting the LSI on a board, pay adequate attention to orientation and placement discrepancies of the LSI. If it is misinstalled and the power is turned on, the LSI may be damaged. It also may be damaged if it is shorted by a foreign substance coming between pins of the LSI or between a pin and a power supply or a pin and a GND. (5) Operation in strong magnetic fields Adequately evaluate use in a strong magnetic field, since there is a possibility of malfunction.
REV. A
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuelcontroller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
R1010A


▲Up To Search▲   

 
Price & Availability of BD37534FV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X