Part Number Hot Search : 
UFR3020 WR12BF SN65HV UHE0J472 RMH1W L9122 ORD213 SK1502
Product Description
Full Text Search
 

To Download BC846W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN General Purpose Transistor BC846W,BC847W,BC848W
Transistors IC
Features
Low current (max. 100 mA). Low voltage (max. 65 V).
1 Emitter 2 Base 3 Collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Peak base current Total power dissipation Junction temperature Storage temperature Operating ambient temperature Thermal resistance from junction to ambient Symbol VCBO VCEO VEBO IC ICM IBM Ptot Tj Tstg Ramb Rth j-a BC846W 80 65 6 BC847W 50 45 6 100 200 200 200 150 -65 to +150 -65 to +150 625 K/W BC848W 30 30 5 Unit V V V mA mA mA mW
www.kexin.com.cn
1
SMD Type
BC846W,BC847W,BC848W
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current BC846W BC847W,BC848W DC current gain BC846AW,BC847AW BC846BW,BC847BW BC847CW Collector-emitter saturation voltage VCE(sat) IC = 10 mA; IB = 0.5 mA IC = 100 mA; IB = 5 mA; * Base-emitter saturation voltage VBE(sat) IC = 10 mA; IB = 0.5 mA IC = 100 mA; IB = 5 mA;* Base-emitter voltage Collector capacitance Transition frequency Noise figure * Pulse test: tp 300s, a 0.02. VBE CC fT NF IC = 2 mA; VCE = 5 V IC = 10 mA; VCE = 5 V VCB = 10 V; IE = Ie = 0;f = 1 MHz VCE = 5 V; IC = 10 mA;f = 100 MHz IC = 200 iA; VCE = 5 V;RS = 2 kU; f = 1 kHz;B = 200 Hz hFE IC = 2 mA; VCE = 5 V Symbol ICBO ICBO IEBO Testconditons VCB = 30 V; IE = 0 VCB = 30 V; IE = 0;Tj = 150 VEB = 5 V; IC = 0
Transistors IC
Min
Typ
Max 15 5 100
Unit nA iA nA
110 110 110 200 420 180 290 520 90 200 700 900 580 660
450 800 220 450 800 250 600 mV mV mV mV 700 770 3 mV mV pF MHz 10 dB
100
hFE Classification
TYPE Marking TYPE Marking TYPE Marking BC846W 1D BC847W 1H BC848W 1M BC846AW 1A BC847AW 1E BC846BW 1B BC847BW 1F BC847CW 1G
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BC846W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X