Part Number Hot Search : 
L443HDT N5402G L443HDT 0241H1D2 CT52R CAP005DG 31N10 P521GB
Product Description
Full Text Search
 

To Download BC337-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
BC337-16/25/40 BC338-16/25/40
NPN Plastic-Encapsulate Transistors
TO-92
A E
Features
Capable of 0.625Watts of Power Dissipation. Collector-current 0.8A Collector-base Voltage :VCBO=50V(BC337) , VCBO=30V(BC338)
Case Material: Molded Plastic. Classification Rating 94V-0 UL Flammability
Maximum Ratings
Operating temperature : -55 to +150 Storage temperature : -55 to +150
Electrical Characteristics @ 25
Symbol Parameter
Unless Otherwise Specified
Min Max --45 25 --Vdc Units Vdc
OFF CHARACTERISTICS
V(BR)CEO Collector-Emitter Breakdown Voltage (IC=10mAdc, IB=0) BC337 BC338 Collector-Base Breakdown Voltage (IC=100Adc, IE=0) BC337 BC338 Collector-Emitter Breakdown Voltage (IE=10Adc, IC=0) Collector Cutoff Current BC337 (VCB=45Vdc,IE=0) (VCB=25Vdc,IE=0) BC338 Collector Cutoff Current (VCE=40Vdc,IB=0) BC337 BC338 (VCE=20Vdc,IB=0) Emitter Cutoff Current (VEB=4.0Vdc, IC=0) DC Current Gain (IC=300mAdc, VCE=1.0Vdc) Collector-Emitter Saturation Voltage (IC=500mAdc, IB=50mAdc) Base-Emitter Saturation Voltage (IC=500mAdc,IB=50mAdc) Current-Gain-Bandwidth Product (VCE=5.0V, f=100MHz, IC=10mA) Classification hFE(1) Marking Code 16 100~250 A 011
B
V(BR)CBO
V(BR)EBO ICBO
50 30 5.0
C
--Vdc Adc
-----------
0.1 0.1 Adc 0.2 0.2 0.1
ICEO
1
2
3
D
IEBO
Adc
ON CHARACTERISTICS
hFE(2) VCE(sat) VBE(sat) 60 ------0.7 1.2 -Vdc
1.COLLECTOR 2.BASE 3.EMITTER
G
Vdc
DIMENSIONS
SMALL SIGNAL CHARACTERISTICS
fT 210 --MHz
DIM A B C D E G
hFE CLASSIFICATION
25 160~400 B 011 40 250~630 C 011
INCHES MIN .170 .170 .550 .010 .130 .010
MAX .190 .190 .590 .020 .160 .104
MM MIN 4.33 4.30 13.97 0.36 3.30 2.44
MAX 4.83 4.83 14.97 0.56 3.96 2.64
NOTE
www.mccsemi.com
Revision: 4
1 of 3
2006/05/18
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision: 4
2 of 3
2006/05/18
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 4
3 of 3
2006/05/18


▲Up To Search▲   

 
Price & Availability of BC337-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X