Part Number Hot Search : 
XE120033 4056E FN3334 SF1608GD BEFXX U2531 SDL1108 SDL1108
Product Description
Full Text Search
 

To Download BAV70GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
Monolithic Dual Switching Diode Common Cathode Lead free product Halogen-free type
3 CATHODE ANODE 1 2 ANODE
BAV70GH
MAXIMUM RATINGS
Rating Continuous Reverse Voltage Peak Forward Current Peak Forward Surge Current
1 2
3
SOT-23
Symbol VR IF IFM( surge )
Value 70 200 500
Unit Vdc mAdc mAdc
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board o Derate above 25 C
(1)
Symbol TA=25 C
o
Max. 225 1.8 556 300 2.4 417 -55 to +150
Unit mW mW / oC
o
PD R JA
Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, o Derate above 25 C Thermal Resistance, Junction to Ambient Junction and Storage Temperature
(2)
C/W
TA=25 C
o
PD R JA TJ,TSTG
mW mW / oC
o
C/W o C
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (EACH DIODE)
Characteristic Symbol Min. Max. Unit
o
OFF CHARACTERISTICS
Reverse Breakdown Voltage ( IBR=100uAdc ) ( IF=1.0 mAdc ) ( IF=10 mAdc ) ( IF=50 mAdc ) ( IF=150 mAdc ) ( VR=70 Vdc ) o ( VR=25 Vdc, TJ=150 C ) o ( VR=70 Vdc, TJ=150 C ) V(BR) 70 715 855 1000 1250 2.5 60 100 Vdc
Forward Voltage
VF
mVdc
Reverse Voltage Leakage Current
IR
uAdc
Diode Capacitance ( VR=0, f=1.0MHZ )
CJ
-
1.5
pF
Reverse Recovery Time ( IF=IR=10 mAdc, VR=5.0 Vdc, IR(REC)=1.0mAdc, RL=100
(1) FR-5=1.0 x 0.75 x 0.062in. (2) Alumina=0.4 x 0.3 x 0.024in. 99.5% alumina.
REV. 0
)
trr
-
6.0
nS
Zowie Technology Corporation
Zowie Technology Corporation
BAV70GH
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT 820 +10 V 2k 100uH 0.1uF D.U.T. OUTPUT PULSE GENERATOR 50 50 INPUT SAMPLING OSCILLOSCOPE 90% VR INPUT SIGNAL IR iR(REC) = 1mA OUTPUT PULSE (I F = I R = 10 mA; measured at iR(REC) = 1mA IF 0.1uF IF trr T
tr 10%
tp
T
Notes: 1. A 2.0k variable resistor adjusted for a Forward Current (IF) of 10mA. 2. Input pulse is adjusted so IR(peak) is equal to 10mA. 3. tp trr
FIGURE 2. FORWARD VOLTAGE
100 10
FIGURE 3. LEAKAGE CURRENT
TA=150 C
o
IF, FORWARD CURRENT ( mA )
IR, REVERSE CURRENT ( uA )
TA=85 C 10 TA= -40 C
o
o
TA=125 C 1.0
o
TA=85 C 0.1 TA=55 C 0.01
o o
o
1.0
TA=25 C
o
TA=25 C 0.1 0.2 0.001 0.4 0.6 0.8 1.0 1.2 0 10 20 30 40 50
VF, FORWARD VOLTAGE ( VOLTS )
VR, REVERSE VOLTAGE ( VOLTS )
FIGURE 4. CAPACITANCE
1.0
DIODE CAPACITANCE ( pF )
0.9
0.8
0.7
0.6 0 2 4 6 8
VR, REVERSE VOLTAGE ( VOLTS )
REV. 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of BAV70GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X