Part Number Hot Search : 
ZX85C LM7908 16384 LT610 74HC80 M41ST87W LC4102C B400003
Product Description
Full Text Search
 

To Download B88069X3560T502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Spark Gap
FS08X-1JG Ordering code: B88069X3560T502
Nominal breakdown voltage VN Initial values 2) Static breakdown voltage VS 1) First ignition value VS, FTE after 24 hours in darkness Following ignition values VS, FIV Electrical life time 3) Breakdown voltage VB First ignition value VB, FTE after 24 hours in darkness Ignition time tI at V0 during life Following ignition values VB, FIV Switching operations at -40 C at +25; 125; 150 C Test circuit parameters Open circuit voltage V0 Loading resistance R Discharge capacitance C Inductance L Discharge peak current IP General technical data Max. static breakdown voltage at 100 kV/s Insulation resistance at 100 V Early ignition values below 680 V Breakdown time Maximum switching frequency Maximum loading current Weight Marking, blue
800
V
950 704 ... 896
V V
1000 60 680 ... 920 40 000 200 000 1000 68 100 0.5 ~ 400 1300 > 100 1 50 400 50 ~2
800 WW Y O
V ms V Ignitions Ignitions V k nF H A V M % ns Hz mA g 800 WWY O
- Nominal voltage - Calendar week of production - Year of production - Non radioactive
1) 2) 3)
At delivery AQL 0,65 level II, DIN ISO 2859 Page 2, Fig. 1 and 2 Page 2, Fig. 3 and 4
KB AB E / KB AB PM Page 1 of 2
Issue 05, 16.06.2004
Switching Spark Gap
FS08X-1JG Ordering code: B88069X3560T502
Fig. 1: QC- test circuit (100% outgoing inspection)
I = const 51k
Fig. 2: Explanation of measurands
VS, FTE VS VS, FIV
0,22F
DUT
VS
VN
t ICU - VN
DUT device under test ICU ignition control unit (sensitivity 10 .. 30 A) Discharge current 10 - 20 mA Fig. 3: QC- test circuit (sampling inspection at 25 C)
R L VB VN VO C DUT VB
dVS/dt ~ dVN/dt Fig. 4: Explanation of measurands
VB, FTE Range of VB, FIV Early ignition VB, FTE
t tI 1s 10 s
Not to scale Dimensions in mm Non controlled document
EPCOS AG 2002. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. KB AB E / KB AB PM Page 2 of 2 Issue 05, 16.06.2004


▲Up To Search▲   

 
Price & Availability of B88069X3560T502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X