Part Number Hot Search : 
24C02VM 1SMA5938 H11AA13S P6KE300C MU356 1SMA5938 2SC13 TS612
Product Description
Full Text Search
 

To Download B1201UAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Battrax(R) Single Port Negative SLIC Protector
RoHS
(G)
5
This programmable Battrax device is referenced to a negative voltage source. This dual-chip package includes internal diodes for transient protection from positive surge events.
SIDACtor Devices
di/dt Amps/s 500 500
1
(T)
2
(-VREF)
3
(R)
For a diagram of a Battrax application, see Figure 6.47 in Section 6, "Reference Designs" of this Telecom Design Guide.
Electrical Parameters
Part Number * B1101U_L B1161U_L B1201U_L VDRM Volts |-VREF| + |-1.2V| |-VREF| + |-1.2V| |-VREF| + |-1.2V| VS Volts |-VREF| + |-10V| |-VREF| + |-10V| |-VREF| + |-10V| VT Volts 4 4 4 VF Volts 5 5 5 IDRM Amps 5 5 5 IGT mAmps 100 100 100 IT Amps 2.2 2.2 2.2 IH mAmps 100 160 200
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For individual "UA" and "UC" surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * IPP ratings assume a VREF = -48 V. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * VREF maximum value for the B1101, B1161, and/or B1201 is -200 V.
Surge Ratings in Amps
IPP Series 0.2x310 * 2x10 * 8x20 * 0.5x700 ** 2x10 ** 1.2x50 ** Amps A C 20 50 Amps 150 500 Amps 150 400 10x160 * 10x160 ** Amps 90 200 10x560 * 10x560 ** Amps 50 150 5x320 * 9x720 ** Amps 75 200 10x360 * 10x1000 * 5x310 * ITSM 10x360 ** 10x1000 ** 10x700 ** 50 / 60 Hz Amps 75 175 Amps 45 100 Amps 75 200 Amps 20 50
* Current waveform in s ** Voltage waveform in s
Telecom Design Guide * (c) 2006 Littelfuse
3 - 77
www.littelfuse.com
Battrax(R) Single Port Negative SLIC Protector
Thermal Considerations
Package Modified MS-013
6 5 4 1 2 3
Symbol TJ TS RJA
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value -40 to +125 -65 to +150 60
Unit C C C/W
Capacitance Values
pF Part Number B1101UAL B1101UCL B1161UAL B1161UCL B1201UAL B1201UCL MIN 50 50 50 50 50 50 MAX 200 200 200 200 200 200
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
+I VF
IPP - Peak Pulse Current - %IPP
100
Peak Value
tr = rise time to peak value td = decay time to half value
VS VDRM -V
VT +V
Waveform = tr x td
IDRM IH IGT IT -I
50
Half Value
0 0 tr td t - Time (s)
V-I Characteristics
14 12 10 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
tr x td Pulse Waveform
Percent of VS Change - %
IH (TC = 25 C)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature
Case Temperature (TC) - C
Normalized DC Holding Current versus Case Temperature
www.littelfuse.com
3 - 78
(c) 2006 Littelfuse * Telecom Design Guide


▲Up To Search▲   

 
Price & Availability of B1201UAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X