Part Number Hot Search : 
ISL82 BLM21A LC7871E 17000 16C850 4STRL RB551V L3010
Product Description
Full Text Search
 

To Download B0520LW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B0520LW/B0530W/B0540W
SCHOTTKY RECTIFIER
PRODUCT SUMMARY
SOD-123 Plastic-Encapsulate Diodes Lower Gate Charge Small Footprint & Low Profile Package
SOD-123
FEATURES
Low Forward Voltage Drop Guard Ring Construction for Transient Prote High Conductance Also Available in Lead Free Version
+
-
MARKING:
B0520LW: SD B0530W: SE B0540W: SF
Pb-free; RoHS-compliant
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS,
SINGLE DIODE @TA=25 C
Parameter Peak Repetitive Peak reverse voltage Working Peak Reverse Voltage DC Blocking Voltage Symbol VRRM VRWM VR VR(RMS) IO IFSM Pd Junction to RJA TSTG dv/dt 14 21 500 5.5 410 304 -65~+125 1000 28 V mA A mW /W V/s 20 30 40 V B0520LW B0530W B0540W Unit
o
RMS Reverse Voltage Average Rectified Output Current Peak forward surge current Power Dissipation Thermal Ambient Storage temperature Voltage Rate of Change Resistance
11/16/2007 Rev.1.00
www.SiliconStandard.com
1
B0520LW/B0530W/B0540W
ELECTRICAL RATINGS @TA=25 oC
Parameter Minimum Voltage Reverse Breakdown Symbol B0520LW 20 V(BR)R VF1 Forward voltage VF2 VF3 Reverse current IR1 IR2 IR3 Reverse current IR4 IR5 Capacitance between terminals CT 0.3 0.385 75 250 B0530W 30 0.375 0.430 20 130 B0540W 40 0.510 0.62 10 20 170 pF A A V V Unit Conditions IR=250A IR=200A IR=20A IF=0.1A IF=0.5A IF=1A VR=10V VR=15V VR=20V VR=30V VR=40V VR=0V,f=1MHz
11/16/2007 Rev.1.00
www.SiliconStandard.com
2
B0520LW/B0530W/B0540W
TYPITAL CHARACTERISTICS
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
11/16/2007 Rev.1.00
www.SiliconStandard.com
3


▲Up To Search▲   

 
Price & Availability of B0520LW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X