Part Number Hot Search : 
30BR100 3B125 82562EZ MYB32TA 15KP130 AC162 NCV4276 30NC6
Product Description
Full Text Search
 

To Download AMC-147-SMA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM-147 / AMC-147
Cascadable Amplifier 10 to 500MHz
Features
* HIGH POWER OUTPUT: +21 dBm (TYP.) * HIGH THIRD ORDER IP3: +33 dBm (TYP.) * HIGH EFFICIENCY: 52 mA (TYP.) @ +15 Vdc Rev. V6
Product Image
Description
M/A-COM's AM-147 is a coupler feedback amplifier with high intercept and compression points. The use of coupler feedback minimizes noise figure and current in a high intercept amplifier. This amplifier is packaged in a TO-8 package. Due to the internal power dissipation the thermal rise minimized. The ground plane on the PC board should be configured to remove heat from under the package. AM-147 is ideally suited for use where a high intercept, high reliability amplifier is required.
Ordering Information
Part Number
AM-147-PIN AMC-147- SMA *
Package
TO-8 Connectorized
* SMA Connectorized part is not RoHs compliant.
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Typical Parameter
Frequency Small Signal Gain (min) Gain Flatness (max) Reverse Isolation Noise Figure (max) Power Output @ 1 dB comp. (min) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max) DC Current @ 15 Volts (max) mA
Absolute Maximum Ratings
Parameter
Storage Temperature Case Temperature DC Voltage Continuous Input Power Short Term Input power (1 minute max.) Peak Power (3 sec max.) "S" Series Burn-In Temperature (case)
Guaranteed 0 to 50C
5-500 16.0 0.8 16.0 4.2 19.0 4.7 18.5
Units 25C
MHz dB dB dB dB dBm dBm dBm dBm 3-500 17.0 0.4 20.0 3.4 20.0 +31 +40 +46 1.7:1 / 1.7:1 52 1.9:1 / 1.9:1 56 2.0:1 / 2.0:1 58
Absolute Maximum
-62C to +150C 125C +17 V +13 dBm 100 mW 0.5 W 125C
-54 to +85C*
5-500 15.5 1.0
Thermal Data: VCC = +15 VDC
Parameter
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
Rating
143C/W 0.47 W 68C
* Over temperature performance limits for part number AMC-147, guaranteed from 0oC to +50oC only. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
AM-147 / AMC-147
Cascadable Amplifier 10 to 500MHz
Typical Performance Curves at +25C Outline Drawing: TO-8-1
Rev. V6
22
21
20
19
18
Outline Drawing: SMA Connectorized *
2
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of AMC-147-SMA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X