Part Number Hot Search : 
LUR21233 NW6005AS ENN8223A 37201 ZDT6702 BFW44 IRFBC S2202
Product Description
Full Text Search
 

To Download 354DS1LM11000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 O 6,77'' x 1,968''
50.8 -0.3
+0.8
O 172 x 50 mm
o1720.5
1620.3
354D
S, X, Z speeds
DC Axial Fans
Series
Air
7.5 7.5
55. 5
10
10
2x
M4
4o 4.3 0 .3
55. 5
10 32010 10
Approvals
R
R
RoHS
Brushless DC Motor
Electrical protection: impedance protected Housing material: aluminium Impeller material: plastic UL 94 VO Weight: 840 g Bearing system: ball bearings
Available with:
- Speed sensor - Alarm - IP54 / IP55
Life expectancy
L-10 LIFE AT 40C: 80 000 hours
Airflow: CFM
354DS
Static pressure: mmH2O
354DX
354DZ
Static pressure: InH2O
Airflow: l/s
Part Number
354DS1LM11000 354DS2LM11000 354DS4LM11000 354DX2LM11000 354DX4LM11000 354DZ2LM11000
Nominal voltage
V
Airflow
l/s
Noise level
dB(A)
Nominal speed Input Power
RPM W
Voltage range
V
Connection type Operating temperature
Leads Terminals Min.C Max.C
12 24 48 12 24 48
132,0 132,0 132,0 142,7 142,7 153,3
57,5 57,5 57,5 60 60 63
3700 3700 3700 4000 4000 4300
25,3 20,4 23,5 26,4 30,7 32,9
(8-14) (12-28) (24-56) (12-28) (24-56) (12-28)
X X X X X X
-10 -10 -10 -10 -10 -10
70 70 70 70 70 70
Additional versions:
Lower speeds (Refer to page 35)
Accessories:
Refer to Accessories leaflet
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008


▲Up To Search▲   

 
Price & Availability of 354DS1LM11000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X