Part Number Hot Search : 
GS6B60KD SMBJ15CA ALS620AD 7805S T9300 D7447 DT74ALV SM5520TE
Product Description
Full Text Search
 

To Download 2SD1115K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1115K
DESCRIPTION *With TO-220 package *DARLINGTON APPLICATIONS *For high voltage switching and ignitor applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 400 300 7 3 6 40 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO(SUS) VCBO VEBO VCEsat VBEsat ICEO hFE PARAMETER Collector-emitter sustaining voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current DC current gain CONDITIONS IC=2A ; PW=50s f=50Hz, L=10mH IC=0.1A ,IE=0 IE=50mA ;IC=0 IC=2A; IB=20mA IC=2A; IB=20mA VCE=300V; RBE= IC=2A ; VCE=2V 500 MIN 300 400 7
2SD1115K
TYP.
MAX
UNIT V V V
1.5 2.0 0.1
V V mA
Switching times ton toff Turn-on time IC=2A;IB1=- IB2=20mA Turn-off time 22 s 1.0 s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1115K
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1115K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X