Part Number Hot Search : 
R1620 UN5211 TC124E MAX9517 TA78L TLP862 YM72V 2SA1962O
Product Description
Full Text Search
 

To Download 0910230002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0910230002 Active
junction_box_io_connectors 6.00mm (.236") Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 2
Product Specification PS-99020-0076 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name PCB Headers 91023 Wire-to-Board Contact Layout 2 - see Sales Drawing junction_box_io_connectors Junction Box
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 32 32 Spade 32 Black, Natural, Natural (White) 30 No No No None Yes Brass, Phosphor Bronze Tin Tin Nylon, Polyester 7 Vertical 0.125 In 3.20 mm Yes Yes 0.062 In 1.60 mm Tray 0.236 In 6.00 mm 120, 80.00 2.000, 3 120, 80.00 2.00, 3 Yes Fully No Yes -40C to +85C IDT or Pierce, Through Hole
Search Parts in this Series 91023Series
Electrical
Current - Maximum per Contact Voltage - Maximum
10A 12V
Solder Process Data
Lead-free Process Capability Reflow Capable (SMT only)
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0076 SDA-91023
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0910230002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X