Part Number Hot Search : 
CSN105B BR0540 C1206 XC6108 SR40150P IFD08845 BU402 A8423KL
Product Description
Full Text Search
 

To Download 0780530001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0780530001 Active
1.27mm (.050") Signal Pitch, 0.80mm (.031") SCSI Pitch, 1.27mm (.050") Power Pitch SAS Receptacle, Reverse, SMT, Right Angle, with Beveled Metal Pins and Pegs, 4.99mm (.196") Height, 29 Circuits, Tray, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-78053-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Component Type Product Name Type I/O Connectors 78053 Board-to-Board Receptacle SAS N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Surface Mount Compatible (SMC) N/A 29 29 Signal 7, SCSI 7, Power 15 Black 500 94V-0 Female Yes None Copper Alloy Gold Tin Nylon 2 Right Angle Yes Yes 0.047 In 1.20 mm Tray Yes 0.031 In, 0.050 In 0.80 mm, 1.27 mm 0.031 In, 0.050 In 0.80 mm, 1.27 mm 30 0.76 102 2.54 Yes Yes N/A
Search Parts in this Series 78053Series Mates With SFF-8482 Hard Disk Drive and Backplane Plug. 87679 Serial ATA Device Plug with Latch. 87703 Serial ATA Device Plug without Jumper. 87799 Serial ATA Device Plug with Jumper
Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG
0C to +55C Surface Mount No N/A
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 1.5A No 30V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-78053-002 SD-78053-001
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0780530001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X