Part Number Hot Search : 
TR3000 P410003 2SK122 CPC1317 IS42S 15A02 40031AIL 2SA106
Product Description
Full Text Search
 

To Download 0526742091 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0526742091 Active
2.00mm (.079") Pitch LCD Pin Connector, Black, 20 Circuits
Product Specification PS-52674-002 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Component Type Product Name Other Sockets 52674 Socket N/A
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Temperature Range - Operating Termination Interface: Style 20 20 Black 10 Vertical (Top Entry) N/A Phosphor Bronze Tin Tin Yes Yes 0.062 In 1.60 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 36 0.90 36 0.90 -40C to +100C Through Hole
Search Parts in this Series 52674Series Mates With LCD Pin (0.3 x 0.5)
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 125V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-52674-002 SD-52674-**21, SD-52674-**91
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0526742091

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X