Part Number Hot Search : 
D883B TW0185A 204C56AD 204C56AD 5865B 13080 RT334048 04006GOF
Product Description
Full Text Search
 

To Download 0525594052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0525594052 Active
0.50mm (.020") Pitch FFC/FPC Connector, Vertical, SMT, ZIF, 40 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
Agency Certification
UL E29179
General
Product Family Series Overview Product Name FFC/FPC Connectors 52559 ffc_fpc_smt N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Contact Position Durability (mating cycles max) Entry Angle Flammability Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 40 N/A 20 Vertical 94V-0 0.154 In 3.90 mm Phosphor Bronze Gold Tin Nylon 1 Vertical No Yes Embossed Tape on Reel 0.020 In 0.50 mm No No -20C to +85C Surface Mount FFC/FPC
Search Parts in this Series 52559Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification AS-52559-001 SPK-52559-001, SPK-52559-003 PS-52559-013, RPS-52559-062, RPS-52559-064, RPS-52559-065, RPS-52559-068, RPS-52559-070, RPS-52559-072, RPS-52559-074 SD-52559-048, SD-52559-049
Sales Drawing
This document was generated on 06/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0525594052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X