Part Number Hot Search : 
F332M CDBV0520 ER30011 CDB42L55 2SA766 ADP2301 T0805DM DTB543EE
Product Description
Full Text Search
 

To Download 0470182000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0470182000 Active
1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.30mm (.169"), Gold (Au) Flash, Light Tin Solder Area, Surface Mount, Right Angle, Top Mount Type, 22 Circuits, Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-67492-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR 19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Comments Product Name PCB Receptacles 47018 Board-to-Board Top Mount Type Serial ATA
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 22 Black 500 94V-0 No Yes None Copper Alloy Gold Tin 1 Right Angle Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 80 2.00 Yes Yes N/A -35C to +85C Surface Mount
Search Parts in this Series 47018Series Mates With 87703-0001
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 15V DC
Solder Process Data
Lead-free Process Capability Process Temperature max. C Reflow Capable (SMT only) 230
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-67492-001 SD-47018-001
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0470182000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X