Part Number Hot Search : 
1568PST ANTXV2 BAT40 GL819 PA0430L GXOL72 VSC73 NTE56016
Product Description
Full Text Search
 

To Download 0003062042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0003062042 Active
standard_062 1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, 4 Circuits, Without Mounting Ears
Documents: 3D Model Packaging Specification (PDF) Drawing (PDF)
Product Specification PS-02-06 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA TUV UL LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Overview Product Name Crimp Housings 1625 Polarized to Mating Part standard_062 Standard .062"
Physical
Breakaway Circuits (maximum) Circuits Detail Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 4 1x4 Natural 94V-2 Plug No None Yes Nylon 1 Bag No 0.145 In 3.68 mm 0.145 In 3.96 mm Yes No -40C to +105C
Search Parts in this Series 1625Series Mates With 1625 Receptacle Use With Female Crimp Terminals 1561Link:4559 , 4529 , 2190 , 2189 , 1787 , 1855 . Male Crimp Terminals 1560 , 1786 , 1854. 1778 Male PC Tail Terminals. 1779 Female PC Tail Terminals
Electrical
Current - Maximum per Contact 5A
Material Info
Old Part Number 1625-4P1
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-1625-001, PK-1625-003 PS-02-06 SD-1625-4*
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0003062042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X