Part Number Hot Search : 
12D12 2SC1213D A1000 SLD323V 4AHCT1 5ETTT 4AHCT1 HVC133A
Product Description
Full Text Search
 

To Download USP1E330MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
SP
7mmL, Bi-Polarized
series
Bi-polarized series with 7mm height. Extended capacitance range by an addition of 8 product. Adapted to the RoHS directive (2002/95/EC).
SP
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
Bi-polarized
SA
Performance Characteristics
- 40 ~ +85C 6.3 ~ 50V 0.1 ~ 220F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.05CV or 10 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.24
10 0.20 6.3 4 8
16 0.16 10 3 6
25 0.16 16 2 4 25 2 4
35 0.14 35 2 3
50 0.12 50 2 3
Measurement frequency : 120 Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 40C / Z+20C ZT / Z20 (MAX.)
Endurance
After 2000 hours' application of rated voltage at 85C with the polarity inverted every 250 hours, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.) d
Type numbering system (Example : 10V 33F)
1 2 3 4 5 6 7 8 9 10 11
USP 1A 3 3 0 MDD
Configuration
D+0.5MAX P 0.5
Capacitance tolerance (20%) Rated Capacitance (33F) Rated voltage (10V)
L+1MAX
15MIN
4MIN
(mm)
Series name Type Configuration D 4~8
Pb-free leadwire Pb-free PET sleeve
D P d
4
5
6.3
8 3.5 0.5
1.5 2.0 2.5 0.45 0.45 0.45
DD
Dimensions
V Cap.(F) Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221
0.5 x 7 6.3 x 7 0.8 x 7 0.8 x 7
42 58 95 140
0.4 x 7 0.5 x 7 6.3 x 7 6.3 x 7 0.8 x 7
24 40 56 67 110
0.4 x 7 0.5 x 7 6.3 x 7 6.3 x 7 6.3 x 7 0.8 x 7
18 30 51 63 75 125
0.5 x 7 6.3 x 7 6.3 x 7 0.8 x 7 0.8 x 7
21 35 53 73 87
0.4 x 7 0.5 x 7 6.3 x 7 0.8 x 7 0.8 x 7
16 22 37 62 76
50 1H 0.4 x 7 0.4 x 7 0.4 x 7 0.4 x 7 0.4 x 7 0.4 x 7 0.5 x 7 6.3 x 7 0.8 x 7 0.8 x 7
1.0 2.3 3.5 5.0 10 14 20 27 44 65
Case size D x L (mm)
Rated ripple
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz ~ 1.50
Rated Ripple (mArms) at 85C 120Hz
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of USP1E330MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X