Part Number Hot Search : 
EC1145 CMPFCD86 R3000 STRLPBF 2SC514 LTC1569I CMPFCD86 VS8022FI
Product Description
Full Text Search
 

To Download TC74VCX162841FT07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VCX162841FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX162841FT
Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
The TC74VCX162841FT is a high-performance CMOS 20-bit D-type latch. Designed for use in 1.8-V, 2.5-V or 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. It is also designed with overvoltage tolerant inputs and outputs up to 3.6 V. The TC74VCX162841FT can be used as two 10-bit latches or one 20-bit latch. The 20 latches are transparent D-type latches. The device has noninverting data (D) inputs and provides true data at its outputs. While the latch-enable (1LE or 2LE) input is high, Weight: 0.25 g (typ.) the Q outputs of the corresponding 10-bit latch follow the D inputs. When LE is taken low, the Q outputs are latched at the levels set up at the D inputs. When the OE input is high, the outputs are in a high-impedance state. This device is designed to be used with 3-state memory address drivers, etc. The 26- series resistor helps reducing output overshoot and undershoot without external resistor. All inputs are equipped with protection circuits against static discharge.
Features
* * * 26- series resistors on outputs Low-voltage operation: VCC = 1.8 to 3.6 V High-speed operation: tpd = 3.9 ns (max) (VCC = 3.0 to 3.6 V) : tpd = 4.8 ns (max) (VCC = 2.3 to 2.7 V) : tpd = 9.6 ns (max) (VCC = 1.8 V) * Output current : IOH/IOL = 12 mA (min) (VCC = 3.0 V) : IOH/IOL = 8 mA (min) (VCC = 2.3 V) : IOH/IOL = 4 mA (min) (VCC = 1.8 V) * * * * Latch-up performance: -300 mA ESD performance: Machine model 200 V Human body model 2000 V Package: TSSOP 3.6-V tolerant function and power-down protection provided on all inputs and outputs
1
2007-10-19
TC74VCX162841FT
Pin Assignment (top view) IEC Logic Symbol
1OE 1Q1 1Q2 GND 1Q3 1Q4 VCC 1Q5 1Q6
1 2 3 4 5 6 7 8 9
56 55 54 53 52 51 50 49
48 47 46 45 44 43 42
1LE 1D1 1D2 GND
1OE 1LE 2OE 2LE
1D1 1D2 1D3 1D4 1D5 1D6 1D7 1D8 1D9 1D10 2D1 2D2 2D3 2D4 2D5 2D6 2D7 2D8 2D9 2D10
1 56 28 29 55 54 52 51 49 48 47 45 44 43 42 41 40 38 37 36 34 33 31 30
EN2 C1 EN4 C3 1D 2 2 3 5 6 8 9 10 12 13 3D 4 14 15 16 17 19 20 21 23 24 26 27 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6 1Q7 1Q8 1Q9 1Q10 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6 2Q7 2Q8 2Q9 2Q10
1D3 1D4 VCC 1D5 1D6 1D7 GND 1D8 1D9 1D10 2D1 2D2 2D3 GND 2D4 2D5 2D6 VCC 2D7 2D8 GND 2D9 2D10 2LE
1Q7 10 GND 11 1Q8 12 1Q9 13 1Q10 14 2Q1 15 2Q2 2Q3 16 17
41 40 39 38 37 36 35 34 33 32 31 30 29
GND 18 2Q4 19 2Q5 20
2Q6 21 VCC 2Q7 2Q8 22 23 24
GND 25 2Q9 26 2Q10 27 2OE 28
2
2007-10-19
TC74VCX162841FT
Truth Table (each 10-bit latch)
Input
OE
L L L H
LE H H L X
D H L X X
Output Q H L Qn Z
X: Don't care Z: High impedance Qn: Q outputs are latched at the time when the LE input is taken to a low logic level.
System Diagram
1D1 55 D Q LE 1LE 56 1D2 54 D Q LE 1D3 52 D Q LE 1D4 51 D Q LE 1D5 49 D Q LE 1D6 48 D Q LE 1D7 47 D Q LE 1D8 45 D Q LE 1D9 44 D Q LE 1D10 43 D Q LE
1OE
1 2 1Q1 2D1 42 D 2D2 41 D 3 1Q2 2D3 40 D 5 1Q3 2D4 38 D 6 1Q4 2D5 37 D 8 1Q5 2D6 36 D 9 1Q6 2D7 34 D 10 1Q7 2D8 33 D 12 1Q8 2D9 31 D 13 1Q9 2D10 30 D 14 1Q10
Q
LE 2LE 29
Q
LE
Q
LE
Q
LE
Q
LE
Q
LE
Q
LE
Q
LE
Q
LE
Q
LE
2OE
28 15 2Q1 16 2Q2 17 2Q3 19 2Q4 20 2Q5 21 2Q6 23 2Q7 24 2Q8 26 2Q9 27 2Q10
3
2007-10-19
TC74VCX162841FT
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage DC output voltage Input diode current Output diode current DC output current Power dissipation DC VCC/ground current per supply pin Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT PD ICC/IGND Tstg Rating
-0.5 to 4.6 -0.5 to 4.6 -0.5 to 4.6 (Note 2) -0.5 to VCC + 0.5
Unit V V V mA (Note 4) mA mA mW mA C
(Note 3)
-50 50 50
400
100 -65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: OFF state Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics Power supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Rating 1.8 to 3.6 1.2 to 3.6
-0.3 to 3.6
Unit V V (Note 3) (Note 4) (Note 5) (Note 6) (Note 7) C (Note 8) ns/V mA V
(Note 2)
0 to 3.6 0 to VCC
12 8 4
Output current
IOH/IOL Topr dt/dv
Operating temperature Input rise and fall time
-40 to 85
0 to 10
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Data retention only Note 3: OFF state Note 4: High or low state Note 5: VCC = 3.0 to 3.6 V Note 6: VCC = 2.3 to 2.7 V Note 7: VCC = 1.8 V Note 8: VIN = 0.8 to 2.0 V, VCC = 3.0 V
4
2007-10-19
TC74VCX162841FT
Electrical Characteristics
< DC Characteristics (Ta = -40 to 85C, 2.7 V < VCC = 3.6 V)
Characteristics H-level L-level Symbol VIH VIL Test Condition

VCC (V) 2.7 to 3.6 2.7 to 3.6
Min 2.0
Max
Unit
Input voltage
0.8

V
IOH = -100 A H-level VOH VIN = VIH or VIL IOH = -6 mA IOH = -8 mA Output voltage IOH = -12 mA IOL = 100 A L-level VOL VIN = VIH or VIL IOL = 6 mA IOL = 8 mA IOL = 12 mA Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current Increase in ICC per input IIN IOZ IOFF ICC
ICC
2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 to 3.6 0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6
VCC - 0.2 2.2 2.4 2.2

V
0.2 0.4 0.55 0.8
5.0 10.0 A A A
VIN = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VIN = VCC or GND VCC < (VIN, VOUT) < 3.6 V = = VIH = VCC - 0.6 V
10.0 20.0
20.0
A
750
< < DC Characteristics (Ta = -40 to 85C, 2.3 V = VCC = 2.7 V)
Characteristics H-level L-level Symbol VIH VIL Test Condition

VCC (V) 2.3 to 2.7 2.3 to 2.7
Min 1.6
Max
Unit
Input voltage
0.7

V
IOH = -100 A H-level Output voltage VOH VIN = VIH or VIL IOH = -4 mA IOH = -6 mA IOH = -8 mA IOL = 100 A L-level VOL VIN = VIH or VIL IOL = 6 mA IOL = 8 mA Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current IIN IOZ IOFF ICC VIN = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VIN = VCC or GND VCC < (VIN, VOUT) < 3.6 V = =
2.3 to 2.7 2.3 2.3 2.3 2.3 to 2.7 2.3 2.3 2.3 to 2.7 2.3 to 2.7 0 2.3 to 2.7 2.3 to 2.7
VCC - 0.2 2.0 1.8 1.7

V
0.2 0.4 0.6
5.0 10.0 A A A A
10.0 20.0
20.0
5
2007-10-19
TC74VCX162841FT
< DC Characteristics (Ta = -40 to 85C, 1.8 V = VCC < 2.3 V)
Characteristics H-level Input voltage L-level VIL
Symbol VIH
Test Condition
VCC (V) 1.8 to 2.3 1.8 to 2.3
Min 0.7 x VCC
Max
Unit
0.2 x VCC

V
H-level Output voltage L-level Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current
VOH
VIN = VIH or VIL
IOH = -100 A IOH = -4 mA
1.8 1.8 1.8 1.8 1.8 1.8 0 1.8 1.8
VCC - 0.2 1.4

V
VOL IIN IOZ IOFF ICC
VIN = VIH or VIL VIN = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VIN = VCC or GND
IOL = 100 A IOL = 4 mA
0.2 0.3
5.0 10.0 A A A A
10.0 20.0
20.0
VCC < (VIN, VOUT) < 3.6 V = =
6
2007-10-19
TC74VCX162841FT
AC Characteristics (Ta = -40 to 85C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 ) (Note 1)
Characteristics Symbol Test Condition VCC (V) 1.8 Figure 1, Figure 2 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 2 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 3 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 3 2.5 0.2 3.3 0.3 1.8 tW (H) Figure 1, Figure 2 2.5 0.2 3.3 0.3 1.8 Minimum setup time ts Figure 1, Figure 2 2.5 0.2 3.3 0.3 1.8 Minimum hold time th Figure 1, Figure 2 2.5 0.2 3.3 0.3 tosLH tosHL 1.8 (Note 2) 2.5 0.2 3.3 0.3 Min 1.5 0.8 0.6 1.5 0.8 0.6 1.5 0.8 0.6 1.5 0.8 0.6 4.0 1.5 1.5 2.5 1.5 1.5 1.0 1.0 1.0

Max 9.6 4.8 3.9 9.8 5.8 4.4 9.8 5.9 4.3 8.8 4.9 4.3

Unit
Propagation delay time (D-Q)
tpLH tpHL
ns
Propagation delay time (LE-Q)
tpLH tpHL
ns
3-state output enable time
tpZL tpZH
ns
3-state output disable time
tpLZ tpHZ
ns
Minimum pulse width (LE)
ns
ns
ns
0.5 0.5 0.5 ns
Output to output skew
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification. Note 2: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
7
2007-10-19
TC74VCX162841FT
Dynamic Switching Characteristics
(Ta = 25C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 )
Characteristics Symbol Test Condition VIH = 1.8 V, VIL = 0 V Quiet output maximum dynamic VOL VOLP VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VIH = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOL VOLV VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VIH = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOH VOHV VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) VCC (V) 1.8 2.5 3.3 1.8 2.5 3.3 1.8 2.5 3.3 Typ. 0.15 0.25 0.35
-0.15 -0.25 -0.35
Unit
V
V
1.55 2.05 2.65 V
Note:
Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Power dissipation capacitance Symbol CIN CO CPD fIN = 10 MHz Test Condition

VCC (V) 1.8, 2.5, 3.3 1.8, 2.5, 3.3 (Note) 1.8, 2.5, 3.3
Typ. 6 7 20
Unit pF pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/20 (per bit)
8
2007-10-19
TC74VCX162841FT
AC Test Circuit
6.0 V or VCC x 2 Open GND Measure
CL RL
Switch
RL
Parameter tpLH, tpHL tpLZ, tpZL tpHZ, tpZH 6.0 V VCC x 2
Switch Open @VCC = 3.3 0.3 V @VCC = 2.5 0.2 V @VCC = 1.8 V GND
Output
CL = 30 pF RL = 500
Figure 1 tpLH, tpHL, tw, ts, th AC Waveform
tf 2.0 ns Input (LE) tr 2.0 ns Input (D) 90% 10% ts (H) Output (Q) VM tpLH tpHL VM th (H) tr 2.0 ns 90% VM VIH VM GND tw (H) VIH VM GND ts (L) th (L) VOH VM tpHL tpLH VOL
10% tf 2.0 ns
Figure 2 tpLH, tpHL, tw, ts, th
9
2007-10-19
TC74VCX162841FT
tr 2.0 ns Output Enable Control ( OE ) tpLZ Output (Q) Low to Off to Low tpHZ Output (Q) High to Off to High Outputs enabled tf 2.0 ns 90% VM VIH 10% tpZL 3.0 V or VCC VM VX tpZH VOL VOH VM GND Outputs disabled Outputs enabled GND
VY
Figure 3 tpLZ, tpHZ, tpZL, tpZH
Symbol VIH VM VX VY VCC 3.3 0.3 V 2.7 V 1.5 V VOL + 0.3 V VOH - 0.3 V 2.5 0.2 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V 1.8 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V
10
2007-10-19
TC74VCX162841FT
Package Dimensions
Weight: 0.25 g (typ.)
11
2007-10-19
TC74VCX162841FT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
12
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC74VCX162841FT07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X