Part Number Hot Search : 
2SC5885 AD8451 C0603 ADS6424 HA174 2SJ56709 GDMQ0705 MT5006A
Product Description
Full Text Search
 

To Download SB230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB220 ... SB2100
SB220 ... SB2100
Schottky Barrier Rectifiers Schottky-Barrier-Gleichrichter Version 2006-04-18 Nominal current Nennstrom
O3
0.05
2A 20...100 V DO-15 DO-204AC 0.4 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
62.50.5
Type
6.30.1
O 0.8
0.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Dimensions - Mae [mm]
Maximum ratings and Characteristics Type Typ SB220 SB230 SB240 SB250 SB260 SB290 SB2100 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 20 30 40 50 60 90 100 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 20 30 40 50 60 90 100 TA = 75C f > 15 Hz TA = 25C TA = 25C
Grenz- und Kennwerte Forward voltage Durchlass-Spannung VF [V] 1) < 0.50 < 0.50 < 0.50 < 0.70 < 0.70 < 0.79 < 0.79 IFAV IFRM IFSM i2t 2 A2) 12 A 2) 50 A 12.5 A2s -50...+150C -50...+175C
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TS
Tj
1 2
IF = 2 A,Tj = 25C Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
SB220 ... SB2100 Characteristics Leakage current Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht Tj = 25C Tj = 100C VR = VRRM VR = VRRM IR IR RthA RthL Kennwerte < 0.5 mA < 5 mA < 45 K/W 1) < 15 K/W
120 [%] 100
102 [A]
SB220...240
10 80
SB250...260
60
1
40 10 20 IFAV 0 0 TA 50 100 150 [C]
1
-1
SB290...2100
IF 10
-2
Tj = 25C
0
VF
0.4
0.6
[V]
1.0
Rated forward current versus ambient temperature ) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of SB230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X