Part Number Hot Search : 
2N6377 CIM039P1 4A000 EB13C3 MC100B SSD25 IRLR8711 EVB71112
Product Description
Full Text Search
 

To Download RXF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS RXF Series: 105 C up to 10,000 hours
FEATURES
* * * * 105C, 8,000 ~ 10,000 hours assured Suitable for switching power supplies, UPS, Ballast Smaller size with large permissible ripple current RoHS Compliant
Items Rated Voltage Range Operating Temperature Range Capacitance Tolerance Time Leakage Current (at 20 C) Leakage Current CV < 1000 Performance 200 ~ 400V -40C ~ +105C +20% (at 120Hz, 20C) after 1 minute CV > 1000 450V
RoHS
u
SPECIFICATIONS
after 5 minutes CV < 1000 cv > 1000
Dissipation Factor (Tan a at 120Hz, 20 C)
Low Temperature Characteristics (at 120Hz)
I = 0.1CV + 40 (A) I = 0.04CV + 100 (A) I = 0.03CV + 15 (A) I = 0.02cv + 25 (A) Where C = rated capacitance in F. V = rated DC working voltage in V. Rated Voltage 200 250 350 400 450 Tan (max) 0.20 0.20 0.24 0.24 0.24 Impedance ratio shall not exceed the values given in the table below. Rated Voltage 200 250 350 400 450 Impedance Ratio Z (-25) / Z (+20C) 3 3 5 5 6
Load Life Test
Z (-40) / Z (+20C) 6 6 6 6 8,000 hrs for OD = 10mm; 10,000 hrs for OD >12.5mm Test Time Within + 20% of initial value Capacitance Change Less than 200% of specified value Dissipation Factor Within specified value Leakage Current
* The above specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage applied with rated ripple current for 8,000 hrs / 10,000 hrs at 105C.
Shelf Life Test
Capacitance Change Dissipation Factor Leakage Current
Within + 20% of initial value Less than 200% of specified value Less than 500% of specified value
Ripple Current & Frequency Multipliers Other Standards
* The above specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hrs at 105C without voltage applied. The rated voltage shall be applied to the capacitors before the measurements (Refer to JIS C 5102). Freq. (Hz) 100k 120 1k 10k up OD (mm) 10 12.5 ~ 18 0.25 0.35 0.61 0.66 0.88 0.89 1.0 1.0
JIS C 5101-4
Unit: mm
DIMENSIONS
jD
10
P jd
a b
12.5 5.0 0.6 1.5 0.5
16 7.5 0.8
18
DIMENSIONS & PERMISSIBLE RIPPLE CURRENT
V.DC Item F 4.7 10 15 22 33 47 68 100 150 220 330 10 x 20 12.5 x 20 12.5 x 20 12.5 16 16 18 16 18 18 x x x x x x x 25 20 25 20 31.5 31.5 40 200V (2D) Ripple Current OD x L 120Hz 100kHz 10 x 20 200 260 390 470 490 630 615 840 1050 1430 500 650 975 1,175 1,225 1,420 1,385 1,890 2,365 3,220 12.5 x 20 12.5 x 25 12.5 16 16 18 16 18 18 18 x x x x x x x x 25 20 25 20 31.5 25 31.5 40 OD x L 120Hz 140 200 320 390 405 520 505 680 655 860 1,130 100kHz 350 500 800 975 1,015 1,300 1,265 1,530 1,480 1,935 2,545 12.5 x 20 16 x 20 16 18 16 18 18 x x x x x 25 20 31.5 25 31.5 260 360 430 420 560 550 700 650 900 1,075 1,045 1,400 1,375 1,575 250V (2E) Ripple Current OD x L 120Hz 100kHz 10 12.5 12.5 16 16 18 16 18 16 18 18 x x x x x x x x x x x 20 20 25 20 25 20 31.5 25 35.5 31.5 35.5 350V (2V) Ripple Current OD x L 400V (2G)
Ripple Current: mA/rms at 105C
450V (2W) Ripple Current OD x L 120Hz 100kHz 140 220 260 270 360 450 470 455 575 585 765 350 550 650 680 900 1,125 1,175 1,135 1,445 1,465 1,720 10 12.5 12.5 16 18 16 18 18 x x x x x x x x 20 20 25 25 20 31.5 25 31.5 120Hz 90 180 240 290 280 390 380 480 630 100kHz 240 450 600 725 705 975 950 1,200 1,575 Ripple Current
18 x 31.5
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CD05 2008.2.19


▲Up To Search▲   

 
Price & Availability of RXF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X