Part Number Hot Search : 
4017BD 1200P60G AD7124 1C220 CM7555 PT12216 SW535 AN620
Product Description
Full Text Search
 

To Download RD74LVC139BTELL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RD74LVC139B
Dual 2-to-4-line Decoders / Demultiplexers
REJ03D0503-0100 Rev.1.00 Dec. 02, 2004
Description
The RD74LVC139B has two independent two-to-four-line decoders each with a single active low enable input in a 16 pin package. Data on the select inputs cause one of the four normally high outputs to go low. Low voltage and highspeed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.
Features
VCC = 1.65 V to 5.5 V All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25C) High output current 4 mA (@VCC = 1.65 V) 8 mA (@VCC = 2.3 V) 12 mA (@VCC = 2.7 V) 24 mA (@VCC = 3.0 V to 5.5 V) * Ordering Information
Part Name RD74LVC139BFPEL RD74LVC139BTELL Package Type SOP-16 pin (JEITA) TSSOP-16 pin Package Code FP-16DAV TTP-16DAV FP T Package Abbreviation Taping Abbreviation (Quantity) EL (2,000 pcs/reel) ELL (2,000 pcs/reel)
* * * * *
Function Table
Input Enable G H L L L L H: L: X: Low level Immaterial B X L L H H High level Select A X L H L H Y0 H L H H H Y1 H H L H H Outputs Y2 H H H L H Y3 H H H H L
Rev.1.00 Dec. 02, 2004 page 1 of 7
RD74LVC139B
Pin Arrangement
1G 1 1A 2 1B 3 1Y0 4 1Y1 5 1Y2 6 1Y3 7 GND 8 A B Y0 Y1 Y2 Y3 G G A B Y0 Y1 Y2 Y3
16 VCC 15 2G 14 2A 13 2B 12 2Y0 11 2Y1 10 2Y2 9 2Y3
(Top view)
Absolute Maximum Ratings
Item Supply voltage Input diode current Input voltage Output diode current Output voltage Output current VCC, GND current / pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC or IGND Tstg -0.5 to 7.0 -50 -0.5 to 7.0 -50 50 -0.5 to VCC +0.5 50 100 -65 to 150 V mA mA C Ratings V mA V mA VO = -0.5 V VO = VCC +0.5 V VI = -0.5 V Unit Conditions
Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Rev.1.00 Dec. 02, 2004 page 2 of 7
RD74LVC139B
Recommended Operating Conditions
Item Supply voltage Input / output voltage Operating temperature Output current Symbol VCC VI VO Ta IOH Ratings 1.5 to 5.5 1.65 to 5.5 0 to 5.5 0 to VCC -40 to 85 -4 -8 -12 -24 IOL 4 8 12 24 Input rise / fall time
*1
Unit V V V C mA
Conditions Data retention At operation G, A, B Y0 to Y3 VCC = 1.65 V VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V to 5.5 V
mA
VCC = 1.65 V VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V to 5.5 V
tr, tf
20 10
ns/V
VCC = 1.65 V to 2.7 V VCC = 3.0 V to 5.5 V
Notes: 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics.
Rev.1.00 Dec. 02, 2004 page 3 of 7
RD74LVC139B
Electrical Characteristics
Ta = -40 to 85C Item Input voltage Symbol VIH VCC (V) 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 4.5 to 5.5 VIL 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 4.5 to 5.5 Output voltage VOH 165 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 VOL 165 to 5.5 1.65 2.3 2.7 3.0 4.5 Input current Quiescent supply current IIN ICC ICC 0 to 5.5 2.7 to 3.6 2.7 to 5.5 2.7 to 3.6 1.7 2.0 VCCx0.7 -- -- -- -- VCC -0.2 1.2 1.7 2.2 2.4 2.2 3.8 -- -- -- -- -- -- -- -- -- -- Min VCCx0.65 -- -- -- -- VCCx0.35 V 0.7 0.8 VCCx0.3 -- -- -- -- -- -- -- 0.2 0.45 0.7 0.4 0.55 0.55 5.0 5.0 5.0 500 A A A VIN = 5.5 V or GND VIN = 3.6 V to 5.5 V VIN = VCC or GND VIN = one input at (VCC -0.6)V, other inputs at VCC or GND V IOL = 100 A IOL = 4 mA IOL = 8 mA IOL = 12 mA IOL = 24 mA IOH = -24 mA V IOH = -100 A IOH = -4 mA IOH = -8 mA IOH = -12 mA Max V Unit Test Conditions
Rev.1.00 Dec. 02, 2004 page 4 of 7
RD74LVC139B
Switching Characteristics
Ta = -40 to 85C Item Propagation delay time Symbol tPLH tPHL VCC (V) 1.80.15 2.50.2 2.7 3.30.3 5.00.5 tPLH tPHL 1.80.15 2.50.2 2.7 3.30.3 5.00.5 Output skew between pins*1 tOSLH tOSHL 1.80.15 2.50.2 2.7 3.30.3 5.00.5 Note: Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ Max 20.6 9.3 7.3 6.2 5.5 19.5 7.2 5.2 4.7 4.5 -- -- -- 1.0 1.0 ns ns G Y0 to Y3 ns Unit From (Input) A, B To (Output) Y0 to Y3
1. This parameter is characterized but not tested. tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|
Operating Characteristics
Ta = 25C Item Power dissipation capacitance Symbol CPD VCC = (V) 1.8 2.5 3.3 5.0 Min -- -- -- -- Typ 28 29 30 32 Max -- -- -- -- Unit pF Test Conditions f = 10 MHz
Test Circuit
VCC VCC
A
See Function Table
Input
Y0 to Y3 CL B RL
Output
Pulse Generator Zout = 50
G
Note:
1. CL includes probe and jig capacitance.
Rev.1.00 Dec. 02, 2004 page 5 of 7
RD74LVC139B Waveforms
tr Input 10 % t PLH In phase output t PHL 90 % Vref 90 % Vref 10 % t PHL VOH Vref Vref VOL t PLH VOH Out of phase output Vref Vref VOL INPUTS VIH VCC VCC 2.7 V 2.7 V VCC tf VIH GND
VCC (V) VCC = 1.80.15 V VCC = 2.50.2 V VCC = 2.7 V VCC = 3.30.3 V VCC = 5.00.5 V
tr/tf 2 ns 2 ns 2.5 ns 2.5 ns 2.5 ns
Vref 1/2 VCC 1/2 VCC 1.5 V 1.5 V 1/2 VCC
CL 30 pF 30 pF 50 pF 50 pF 50 pF
RL 1.0 k 500 500 500 500
Note:
1. Input waveform: PRR = 10 MHz, duty cycle 50%
Rev.1.00 Dec. 02, 2004 page 6 of 7
RD74LVC139B
Package Dimensions
As of January, 2003
10.06 10.5 Max 16 9
Unit: mm
1
*0.20 0.05
8
0.80 Max
5.5
0.20 7.80 + 0.30 -
2.20 Max
1.15
1.27
0.10 0.10
0 - 8
0.70 0.20
*0.40 0.06
0.15
0.12 M
Package Code JEDEC JEITA Mass (reference value) FP-16DAV -- Conforms 0.24 g
*Ni/Pd/Au plating
As of January, 2003
Unit: mm
5.00 5.30 Max 16 9
1
*0.20 0.05
8 0.65 0.13 M 0.65 Max 6.40 0.20 0 - 8 0.50 0.10 1.0
4.40
*0.15 0.05
1.10 Max
0.10
0.07 +0.03 -0.04
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
TTP-16DAV -- -- 0.05 g
Rev.1.00 Dec. 02, 2004 page 7 of 7
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .2.0


▲Up To Search▲   

 
Price & Availability of RD74LVC139BTELL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X