Part Number Hot Search : 
MPL027 6KE30A LT1720 HD14051 MC145 DE2S062 S15D40 LTM8056
Product Description
Full Text Search
 

To Download PSD-05-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5W Single Output DC-DC Converter
P S D - 0 5 series
Features : 2:1 wide input range Protections:Short circuit/Over load /Over voltage/Over temperature Built-in EMI filter,low ripple noise 3 100% full load burn-in test Fix switching frequency at 67KHz Low cost High reliability 1 year warranty
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT PSD-05-05 5V 1A 0 ~ 1A PSD-05-12 12V 0.45A 0 ~ 0.5A 5.4W 100mVp-p 2.0% 1.0% 1.0% PSD-05-24 24V 0.22A 0 ~ 0.25A 5.28W 150mVp-p 2.0% 0.5% 0.5%
OUTPUT
CURRENT RANGE 5W RATED POWER RIPPLE & NOISE (max.) Note.2 50mVp-p VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION 2.0% 1.0%
INPUT
1.0% SETUP, RISE, HOLD UP TIME 1.2s, 20ms,--- at full load 36 ~ 72VDC VOLTAGE RANGE EFFICIENCY(Typ.) 75% 0.15A/48V DC CURRENT(Typ.) Above 105% rated output power OVER LOAD
78%
78%
Protection type : Fold back current limiting, recovery automatically after fault condition is removed 13.8~16.2V 5.75~ 6.75V Protection type : Hiccup mode, recovery automatically after fault condition is removed U1 Tj140 ae typically(U1)Detect on main control IC Protection type : Hiccup mode, recovery automatically after temperature goes down -10 ~ +60 ae (Refer to output load derating curve) 20 ~ 90% RH non-condensing 27.6~ 32.4V
PROTECTION OVER VOLTAGE OVER TEMPERATURE WORKING TEMP. WORKING HUMIDITY
ENVIRONMENT STORAGE TEMP., HUMIDITY -20 ~ +85 , 10 ~ 95% RH 0.05%/ (0 ~ 50 ) TEMP. COEFFICIENT VIBRATION WITHSTAND VOLTAGE ISOLATION RESISTANCE EMS IMMUNITY OTHERS
NOTE
10 ~ 500Hz, 2G 10min./1cycle, Period for 60min.each along X, Y, Z axes I/P-O/P:2KVAC
SAFETY & EMC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B
Compliance to EN61000-4-2, 3, 4, 6, 8 ENV50204, EN55024, EN61000-6-1 Light industry level, criteria A
DIMENSION PACKING
75*40*20mm (L*W*H) 50mg;120pcs/6.25Kg/1CUFT
1. All parameters NOT specially mentioned are measured at 48VDC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4.The power supply is considered a component which will be installed into a final equipment.The final equipment must be re-confirmed that it still meets EMC directives.
File Name:PSD-05-SPEC 2006-08-22
5W Single Output DC-DC Converter
Mechanical Specification
To chassis Grounding
P S D - 0 5 series
Unit:mm
4 67
75
4 16.5 5
CN2 1 2 3
40
32 11.5 5
1 2 CN1
4-3.5 Dia Mounting Holes
DC Input Connector (CN2) : MOLEX5285-03 or equivalent
Pin No. 1 2 3 Assignment FG (-V) (+V) Mating Housing MOLEX 5058 or equivalent Terminal MOLEX 2478 or equivalent
20
DC Output Connector (CN1) : MOLEX5273-02 or equivalent
Pin No. 1 2 Assignment +V -V Mating Housing MOLEX 5195 or equivalent Terminal MOLEX 5194 or equivalent
Block Diagram
RECTIFIERS & FILTER POWER SWITCHING PWM CONTROL FG RECTIFIERS & FILTER
3.96
fosc : 67KHz
I/P
EMI FILTER
+V -V
DETECTION CIRCUIT
Derating Curve
Static Characteristics
100 100 80 90 80 70
60
LOAD (%)
LOAD(%)
0 10 20 30 40 50 45 60 55 (HORIZONTAL) (VERTICAL)
40
60 50 40
20
-10 -10
AMBIENT TEMPERATURE (
)
36
48
72
INPUT VOLTAGE
File Name:PSD-05-SPEC 2006-08-22


▲Up To Search▲   

 
Price & Availability of PSD-05-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X