Part Number Hot Search : 
VA2ASG 2101A P6KE150A ENL9654 PL001 G2002 2SB1604 TMS77C82
Product Description
Full Text Search
 

To Download MJ13100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
DESCRIPTION * Collector-Emitter Sustaining Voltage: VCEO(SUS) = 400V(Min)--MJ13100 = 450V(Min)--MJ13101 *High Switching Speed APPLICATIONS *Designed for high-voltage ,high-speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line operated switch-mode applications. Typical applications: *Switching regulators *Inverters *Solenoid and relay drivers *Motor controls *Deflection circuits ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER MJ13100 VCEV Collector-Emitter Voltage MJ13101 MJ13100 VCEO(SUS) Collector-Emitter Voltage MJ13101 VEBO IC ICM IB
B
MJ13100/13101
VALUE 650
UNIT
V 750 400 V 450 6 20 50 10 15 175 200 -65~200 V A A A A W
Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current-Continuous Base Current-Peak Collector Power Dissipation@TC=25 Junction Temperature Storage Temperature
IBM PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.0 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER MJ13100 IC=100mA ; IB=0 MJ13101 VCE(sat)-1 VCE(sat)-2 VBE(sat) Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage MJ13100 MJ13101 MJ13100 MJ13101 IEBO hFE COB Emitter Cutoff Current DC Current Gain Output Capacitance IC= 15A; IB= 3A IC= 15A; IB= 3A;TC=100 IC= 20A; IB= 4A IC= 15A; IB= 3A IC= 15A; IB= 3A;TC=100 VCEV=650V;VBE(off)=1.5V VCEV=650V;VBE(off)=1.5V;TC=100 VCEV=750V;VBE(off)=1.5V VCEV=750V;VBE(off)=1.5V;TC=100 VCE= 650V; RBE= 50,TC= 100 VCE= 750V; RBE= 50,TC= 100 VEB= 6V; IC=0 IC= 15A ; VCE= 3V IE= 0; VCB= 10V; ftest=1.0kHz CONDITIONS
MJ13100/13101
MIN 400
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
V 450 1.0 2.0 3.0 1.5 1.5 0.5 2.5 mA 0.5 2.5 3.0 mA 3.0 1.0 8 40 450 pF mA V V V
ICEV
Collector Cutoff Current
ICER
Collector Cutoff Current
Switching times;Resistive Load td tr ts tf Delay Time Rise Time Storage Time Fall Time IC= 15A , VCC= 250V; IB1= 2A;tp= 30s; VBE(off)= 5V Duty Cycle2.0% 20 130 900 100 50 500 3500 500 ns ns ns ns
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of MJ13100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X