Part Number Hot Search : 
LTC24 XP131 1200F LVTH16 03100 DD98N 30DB40 TS27M2M
Product Description
Full Text Search
 

To Download MAMX-000950-1225MT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAMX-000950-1225MT
Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
Features
* * * * * * * *
SOT-25 Low Cost Miniature Plastic Package
Rev. V2
SOT-25 Package Outline (Topview)
3 2 1
7.0 dB Typical Conversion Loss +7 to +13 dBm LO Drive HMICTM Patented Process Silicon Medium Barrier Schottky Diodes DC - 400 MHz IF Bandwidth RoHS* Compliant with 260 C Reflow Capability 100% Matte Tin Plating
Description and Applications
M/A-COM's MAMX-000950-1225MT is a 700-1200 MHz silicon monolithic double balanced mixer in a low cost miniature surface mount SOT-25 package. The die uses M/A-COM's unique HMIC silicon/glass process to achieve low loss passive elements while retaining the advantages of medium barrier silicon Schottky barrier diodes. These mixers are well suited for high volume wireless and cellular applications where small size and repeatability are required. Typical applications include frequency conversion, modulation, and demodulation in wireless receivers and transmitters.
4
5
PIN Configuration
PIN
1 2 3
Function
RF GND LO
PIN
4 5
Function
GND IF
Absolute Maximum Ratings 1,2
Parameter
Operating Temperature Storage Temperature Incident LO Power Incident RF Power Soldering Temperature
Schematic
IF RF LO
Maximum Ratings
-65 C to +125 C -65 C to +150 C +20 dBm +20 dBm +260 C max.
1. Exceeding these limits may cause permanent damage. 2. Please refer to application note M538 for surface mounting instructions.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAMX-000950-1225MT
Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
Electrical Specifications @ +25 C
Parameter
Conversion Loss L - R Isolation L - I Isolation R - I Isolation LO VSWR RF VSWR IF VSWR Input IP3 Input 1 dB Compression IF 1 dB Bandwidth
Rev. V2
Frequency Range
850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz DC - 400 MHz 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz DC - 400 MHz
Test Conditions
LO Drive = +10 dBm RF = -10 dBm, IF = 60 MHz LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF = -5 dBm, IF = 60 MHz LO Drive = +10 dBm IF = 60 MHz LO = 850 MHz @ +5dBm
Units
DB DB DB DB
Min.
Typ.
7.0 8.1 26.0 20.5 26.5 27.0 27.5 24.0 1.8:1 1.8:1 1.6:1 2.5:1 1.05:1
Max.
8.0 10.5
-
dBm dBm MHz
18.5 13.0
20.5 18.0 4.3 5.6
0
400.0
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAMX-000950-1225MT
Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
Typical Performance Curves (LO Drive = +10 dBm, RF = -10 dBm, IF = 60 MHz)
Conversion Loss
Conversion Loss Characterization Average Plots
P -6.00 LO Drive = 7, 10, 13dBm, P RF = -10dBm, f IF = LS - 60MHz PLO=7dBm
-6.50
0.00
Rev. V2
Isolation
ISOLATION VS
FREQUENCY
PLO = +10dBm , fIF = LS 60MHz
(ISO L - I)
-5.00
PLO=10dBm PLO=13dBm
(ISO L - R) (ISO R - I)
-7.00
-10.00
-7.50
ISOLATION(dB)
-8.00 LOSS (DB)
-15.00
-8.50
-20.00
-9.00
-25.00
-9.50
-10.00
-30.00
-10.50
-35.00
-11.00 700 725 750 775 800 825 850 875 900 925 950 975 1000 1025 1050 1075 1100 1125 1150 1175 1200 FREQUENCY (MHz)
700
725
750
775 800
825
850
875
900
925
950 975 1000 1025 1050 1075 1100 1125 1150 1175 1200
FREQUENCY (MHz)
RF and IF VSWR
Third Order Intercept and Input 1 dB Compression Power
Ip3 & 1dB Compression Pt.
P (LO) Drive = 7,10,13dBm, P (RF) = -10dBm, f(IF) = LS60MHz
25
VSWR TYP
P(LO) = +10dBm , P(RF) = -10dBm , f (IF) = LS60MHz 5.00
I -Port
4.50
L -Port R -Port
20
4.00
PLO=7dBm
3.50 VSWR RATIO
iP3 (dBm) 15
PLO=10dBm PLO=13dBm Typical 1dB Compression
3.00
2.50
10
2.00
1.50
5
1.00 700 50 725 75 750 100 775 125 800 150 825 175 850 200 875 225 900 250 925 275 950 300 975 1000 1025 1050 1075 1100 1125 1150 1175 1200 325 350 375 400 425 450 475 500
0 700
FREQUENCY (MHz)
750
800
850
900
950 FREQUENCY (MHz)
1000
1050
1100
1150
1200
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAMX-000950-1225MT
Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
Case Style - SOT-25 SOT-25 Dimensions 3,4
Inches Dim
A B C D E F G H J
Rev. V2
Min.
.1103 .1023 0.0355 0.0591
Max.
.1181 .1181 .0512 .0669
Millimeters Min. Max.
2.80 2.6 0.9 1.5 3.10 3.00 1.30 1.70
.0374 REF. .0138 .0031 .0002 .0138 .0197 0.0079 .0059 .0216
0.95 REF. .35 .08 .05 .35 .50 0.2 .15 .55
Ordering Information
Part Number
MAMX-000950-1225MT
3. Dimensions do not include mold flas, protrusion or gate burrs which shall not exceed 0.0098 in (.25mm) per side. 4. Leads Coplanarity should be 0.003 (0.08) max.
Package
Tape and Reel
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAMX-000950-1225MT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X