Part Number Hot Search : 
2MBI600 OM7603ST SRAS2035 Z5245B EC6A15S CHUMH9PT 3302JA 3LB200C
Product Description
Full Text Search
 

To Download MAATCC0013-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAATCC0013
Voltage Variable Attenuator 824 - 960 MHz
Features
* * * * * * * * * * 25 dB Attenuation Range High IP3 Excellent Linearity Performance Low Cost/High Performance 50 Ohm Nominal Impedance Lead-Free SOT-25 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of AT65-0009 Rev. V3
Functional Diagram and Bias Circuitry
GND GND
Description
M/A-COM's MAATCC0013 is an integrated voltage variable attenuator containing two PIN diodes and a passive glass quadrature hybrid. This device is packaged in a 5 leaded SOT plastic surface mount package. Maximum attenuation is typically achieved at 3.5 V bias using the suggested bias circuit. The MAATCC0013 is ideally suited for GSM communication applications requiring variable attenuation in the 824 to 960 MHz bandwidth.
C5 C1 RF IN
PIN 1
GND
PIN 3 C6
L1
L2 C4 C3 C2 RF OUT
R1 VB
Pin Configuration
Pin No.
1 2 3
Function
RFIN, VB GND RFOUT, VB GND GND
Ordering Information
Part Number
MAATCC0013 MAATCC0013TR MAATCC0013-TB
4 5
Package
Bulk Packaging 1000 piece reel Sample Test Board
External Circuitry Parts 1
Part
C1 C2 C3 C4 L1 L2 R1 C52 C62
Value
390 pF 390 pF 390 pF 390 pF 180 nH 180 nH 10 KOhm 1.5 pF 1.5 pF
Purpose
DC Block DC Block By-pass By-pass RF Choke RF Choke Current Limiting RF Tune RF Tune
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
1. All external circuitry parts are readily available, low cost surface mount components (.060 in. x .030 in. or .080 in. x .050 in.). 2. See Application Note MA-C-05010008A for external tuning capacitor values to suit specific Communication Bandwidths. Insertion Loss will vary depending on tuning capacitor value chosen.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATCC0013
Voltage Variable Attenuator 824 - 960 MHz
Electrical Specifications: TA = 25C, Z0 = 50, F = 824 to 960 MHz
Parameter
Insertion Loss VSWR Attenuation Flatness vs. Frequency Switching Speed Input IP3 Input IP2 Attenuation 0 - 10 dB 0 - 20 dB 0 - 30 dB 50% control to 90%/10% RF Two Tones 900 MHz, 905 MHz, +5 dBm VB = 0 V Two Tones 900 MHz, 905 MHz, +5 dBm VB = 0 V IB = 0.30 to 0.45 mA
Rev. V3
Test Conditions
VB = 0 V
Units
dB Ratio dB dB dB usec dBm dBm dB
Min
-- -- -- -- -- -- -- -- 25
Typ
1.7 1.7 1.3 1.3 2.5 7.0 40 34 28
Max
2.1 2.2 -- -- -- -- -- -- --
Absolute Maximum Ratings 3,4
Parameter
Max Input Power Operating Voltage Operating Temperature Storage Temperature 3. 4.
Absolute Maximum
+27 dBm +5 V -40C to +85C -65C to +125C
Recommended PCB Configuration5
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
GMIC Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
5.
Circuit Material = FR-406, 0.031 inches thick. Line Width = 0.025 inches, Line Spacing = 0.0056 inches.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATCC0013
Voltage Variable Attenuator 824 - 960 MHz
Typical Performance Curves
Attenuation vs. Voltage with 1.5 pF Tuning Cap @ +25C
35
Rev. V3
Attenuation vs. Freq. With 1.5 pF Tuning Cap @ +25C
Attenuatio n (dB)
30 25 20 15 10 5 0 0.0 1.0 2.0 3.0 4.0
35
Attenuation (dB)
30 25 20 15 10 5 0 820
840
860
880
900
920
940
960
VB (Volts)
Fre que ncy (MHz)
Attenuation vs. Voltage with 1.5 pF Tuning Cap @ +85C
35
Attenuation vs. Freq. With 1.5 pF Tuning Cap @ +85C
A ttenua tio n (dB)
30 25
35 30
Attenuation (dB)
1.0 2.0 3.0 4.0
20 15 10 5 0 0.0
25 20 15 10 5 0 820
VB (Volts)
840
860
880
900
920
940
960
Frequency (MHz)
Attenuation vs. Voltage with 1.5 pF Tuning Cap @ -40C
35
Attenuation vs. Freq. With 1.5 pF Tuning Cap @ -40C
35 30
Attenua tio n (dB)
30
Attenuation (dB)
1.0 2.0 3.0 4.0
25 20 15 10 5 0 0.0
25 20 15 10 5 0 820
840
860
880
900
920
940
960
VB (Volts)
3
Fre que ncy (MHz )
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATCC0013
Voltage Variable Attenuator 824 - 960 MHz
Typical Performance Curves
VSWR vs. Freq. With 1.5 pF Tuning Cap @ +25C
IL 2.5 5d B 10 d B 16 d B 3 0 dB
Rev. V3
Loss vs. Frequency @ +25C No Tuning Cap (See Note 2)
2.0 1.8 1.6 1.4 1.2 1.0
2.0
1.5
1.0 820
Insertion Loss (dB)
VSWR
855
890
925
960
820
840
860
880
900
920
940
960
Fre que ncy (MHz )
Frequency (MHz)
VSWR vs. Freq. With 1.5 pF Tuning Cap @ +85C
Loss vs. Frequency @ +85C No Tuning Cap (See Note 2)
2.0
IL 2.5
5d B
10 d B
16 d B
3 0 dB
Insertion Loss (dB)
1.8 1.6 1.4 1.2 1.0
2.0
VSWR
1.5
1.0 820
820
840
860
880
900
920
940
960
855
890
925
960
Frequency (MHz)
Frequency (MHz)
VSWR vs. Freq. With 1.5 pF Tuning Cap @ -40C
IL 2.5 5d B 10 d B 16 d B and 3 0 d B
Loss vs. Frequency @ -40C No Tuning Cap (See Note 2)
2.0
Insertion Loss (dB)
1 .8 1 .6 1 .4 1 .2 1 .0
2.0
VSWR
1.5 1.0 820
855
890
925
960
820
840
860
880
900
920
940
960
Frequency (MHz)
4
Frequency (MHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATCC0013
Voltage Variable Attenuator 824 - 960 MHz
Lead-Free, SOT-25
Rev. V3
Reference Application Note M538 for lead-free solder reflow recommendations.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAATCC0013-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X