Part Number Hot Search : 
81M35 2N7002D B7829 MOC256 1N522 20012 CMZ5377B 0603C
Product Description
Full Text Search
 

To Download IE0503S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 Watt IE Series
* * * * * * * Single Output SIP or DIP Package Industry Standard Pinout 1000 VDC Isolation Optional 3000 VDC Isolation Short Circuit Protection -40 C to +85 C Operation
DC-DC
xppower.com
Specification
Input
Input Voltage Range * Nominal 10% Input Reflected Ripple * 20 mA rms Input Reverse Voltage * None Protection
Input Voltage(3) No Load Input Current 25 25 30 45 40 40 25 25 25 25 25 25 16 16 16 16 16 16 10 10 10 10 10 10 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Output Voltage 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 V V V V V V V V V V V V V V V V V V V V V V V V Output Current 300 200 111 84 66 42 300 200 111 84 66 42 300 200 111 84 66 42 300 200 111 84 66 42 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Efficiency 75% 78% 78% 78% 78% 78% 72% 75% 77% 78% 78% 78% 72% 75% 77% 78% 78% 78% 72% 75% 77% 78% 78% 78% Model Number(1,2) IE0303S IE0305S IE0309S IE0312S IE0315S IE0324S IE0503S IE0505S IE0509S IE0512S IE0515S IE0524S IE1203S IE1205S IE1209S IE1212S IE1215S IE1224S IE2403S IE2405S IE2409S IE2412S IE2415S IE2424S
3.3 VDC
Output
Output Voltage Minimum Load Line Regulation Load Regulation * * * * See table None(6) 1.2%/1% Vin 10% 20-100% load change (3.3 V models 20%) 5% 60 mV pk-pk, 20 MHz BW 0.02%/C 1 s max 220 F
5 VDC
Setpoint Accuracy * Ripple & Noise * Temperature Coefficient * Short Circuit Protection * Maximum Capacitive * Load
12 VDC
24 VDC
General
Efficiency Isolation Voltage Isolation Capacitance Switching Frequency MTBF * See table * 1000 VDC minimum (3000 VDC -H option) * 60 pF typical * Variable * >2 MHrs
Available from Farnell. See pages 204-206.
Mechanical Details
SIP Package
0.46 (11.68) 0.24 (6.10) max
(4)
DIP Package
0.50 (12.70)
Environmental
Operating Temperature Storage Temperature Case Temperature Cooling * * * * -40 C to +85 C -40 C to +125 C 100 C max Convection-cooled
0.40 (10.14) max
0.38 (9.65) max 0.02 (0.5)
0.27 (6.86) max 0.12 (3.05) max 0.02 (0.5) 0.2 (5.1) 0.30 (7.62)
-Vin +Vin -Vout +Vout +Vout -Vout
Notes
1. For DIP package, replace `S' in model number with `D'. 2. Add suffix `H' to model number for 3000 VDC isolation. 3. For 48 VDC in, specify model number as IE48XXS (not available in DIP package). 4. 48 V models dimension is 0.29 (7.50). 5. All dimensions in inches (mm). 6. Operation at no load will not damage unit but it may not meet all specifications.
0.15 (3.80) max
0.02 (0.5)
0.10 (2.54)
0.30 (7.62) max 0.05 (1.27) 0.01 (0.25)
+Vin -Vin
0.01 (0.25)
0.30 (7.62)
19-Nov-08


▲Up To Search▲   

 
Price & Availability of IE0503S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X