Part Number Hot Search : 
L12PFI C35005 1N5819 SWS50 2SA124 C390M Z5225 M3062
Product Description
Full Text Search
 

To Download FM4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FM4001 thru FM4007
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
VOLTAGE - 50 TO 1000 VOLTS CURRENT - 1.0 AMPERES
SMA/DO-214AC
.055(1.40) .062(1.60) .098(2.50) .114(2.90)
.157(4.00) .181(4.60)
.006(.152) .012(.305)
.078(2.00) .096(2.44) .030(0.76) .060(1.52) .004(.102) .008(.203)
.188(4.80) .208(5.28)
Dimensions in inches and (millimeters)
FEATURES
For surface mount applications Glass passivated junction Low profile package Built-in strain relief Easy pick and place Low forward voltage drop Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature soldering 250oC/10 seconds at terminsls
MECHANICAL DATA
Case JEDEC DO-214AC molded plastic Terminals Solder plated, solderable per MIL-STD-202, Method 208 Polarity Color band denotes cathode end Standard Package 12mm tape (EIA STD EIA-481) Weight 0.002 ounce, 0.064gram
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
SYMBOL FM4001 FM4002 FM4003 FM4004 FM4005 FM4006 FM4007 UNITS Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL =1000C Peak Forward Surge Current 8.3mm Single Half wine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current TA=250C at Rated DC Blocking Voltage TA=1250C Typical Junction Capacitance (NOTE 1) Maximum Thermal Resistance (NOTE 2) VRRM VRMS VDC I(AV) IFSM VF IR CJ R R
JA JL
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 1.1 5 50 12 75 30
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A pF
0
C/W
Operating and Storage Temperature Range
TJ TSTG
-55 to +150
0
C
NOTES 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 volts 2. P .C.B. mounted on 0.2x0.2 (5.0x5.0mm)copper pad areas
www.paceleader.tw
1
FM4001 thru FM4007
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
RATING AND CHARACTERISTICS CURVES FM4001 THRU FM4007
Fig. 1 - FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT, (A)
2.0
Fig. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
30 25
8.3ms Single Half Sine-Wave JEDEC Method
AVERAGE FORWARD CURRENT, (A)
1.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INOUCTIVE LOAD P.C.B MOUNTED ON 0.315x0.315"(8.0x8.0mm) COPPER PAD AREAS
20 15 10 5
0
25 50
75 100 125 150 175
0
LEAD TEMPERATURE, C
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, (mA)
100 10
0 TJ=125C
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
Fig. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100 50 20 10 5 2 1 0.5 0.2 0.1 0.05 0.02 0.01 0.4
1 0.1 0.01 0.001 0 20 40 60 80 100 120 140
TJ=75C
0 TJ=25C 0
0.6
0.8
1
1.2
1.4
1.6 1.8
2
PERCENT OF PEAK REVERSE VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAG (V) E,
Fig. 5 - TRANSIENT THERMAL IMPEDANCE
THERMAL IMPEDANCE ( 0C/W )
1,000 500 200 100 50 20 10 5 2 1 0.01
Fig. 6 - TYPICAL JUNCTION CAPACITANCE
100
CAPACITANCE-pF
Units Mounted on 2 20in2(5. 4mm)+0 .5mil inches (0.013mm) Thick Copper Land Areas
50 20 10 5 2 1 0.01
0 TJ=25C f=1.0MHz Vsig=50m Vp-p
0.1
1
10
100
0.1
1
10
100
HEATING TIME (SEC)
REVERSE VOLTAGE(V)
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of FM4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X