Part Number Hot Search : 
0000X18 HE83006 70022 CY7C680 CP12C60 1N5233B 144868 AL4CS231
Product Description
Full Text Search
 

To Download EFM301B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Amperes
FEATURES
* * * * * *
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
EFM301B THRU EFM307B
Glass passivated device Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.098 gram
DO-214AA
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0
0.083 (2.11) 0.077 (1.96) 0.155 (3.94) 0.130 (3.30)
0.180 (4.57) 0.160 (4.06)
0.012 (0.305) 0.006 (0.152) 0.096 (2.44) 0.084 (2.13)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.060 (1.52) 0.030 (0.76)
0.008 (0.203) 0.004 (0.102)
0.220 (5.59) 0.205 (5.21)
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 55oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ T J, TSTG 50 -55 to + 150 EFM301B EFM302B EFM303B EFM304B EFM305B EFM306B EFM307B 50 35 50 100 70 100 150 105 150 200 140 200 3.0 125 30 300 210 300 400 280 400 600 420 600 UNITS Volts Volts Volts Amps Amps pF
0
C
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) NOTES : @TA = 25oC @TA = 100oC SYMBOL VF IR trr 35 EFM301B EFM302B EFM303B EFM304B EFM305B EFM306B EFM307B 0.95 5.0 100 50 1.25 1.50 UNITS Volts uAmps nSec 2007-3
1. Reverse Recovery Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts 3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
RATING AND CHARACTERISTICS CURVES ( EFM301B THRU EFM307B )
50 W NONINDUCTIVE 10 W NONINDUCTIVE +0.5A
trr
(+) 25 Vdc (approx) (-)
D.U.T
(-)
PULSE GENERATOR (NOTE 2)
0 -0.25A
1 NONINDUCTIVE
OSCILLOSCOPE (NOTE 1)
(+)
NOTES: 1 Rise Time = 7ns max. Input Impedance = 1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance = 50 ohms.
-1.0A
1cm
SET TIME BASE FOR 50/100 ns/cm
FIG.1 TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
3.0
AVERAGE FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, (mA)
1000
2.5 2.0 1.5 1.0 0.5
Single Phase Half Wave 60Hz Resistive or Inductive Load
100
TA = 100 OC
10
TA = 75 OC TA = 25 OC
1.0
0
25
50
75
100
125
150
175
0.1
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, (OC)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.2 TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3 TYPICAL REVERSE CHARACTERISTICS
RATING AND CHARACTERISTICS CURVES ( EFM301B THRU EFM307B )
INSTANTANEOUS FORWARD CURRENT, (A)
PEAK FORWARD SURGE CURRENT, (A)
20 10 3.0 1.0 0.3 0.1 0.03 0.01 0
200 150 125 100
TJ = 25 OC EFM307B EFM305B~EFM306B
8.3ms Single Half Sine-Wave (JEDED Method)
50 30 20 10
EFM301B~EFM304B
Pulse Width=300uS 1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
5
10
50
100
INSTANTANEOUS FORWARD VOLTAGE, (V)
NUMBER OF CYCLES AT 60Hz
FIG.4 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
200
JUNCTION CAPACITANCE, (pF)
FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
100 60 40 20 10 6 4 2 1 0.1 0.2
EFM301B~EFM304B
TJ = 25 OC
EFM305B~EFM307B
0.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE, (V)
FIG.6 TYPICAL JUNCTION CAPACITANCE
Mounting Pad Layout
0.106 MAX. (2.69 MAX.)
0.083MIN. ( 2.10 MIN.) 0.050 MAX. (1.27 MAX.) 0.220
(5.58) REF
Dimensions in inches and (millimeters)
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of EFM301B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X