Part Number Hot Search : 
6F120 030CT EVS9321 NT7702 VO0600T TM24064L A45AF SLT50L5
Product Description
Full Text Search
 

To Download CHM3055ZPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT N-Channel Enhancement Mode Field Effect Transistor
VOLTAGE 60 Volts
APPLICATION
* Servo motor control. * Power MOSFET gate drivers. * Other switching applications.
CHM3055ZPT
CURRENT 4.0 Ampere
FEATURE
* Small package. (SC-73/SOT-223 ) * High density cell design for extremely low RDS(ON). * Rugged and reliable.
6.50+0.20 3.00+0.10
SC-73/SOT-223
1.65+0.15 0.90+0.05 2.0+0.3
CONSTRUCTION
* N-Channel Enhancement
0.70+0.10 0.70+0.10 2.30+0.1
3.5+0.2
7.0+0.3
0.9+0.2
2.0+0.3
0.70+0.10 4.60+0.1
0.27+0.05 0.01~0.10
1 1 Gate
3
2
CIRCUIT
(1) G
D (3)
2 Source 3 Drain ( Heat Sink )
S (2)
Dimensions in millimeters
SC-73/SOT-223
Absolute Maximum Ratings
Symbol Parameter
TA = 25C unless otherwise noted
CHM3055ZPT
Units
VDSS VGSS
Drain-Source Voltage Gate-Source Voltage Maximum Drain Current - Continuous
60
V V
20
4.0
ID - Pulsed PD TJ TSTG Maximum Power Dissipation Operating Temperature Range Storage Temperature Range
(Note 3)
A 25 3000 -55 to 150 -55 to 150 mW C C
Note : 1. Surface Mounted on FR4 Board , t <=10sec 2. Pulse Test , Pulse width <= 300us , Duty Cycle <= 2% 3. Repetitive Rating , Pulse width linited by maximum junction temperature 4. Guaranteed by design , not subject to production trsting
Thermal characteristics
RJA Thermal Resistance, Junction-to-Ambient (Note 1) 42 C/W
2008-04
ELECTRICAL CHARACTERISTIC ( CHM3055ZPT )
Electrical Characteristics T
Symbol Parameter
A
= 25C unless otherwise noted
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVDSS IDSS I GSSF I GSSR
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Gate-Body Leakage
VGS = 0 V, ID = 250 A VDS = 48 V, VGS = 0 V VGS = 20V,VDS = 0 V VGS = -20V, VDS = 0 V
60 10 +100 -100
V A nA nA
ON CHARACTERISTICS
(Note 2)
VGS(th) RDS(ON) g FS
Gate Threshold Voltage
VDS = VGS, ID = 250 A VGS=10V, ID=4.0A
2 75 3 4
4 100
V m S
Forward Transconductance
VDS =15VID = 4.0A ,
Dynamic Characteristics Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25V, VGS = 0V, f = 1.0 MHz 335 150 40 pF
SWITCHING CHARACTERISTICS (Note 4)
Qg Qgs Q gd ton tr toff tf
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Time Rise Time Turn-Off Time Fall Time
VDS=48V, ID=4.0A VGS=10V V DD= 25V I D = 1.2A , VGS = 10 V RGEN= 50
10 2.4 4.0 17 24 41 33
13 nC
25 50 65 60 nS
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
IS VSD
Drain-Source Diode Forward Current
(Note 1) (Note 2)
2.5 1.2
A V
Drain-Source Diode Forward Voltage IS = 4.0A , VGS = 0 V


▲Up To Search▲   

 
Price & Availability of CHM3055ZPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X